Selected language     English  â–Ľ


I048C015T014P2 Datasheet(PDF) 8 Page - Vicor Corporation

Part No. I048C015T014P2
Description  Intermediate Bus Converters Quarter-Brick, 48 Vin Family 1.5 to 48 Vdc Bus Voltages; 100 A - 600 W Output
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VICOR [Vicor Corporation]
Homepage  http://www.vicorpower.com
Logo 

   
 8 page
background image
vicorpower.com
800-735-6200
V•I Chip Intermediate Bus Converter
Rev. 1.5
6/05
Vicor Corporation
25 Frontage Road
Andover, MA, USA 01810
Tel: 800-735-6200
Fax: 978-475-6715
email
Vicor Express: vicorexp@vicr.com
Technical Support: apps@vicr.com
Vicor’s comprehensive line of power solutions includes high density AC-DC
and DC-DC modules and accessory components, fully configurable AC-DC
and DC-DC power supplies, and complete custom power systems.
Information furnished by Vicor is believed to be accurate and reliable. However, no responsibility is assumed by Vicor for
its use. Vicor components are not designed to be used in applications, such as life support systems, wherein a failure or
malfunction could result in injury or death. All sales are subject to Vicor’s Terms and Conditions of Sale, which are
available upon request.
Specifications are subject to change without notice.
Intellectual Property Notice
Vicor and its subsidiaries own Intellectual Property (including issued U.S. and Foreign Patents and pending patent
applications) relating to the products described in this data sheet. Interested parties should contact Vicor's
Intellectual Property Department.
Warranty
Vicor products are guaranteed for two years from date of shipment against defects in material or workmanship when in
normal use and service. This warranty does not extend to products subjected to misuse, accident, or improper
application or maintenance. Vicor shall not be liable for collateral or consequential damage. This warranty is extended
to the original purchaser only.
EXCEPT FOR THE FOREGOING EXPRESS WARRANTY, VICOR MAKES NO WARRANTY, EXPRESS OR IMPLIED, INCLUDING, BUT
NOT LIMITED TO, THE WARRANTY OF MERCHANTABILITY OR FITNESS FOR A PARTICULAR PURPOSE.
Vicor will repair or replace defective products in accordance with its own best judgement. For service under this
warranty, the buyer must contact Vicor to obtain a Return Material Authorization (RMA) number and shipping
instructions. Products returned without prior authorization will be returned to the buyer. The buyer will pay all charges
incurred in returning the product to the factory. Vicor will pay all reshipment charges if the product was defective within
the terms of this warranty.
Information published by Vicor has been carefully checked and is believed to be accurate; however, no responsibility is
assumed for inaccuracies. Vicor reserves the right to make changes to any products without further notice to improve
reliability, function, or design. Vicor does not assume any liability arising out of the application or use of any product or
circuit; neither does it convey any license under its patent rights nor the rights of others. Vicor general policy does not
recommend the use of its components in life support applications wherein a failure or malfunction may directly threaten
life or injury. Per Vicor Terms and Conditions of Sale, the user of Vicor components in life support applications assumes
all risks of such use and indemnifies Vicor against all damages.




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl