Selected language     English  ▼


I048C030T015P1 Datasheet(PDF) 2 Page - Vicor Corporation

Part No. I048C030T015P1
Description  Intermediate Bus Converters Quarter-Brick, 48 Vin Family 1.5 to 48 Vdc Bus Voltages; 100 A - 600 W Output
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VICOR [Vicor Corporation]
Homepage  http://www.vicorpower.com
Logo 

   
 2 page
background image
vicorpower.com
800-735-6200
V•I Chip Intermediate Bus Converter
Rev. 1.5
Page 2 of 8
V•I Chip Intermediate Bus Converter
PRELIMINARY
General Specifications
Part Numbering
Product Matrix
Nominal
Input Voltage
Nominal Output
Voltage (x10)
C = 1/4 Brick
Product Grade
T= -40 to 125°C
Package Style
(See pg 7)
Enable Polarity
P=”+”
M=”–”
(see note 3)
Output Power
(x 0.1)
Format
I = IBC
Output
Full Load
Bus Converter
Number
K Factor
Full Load
ROUT
Max Load
Voltage (1)
Output (2)
Model Number (2)
of BCMs
(Transformation Ratio)
Efficiency
(mΩ)
Capacitance (4)
Watts
Amps
(%)
1.5
135
90
I048C015T014P2
1
1/32
92.0
1.0
100,000 µF
150
50 *
I048C030T015P1
1
94.5
2.0
31,000 µF
3.0
210
70
I048C030T021P2
1
1/16
94.1
2.0
31,000 µF
300
100 **
I048C030T030P2
2
94.3
1.0
62,000 µF
4.0
200
50
I048C040T020P1
1
1/12
93.7
3.0
17,000 µF
400
100
I048C040T040P2
2
93.5
1.5
34,000 µF
6.0
240
40
I048C060T024P1
1
1/8
94.8
7.5
7,600 µF
480
80
I048C060T048P2
2
3.8
15,200 µF
8.0
240
30
I048C080T024P1
1
95.8
8.3
4,300 µF
480
60
I048C080T048P2
2
95.8
4.2
8,600 µF
9.6
240
25
I048C096T024P1
1
1/5
96.3
10.0
3,000 µF
480
50
I048C096T048P1
2
5.1
6,000 µF
12
300
25
I048C120T030P1
1
1/4
96.0
14.0
1,000 µF
600
50
I048C120T060P1
2
96.0
7.0
2,000 µF
16
240
15.0
I048C160T024P1
1
1/3
95.7
30.0
900 µF
480
30.0
I048C160T048P1
2
15.0
1,800 µF
24
240
10.0
I048C240T024P1
1
1/2
95.0
60.0
470 µF
480
20.0
I048C240T048P1
2
30.0
940 µF
32
300
9.4
I048C320T030P1
1
2/3
95.0
99.0
200 µF
600
18.7
I048C320T060P1
2
48.0
400 µF
48
300
6.3
I048C480T030P1
1
1
96.3
190.0
100 µF
600
12.5
I048C480T060P1
2
95.0
200 µF
*
Full load capability is actually 70 A at 3 V. The maximum rating of the output pins is 50 A.
**
Full load capability is actually 140 A at 3 V. The maximum rating of the output pins is 100 A.
Notes:
(1) Output voltage at 48 Vdc input, no load and 25°C temperature.
(2) Maximum power and current ratings should not be exceeded under normal operating conditions.
(3) The ending "P" indicates positive enable logic (pull PC pin low to disable). Change to "M" to indicate negative logic (pull PC pin low to enable).
(4) Exceeding this value can cause the unit not to turn on into load.
I
048
C
030
T
015
P
2




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl