Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

I048C030T021P2 Datasheet(PDF) 1 Page - Vicor Corporation

Part # I048C030T021P2
Description  Intermediate Bus Converters Quarter-Brick, 48 Vin Family 1.5 to 48 Vdc Bus Voltages; 100 A - 600 W Output
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

I048C030T021P2 Datasheet(HTML) 1 Page - Vicor Corporation

  I048C030T021P2 Datasheet HTML 1Page - Vicor Corporation I048C030T021P2 Datasheet HTML 2Page - Vicor Corporation I048C030T021P2 Datasheet HTML 3Page - Vicor Corporation I048C030T021P2 Datasheet HTML 4Page - Vicor Corporation I048C030T021P2 Datasheet HTML 5Page - Vicor Corporation I048C030T021P2 Datasheet HTML 6Page - Vicor Corporation I048C030T021P2 Datasheet HTML 7Page - Vicor Corporation I048C030T021P2 Datasheet HTML 8Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
vicorpower.com
800-735-6200
V•I Chip Intermediate Bus Converter
Rev. 1.5
Page 1 of 8
V•I Chip Intermediate Bus Converter
PRELIMINARY
Parameter
Values
Unit
Notes
+In to -In voltage
Continuous
-1.0 to 60
Vdc
Surge
100
Vdc
<100ms
ON/OFF to -In voltage
-0.3 to 7.0
Vdc
Isolation voltage
Basic insulation
Input to output
2,250
Vdc
In/Out to heat sink
1,500
Vdc
Operating temperature
-40 to 125
°C
Junction
Pin soldering temperature
Wave
500 (260)
°F (°C)
<5 sec
Hand
750 (390)
°F (°C)
<7 sec
• Up to 600 W
• 94% Efficiency @ 3 Vdc
• 600 W @ 55ºC, 400 LFM
• 125°C operating temperature
• 400 W/in3 power density
• 38-55 Vdc input range
• 100 V input surge for 100 ms
•SAC topology
• Low noise ZCS/ZVS architecture
• 3.5 MHz switching frequency
• Fast dynamic response
• 2,250 Vdc basic insulation
• Parallelable, with faul
tolerance
©
V•I ChipTM
VIC-in-a-Brick
IBC
Product Description
These "VIC-in-a-Brick" Intermediate Bus Converter (IBC)
modules use Vicor’s V•I Chip Bus Converter Modules (BCM)
to achieve the highest performance for Intermediate Bus
Architecture applications. Operating from a 38 – 55 Vdc
input, ten different fixed ratio outputs are available from 3 to
48 Vdc. You can choose the intermediate bus voltage that is
optimal for your system and load requirements.
These quarter-bricks are available with a single BCM,
rated up to 300 W or 70 A, or with dual BCMs, capable
of 600 W or 100 A. Dual output pins are used for output
currents over 50 A.
Utilizing breakthrough Sine Amplitude Converter (SAC)
technology, BCMs offer the highest efficiency, lowest noise,
fastest transient response and highest power density. And full
load power is available at 55ºC with only 200 LFM of air
for single BCM versions and 400 LFM for dual BCM
versions, without a heat sink.
Absolute Maximum Ratings
Parameter
Typ
Unit
VIC to ambient; 0 LFM (Single BCM)
13.3
°C/W
VIC to ambient; 0 LFM (Dual BCM)
11.7
°C/W
VIC to ambient; 200 LFM (Single BCM)
6.1
°C/W
VIC to ambient; 200 LFM (Dual BCM)
4.3
°C/W
Thermal capacity (Single BCM)
14.3
Ws/°C
Thermal capacity (Dual BCM)
22.8
Ws/°C
Thermal Resistance and Capacity
Intermediate Bus Converters
Quarter-Brick, 48 Vin Family
1.5 to 48 Vdc Bus Voltages; 100 A - 600 W Output


Similar Part No. - I048C030T021P2

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
I048C030T021P2 VICOR-I048C030T021P2 Datasheet
312Kb / 8P
   Intermediate Bus Converters Quarter-Brick, 48 Vin Family
More results

Similar Description - I048C030T021P2

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
I048C030T015P2 VICOR-I048C030T015P2 Datasheet
312Kb / 8P
   Intermediate Bus Converters Quarter-Brick, 48 Vin Family
D048C010T010M2N VICOR-D048C010T010M2N Datasheet
439Kb / 14P
   DC-DC Converters Quarter Brick, 48 Vin Family
logo
Murata Manufacturing Co...
RBC-12 MURATA-RBC-12 Datasheet
396Kb / 9P
   Quarter Brick, Regulated Bus Converters
logo
Murata Power Solutions ...
RBC-12-D48 MURATA-PS-RBC-12-D48 Datasheet
353Kb / 10P
   Quarter Brick, Regulated Bus Converters
logo
DATEL, Inc.
QB300S48-3.2 DATEL-QB300S48-3.2 Datasheet
141Kb / 1P
   Quarter-Brick, 150-Watt, 48 Volts Output
QB45S48-3.2 DATEL-QB45S48-3.2 Datasheet
142Kb / 1P
   Quarter-Brick, 150-Watt, 48 Volts Output
QBR87S48-1.05 DATEL-QBR87S48-1.05 Datasheet
141Kb / 1P
   Quarter-Brick, 50-Watt, 48 Volts Output
QB22S48-3.2 DATEL-QB22S48-3.2 Datasheet
142Kb / 1P
   Quarter-Brick, 150-Watt, 48 Volts Output
logo
Bel Fuse Inc.
MBC1200 BEL-MBC1200 Datasheet
1Mb / 14P
   Single 24 VDC / 48 VDC output voltages available
logo
Wall Industries,Inc.
MPQ24S48-50 WALL-MPQ24S48-50 Datasheet
809Kb / 11P
   50 W DC-DC Converter 10-36 Vdc Input 48 Vdc Output at 1 A Quarter-Brick Package
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com