Selected language     English  ▼


I048C040T020P1 Datasheet(PDF) 1 Page - Vicor Corporation

Part No. I048C040T020P1
Description  Intermediate Bus Converters Quarter-Brick, 48 Vin Family 1.5 to 48 Vdc Bus Voltages; 100 A - 600 W Output
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VICOR [Vicor Corporation]
Homepage  http://www.vicorpower.com
Logo 

   
 1 page
background image
vicorpower.com
800-735-6200
V•I Chip Intermediate Bus Converter
Rev. 1.5
Page 1 of 8
V•I Chip Intermediate Bus Converter
PRELIMINARY
Parameter
Values
Unit
Notes
+In to -In voltage
Continuous
-1.0 to 60
Vdc
Surge
100
Vdc
<100ms
ON/OFF to -In voltage
-0.3 to 7.0
Vdc
Isolation voltage
Basic insulation
Input to output
2,250
Vdc
In/Out to heat sink
1,500
Vdc
Operating temperature
-40 to 125
°C
Junction
Pin soldering temperature
Wave
500 (260)
°F (°C)
<5 sec
Hand
750 (390)
°F (°C)
<7 sec
• Up to 600 W
• 94% Efficiency @ 3 Vdc
• 600 W @ 55ºC, 400 LFM
• 125°C operating temperature
• 400 W/in3 power density
• 38-55 Vdc input range
• 100 V input surge for 100 ms
•SAC topology
• Low noise ZCS/ZVS architecture
• 3.5 MHz switching frequency
• Fast dynamic response
• 2,250 Vdc basic insulation
• Parallelable, with faul
tolerance
©
V•I ChipTM
VIC-in-a-Brick
IBC
Product Description
These "VIC-in-a-Brick" Intermediate Bus Converter (IBC)
modules use Vicor’s V•I Chip Bus Converter Modules (BCM)
to achieve the highest performance for Intermediate Bus
Architecture applications. Operating from a 38 – 55 Vdc
input, ten different fixed ratio outputs are available from 3 to
48 Vdc. You can choose the intermediate bus voltage that is
optimal for your system and load requirements.
These quarter-bricks are available with a single BCM,
rated up to 300 W or 70 A, or with dual BCMs, capable
of 600 W or 100 A. Dual output pins are used for output
currents over 50 A.
Utilizing breakthrough Sine Amplitude Converter (SAC)
technology, BCMs offer the highest efficiency, lowest noise,
fastest transient response and highest power density. And full
load power is available at 55ºC with only 200 LFM of air
for single BCM versions and 400 LFM for dual BCM
versions, without a heat sink.
Absolute Maximum Ratings
Parameter
Typ
Unit
VIC to ambient; 0 LFM (Single BCM)
13.3
°C/W
VIC to ambient; 0 LFM (Dual BCM)
11.7
°C/W
VIC to ambient; 200 LFM (Single BCM)
6.1
°C/W
VIC to ambient; 200 LFM (Dual BCM)
4.3
°C/W
Thermal capacity (Single BCM)
14.3
Ws/°C
Thermal capacity (Dual BCM)
22.8
Ws/°C
Thermal Resistance and Capacity
Intermediate Bus Converters
Quarter-Brick, 48 Vin Family
1.5 to 48 Vdc Bus Voltages; 100 A - 600 W Output




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl