Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QPI-10 Datasheet(PDF) 1 Page - Vicor Corporation

Part # QPI-10
Description  AdvancedTCATM Hot-Swap SiP with VI Chip EMI Filter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

QPI-10 Datasheet(HTML) 1 Page - Vicor Corporation

  QPI-10 Datasheet HTML 1Page - Vicor Corporation QPI-10 Datasheet HTML 2Page - Vicor Corporation QPI-10 Datasheet HTML 3Page - Vicor Corporation QPI-10 Datasheet HTML 4Page - Vicor Corporation QPI-10 Datasheet HTML 5Page - Vicor Corporation QPI-10 Datasheet HTML 6Page - Vicor Corporation QPI-10 Datasheet HTML 7Page - Vicor Corporation QPI-10 Datasheet HTML 8Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Picor Corporation • www.picorpower.com
QPI-10 Data Sheet Rev. 1.4 Page 1 of 8
AdvancedTCA
TM Hot-Swap SiP with V•I Chip EMI Filter
QPI-10
QUIETPOWER
®
Features
• > 40 dB CM attenuation at 1 MHz
• > 60 dB DM attenuation at 1 MHz
• 80 Vdc (max input)
• 100 Vdc surge 100 msec
• 1500 V hipot hold off to shield
• 6 A breaker with delay plus 12 A limiter
• 25 mm x 25 mm x 4.5 mm SiP (System-in-Package)
• Low profile LGA package
• - 40° to +100°C PCB temperature (See Fig. 5)
• Hot-swap & filter combined saves PCB space
• Efficiency ~99%
• Connects between OR’ing diodes & power
conversion input hold-up capacitance
• Patents pending
• TÜV approval
Applications
• Telecom & ATCA PICMG
® 3.0 boards using
Vicor’s V•I Chip technology
Figure 1 – Block Diagram
Figure 2 – Typical Attenuation
Description
The QPI-10 integrates a total hot-swap function with
an EMI filter for V•I Chip applications. The product
aligns with the AdvancedTCA
TM PICMG3.0‚
require-ments for hot insertion and board level
conducted noise limitations. The EMI filter provides
conducted common-mode (CM) and differential-mode
(DM) noise attenuation from 150 kHz to 30 MHz.
The QPI-10 is designed for use on a 48 or 60 Vdc bus
(36 – 76 Vdc). The inrush current limit and circuit
breaker are designed to satisfy the 200 W per board
PICMG3.0‚ limit up to 70°C PCB temperature around
the QPI-10.
The under and overvoltage thresholds can be trimmed
separately via the UVEN and OV inputs using external
series resistors. The QPI-10 provides two Power Good
signals, with one referenced to the input ground and
the other to the output ground, which can be used to
enable other circuits along with the V•I Chip converter.
®


Similar Part No. - QPI-10

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
QPI-10-CB1 VICOR-QPI-10-CB1 Datasheet
1Mb / 7P
   QPI-10LZ Filter Carrier Board for 48 V VI Chip EMI Evaluation
QPI-10L VICOR-QPI-10L Datasheet
151Kb / 1P
   VI Chip Input EMI Filters
logo
Powerbox
QPI-10L POWERBOX-QPI-10L Datasheet
1Mb / 1P
   ACTIVE EMI FILTER
logo
Vicor Corporation
QPI-10LZ VICOR-QPI-10LZ Datasheet
151Kb / 1P
   VI Chip Input EMI Filters
logo
Powerbox
QPI-10LZ POWERBOX-QPI-10LZ Datasheet
1Mb / 1P
   ACTIVE EMI FILTER
More results

Similar Description - QPI-10

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
QPI-9 VICOR-QPI-9 Datasheet
648Kb / 8P
   Hot-Swap SiP With VI Chip EMI Filter
QPI-8L VICOR-QPI-8L Datasheet
259Kb / 8P
   AdvencedTCA Hot-Swap Sip With Active EMI Filter
QPI-8 VICOR-QPI-8 Datasheet
1Mb / 17P
   AdvancedTCA??Hot-Swap with Active EMI Filter
QPI-8EVAL1 VICOR-QPI-8EVAL1 Datasheet
63Kb / 2P
   Evaluation Board for Active EMI Filters with Hot-Swap
logo
IXYS Corporation
IXHQ100PI IXYS-IXHQ100PI Datasheet
74Kb / 4P
   Negative Voltage Hot Swap Controller with Active Power Filter
IXHQ100 IXYS-IXHQ100 Datasheet
113Kb / 9P
   Negative Voltage Hot Swap Controller with Active Power Filter
logo
Linear Technology
LTC1642 LINER-LTC1642 Datasheet
147Kb / 12P
   Hot Swap Controller
LTC4218 LINER-LTC4218_15 Datasheet
318Kb / 18P
   Hot Swap Controller
LTC1421-2.5 LINER-LTC1421-2.5_15 Datasheet
334Kb / 24P
   Hot Swap Controller
LTC1421 LINER-LTC1421 Datasheet
464Kb / 24P
   Hot Swap Controller
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com