Electronic Components Datasheet Search
Selected language     English  ▼


I048C320T060P1 Datasheet(PDF) 4 Page - Vicor Corporation

Part No. I048C320T060P1
Description  Intermediate Bus Converters Quarter-Brick, 48 Vin Family 1.5 to 48 Vdc Bus Voltages; 100 A - 600 W Output
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VICOR [Vicor Corporation]
Homepage  http://www.vicorpower.com
Logo 

   
 4 page
background image
vicorpower.com
800-735-6200
V•I Chip Intermediate Bus Converter
Rev. 1.5
Page 4 of 8
V•I Chip Intermediate Bus Converter
PRELIMINARY
Safety Specification
Thremal Specifications
General Specifications
Control Specifications – Primary Control (PC Pin)
Electrical Specifications (continued)
Parameter
Min
Typ
Max
Unit
Notes
Isolation voltage
Complies with basic insulation requirements
Input to output
2,250
Vdc
In/Out to chassis
1,500
Vdc
Isolation resistance
10
MΩ
Input to output
Agency approvals (pending)
cTÜVus
UL/CSA 60950, EN 60950
CE Mark
Low voltage directive
Parameter
Min
Typ
Max
Unit
Notes
Operating junction temperature
-40
+125
°C
Storage temperature
-40
+150
°C
Temperature limiting
125
130
135
°C
Junction temperature
Thermal capacity
1 BCM
14.3
Ws/°C
2 BCM
22.8
Ws/°C
Pin soldering temperature
Wave
500 (260)
°F (°C)
<5 sec
Hand
750 (390)
°F (°C)
<7 sec
Parameter
Min
Typ
Max
Unit
Notes
MTBF
MIL-HDBK-217F
3,600
Khrs
25°C, GB; per BCM
Telcordia TR-NT-000332
4,200
Khrs
per BCM
Weight
3.7 (104)
oz (g)
Dimensions
2.3 x 1.45 x 0.47
in
L x W x H
58,4 x 36,8 x 11,9
mm
L x W x H
Parameter
Min
Typ
Max
Unit
Notes
Voltage (P version)
4.8
5.0
5.2
Vdc
Disable voltage (P version)
2.4
2.5
Vdc
Enable voltage (P version)
2.5
2.6
Vdc
Enable voltage (M version)
1.2
1.5
Vdc
Disable voltage (M version)
1.5
3.5
Vdc
Current limit (P version)
2.4
2.5
2.9
mA
Source only




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl