Selected language     English  ▼


I048C480T060P1 Datasheet(PDF) 6 Page - Vicor Corporation

Part No. I048C480T060P1
Description  Intermediate Bus Converters Quarter-Brick, 48 Vin Family 1.5 to 48 Vdc Bus Voltages; 100 A - 600 W Output
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VICOR [Vicor Corporation]
Homepage  http://www.vicorpower.com
Logo 

   
 6 page
background image
vicorpower.com
800-735-6200
V•I Chip Intermediate Bus Converter
Rev. 1.5
Page 6 of 8
V•I Chip Intermediate Bus Converter
PRELIMINARY
Thermal Management (continued)
0
10
20
30
40
50
60
70
80
90
100
110
120
130
123456
789
10
11
12
Power Dissipation (W)
100LFM
200LFM
300LFM
400LFM
500LFM
600LFM
850LFM
1000LFM
Figure 2— Maximum operating ambient temp. curves for 1 BCM with 0
degree airflow
0
10
20
30
40
50
60
70
80
90
100
110
120
130
123
456789
10
11
12
Power Dissipation (W)
1000LFM
850LFM
600LFM
500LFM
400LFM
300LFM
200LFM
100LFM
Figure 3— Maximum operating ambient temp. curves for 1 BCM with 90
degree airflow
0
10
20
30
40
50
60
70
80
90
100
110
120
130
12 34 567 89 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24
Power Dissipation (W)
100LFM
200LFM
300LFM
400LFM
500LFM
600LFM
850LFM
1000LFM
Figure 4— Maximum operating ambient temp. curves for 2 BCM with 0
degree airflow
0
10
20
30
40
50
60
70
80
90
100
110
120
130
123456 789 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24
Power Dissipation (W)
100LFM
200LFM
300LFM
400LFM
500LFM
600LFM
850LFM
1000LFM
Figure 5— Maximum operating ambient temp. curves for 2 BCM with 90
degree airflow
0 degree airflow
90 degree airflow
Figure 1— 0 and 90 degree airflow orientations for one or two BCM configurations




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl