Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QPI-11 Datasheet(PDF) 2 Page - Vicor Corporation

Part # QPI-11
Description  7 A V쨌I Chip EMI Filter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

QPI-11 Datasheet(HTML) 2 Page - Vicor Corporation

  QPI-11 Datasheet HTML 1Page - Vicor Corporation QPI-11 Datasheet HTML 2Page - Vicor Corporation QPI-11 Datasheet HTML 3Page - Vicor Corporation QPI-11 Datasheet HTML 4Page - Vicor Corporation QPI-11 Datasheet HTML 5Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Picor Corporation • www.picorpower.com
QPI-11 Data Sheet Rev. 1.6 Page 2 of 5
Absolute Maximum Ratings Exceeding these parameters may result in permanent damage to the product.
Electrical Characteristics Parameter limits apply over the operating PCB temperature range unless otherwise noted
Pins
Parameter
Notes
Min
Max
Units
Bus+ to Bus–
Input voltage
Continuous
-50
50
Vdc
Bus+ to Bus–
Input voltage
100 ms transient
-100
100
Vdc
BUS+ / BUS– to shield plane
BUS inputs to shield hipot
-750
750
Vdc
QPI+ to QPI–
Input to output current
Continuous @ 25°C
7
Adc
Package
Power dissipation
@ 25°C
1.50
W
Package
Operating temperature
PCB to filter interface
100
°C
Package
Thermal resistance
Free air
75
°C/W
Package
Thermal resistance
PCB Layout Fig. 5
30
°C/W
Package
Storage temperature
-55
125
°C
Package
Reflow temperature
20 s exposure
(1)
212
°C
All Pins
ESD
HBM
-2
+2
kV
Parameter
Notes
Min
Typ
Max
Units
Bus+ to Bus- input range
Measured at 7 A
5
50
Vdc
Bus+ to Out+ voltage drop
Measured at 7 A
(2)
110
mVdc
Bus- to Out- voltage drop
Measured at 7 A
(2)
110
mVdc
Common mode attenuation
VBUS = 24 V Frequency = 1.0 MHz
50
dB
Differential mode attenuation
VBUS = 24 V Frequency = 1.0 MHz
70
dB
Input bias current at 40 V
Input current from Bus+ to Bus-
10
µA
Note 1: RoHS compliant product maximum peak temperature is 245°C for 20 seconds.
0.1000
Pad Detail: 10 Places
0.184
0.052
0.148
0.000
0.184
0.1773
0.4882
0.2000
0.9843
0.1000
0.2000
1
2
3
4
5
6
78
9
10
1/2 SIP Package
(Bottom View)
Pad Description
SiP Package Outline
Pin
Number
Name
Description
8, 9
Bus +
Positive bus voltage
1, 10
Bus –
Negative bus potential
6, 7
Out +
Positive input to the converter
4, 5
Out –
Negative input to the converter
2, 3
Shield
The shield connects to system shield and
may connect to the converter created
shield plane
Note 2: See Figure 6 for current derating curve.
Ordering Information
Part
Number
Description
QPI-11LZ
QPI-11 LGA Package, RoHS Compliant
QPI-11LZ-01
QPI-11 LGA, RoHS Compliant
Open Frame Package


Similar Part No. - QPI-11

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
QPI-11L VICOR-QPI-11L Datasheet
151Kb / 1P
   VI Chip Input EMI Filters
logo
Powerbox
QPI-11L POWERBOX-QPI-11L Datasheet
1Mb / 1P
   ACTIVE EMI FILTER
logo
Vicor Corporation
QPI-11LZ VICOR-QPI-11LZ Datasheet
151Kb / 1P
   VI Chip Input EMI Filters
logo
Powerbox
QPI-11LZ POWERBOX-QPI-11LZ Datasheet
1Mb / 1P
   ACTIVE EMI FILTER
More results

Similar Description - QPI-11

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
QPI-12 VICOR-QPI-12 Datasheet
438Kb / 4P
   7 A V쨌I Chip EMI Filter
logo
Abracon Corporation
AMBF22 ABRACON-AMBF22 Datasheet
205Kb / 2P
   MULTILAYER CHIP BALANCE-EMI FILTER
08.24.07
logo
STMicroelectronics
EMIF07-LCD03F3 STMICROELECTRONICS-EMIF07-LCD03F3 Datasheet
431Kb / 7P
   7-line IPAD?? EMI filter and ESD protection
logo
Vicor Corporation
QPI-3L VICOR-QPI-3L Datasheet
128Kb / 8P
   7 Amp Active EMI Filter for 24V DC Bus
logo
Murata Manufacturing Co...
NFG0NCN162HL3 MURATA1-NFG0NCN162HL3 Datasheet
379Kb / 3P
   The chip EMIFIL NFE61PT is a T-type circuit EMI suppression filter.
Last updated07/22/2022
NFE61PT330B1H9 MURATA1-NFE61PT330B1H9_V01 Datasheet
310Kb / 3P
   The chip EMIFIL NFE61PT is a T-type circuit EMI suppression filter.
Last updated07/22/2022
NFE61PT361B1H9 MURATA1-NFE61PT361B1H9_V01 Datasheet
311Kb / 3P
   The chip EMIFIL NFE61PT is a T-type circuit EMI suppression filter.
Last updated07/22/2022
NFE61PT680B1H9 MURATA1-NFE61PT680B1H9_V01 Datasheet
310Kb / 3P
   The chip EMIFIL NFE61PT is a T-type circuit EMI suppression filter.
Last updated07/22/2022
NFE61PT181B1H9 MURATA1-NFE61PT181B1H9_V01 Datasheet
311Kb / 3P
   The chip EMIFIL NFE61PT is a T-type circuit EMI suppression filter.
Last updated07/22/2022
NFE61PT472C1H9 MURATA1-NFE61PT472C1H9_V01 Datasheet
313Kb / 3P
   The chip EMIFIL NFE61PT is a T-type circuit EMI suppression filter.
Last updated07/22/2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com