Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QPI-10-CB1 Datasheet(PDF) 7 Page - Vicor Corporation

Part # QPI-10-CB1
Description  QPI-10LZ Filter Carrier Board for 48 V VI Chip EMI Evaluation
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

QPI-10-CB1 Datasheet(HTML) 7 Page - Vicor Corporation

  QPI-10-CB1 Datasheet HTML 1Page - Vicor Corporation QPI-10-CB1 Datasheet HTML 2Page - Vicor Corporation QPI-10-CB1 Datasheet HTML 3Page - Vicor Corporation QPI-10-CB1 Datasheet HTML 4Page - Vicor Corporation QPI-10-CB1 Datasheet HTML 5Page - Vicor Corporation QPI-10-CB1 Datasheet HTML 6Page - Vicor Corporation QPI-10-CB1 Datasheet HTML 7Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Picor Corporation • www.picorpower.com
QPI-10-CB1 Data Sheet Rev. 1.1 Page 7 of 7
5/08
VTM
PRM
BCM
-In
-In
+In
5/07 revB
Vin-
QPI / V
•IChip Carrier Board
For QPI-9 or QPI-10 filter models
Reorder # QPI-xx-CB1*
* xx indicates model
E
Vout+
Vout-
Carrier
CY10
CY9
CY8
CY7
CY6
CY5
CY4
CY3
CY2
CY1
C1
Vin-
Vin+
C2
QPI
R1
R2
SW1
Shield
+In
QPI-10LZ
3.200
8.200
0.250
0.400
2.815
2.150
1.050
0.385
2.800
2.250
2.150
2.050
1.050
0.000
Figure 17 – Mechanical drawing for QPI-10-CB1
Carrier Board Part Number
Compatible V•I Chip Evaluation Boards (sold separately)*
QPI-10-CB1
PRMs: P048F048T12AL-CB, P048F048T24AL-CB,
P048F048T17AL-CB, P048F048T32AL-CB,
VTMs: All 48 V input models
BCMs: All 48 V input models
Ordering Information
* Some V•I Chip products exceed the current rating and therefore may not be compatible when operating at full load
Additional Resources Online
QPI-10LZ Data Sheet
http://vicorpower.com/picorpower/data_sheets/#input_filters
V•I Chip Data Sheets and User Guides
http://vicorpower.com/products/vichip/


Similar Part No. - QPI-10-CB1

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
QPI-10 VICOR-QPI-10 Datasheet
577Kb / 8P
   AdvancedTCATM Hot-Swap SiP with VI Chip EMI Filter
QPI-10L VICOR-QPI-10L Datasheet
151Kb / 1P
   VI Chip Input EMI Filters
logo
Powerbox
QPI-10L POWERBOX-QPI-10L Datasheet
1Mb / 1P
   ACTIVE EMI FILTER
logo
Vicor Corporation
QPI-10LZ VICOR-QPI-10LZ Datasheet
577Kb / 8P
   AdvancedTCATM Hot-Swap SiP with VI Chip EMI Filter
QPI-10LZ VICOR-QPI-10LZ Datasheet
151Kb / 1P
   VI Chip Input EMI Filters
More results

Similar Description - QPI-10-CB1

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
QPI-12-CB1 VICOR-QPI-12-CB1 Datasheet
1Mb / 6P
   QPI-12LZ Filter Carrier Board for 48 V VI Chip EMI Evaluation
LCAS6-10-L VICOR-LCAS6-10-L Datasheet
693Kb / 4P
   VI CHIP Evaluation Board
IB050Q096T70N1-CB VICOR-IB050Q096T70N1-CB Datasheet
1Mb / 5P
   VI BRICK짰 IBC Customer Evaluation Board
IB050E096T48N1-CB VICOR-IB050E096T48N1-CB Datasheet
1Mb / 5P
   VI BRICK짰 IBC Customer Evaluation Board
IB048E096T40N1-CB VICOR-IB048E096T40N1-CB Datasheet
1Mb / 5P
   VI BRICK짰 IBC Customer Evaluation Board
IB050E096T40N1-CB VICOR-IB050E096T40N1-CB Datasheet
1Mb / 5P
   VI BRICK짰 IBC Customer Evaluation Board
IB050Q096T64N1-CB VICOR-IB050Q096T64N1-CB Datasheet
1Mb / 5P
   VI BRICK짰 IBC Customer Evaluation Board
logo
BCM Advanced Research.
REV-SA01 BCM-REV-SA01 Datasheet
559Kb / 1P
   3.5” SMARC Evaluation Carrier Board
08/20/2014
logo
Vicor Corporation
QPI-9 VICOR-QPI-9 Datasheet
648Kb / 8P
   Hot-Swap SiP With VI Chip EMI Filter
QPI-X-EVAL1 VICOR-QPI-X-EVAL1 Datasheet
126Kb / 2P
   Evaluation Board for Active EMI Filters
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com