Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M-FIAM9M13 Datasheet(PDF) 2 Page - Vicor Corporation

Part # M-FIAM9M13
Description  Military COTS 28 Vin Filter Input Attenuator Module
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

M-FIAM9M13 Datasheet(HTML) 2 Page - Vicor Corporation

  M-FIAM9M13 Datasheet HTML 1Page - Vicor Corporation M-FIAM9M13 Datasheet HTML 2Page - Vicor Corporation M-FIAM9M13 Datasheet HTML 3Page - Vicor Corporation M-FIAM9M13 Datasheet HTML 4Page - Vicor Corporation M-FIAM9M13 Datasheet HTML 5Page - Vicor Corporation M-FIAM9M13 Datasheet HTML 6Page - Vicor Corporation M-FIAM9M13 Datasheet HTML 7Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Vicor Corp. Tel: 800-735-6200, 978-470-2900 Fax: 978-475-6715
M-FIAM9
Rev. 2.1
Page 2 of 7
Set your site on VICOR at vicorpower.com
Parameter
Min
Typ
Max
Unit
Notes
Input voltage
10
28
36
Vdc
Continuous
Inrush limiting
0.007
A/µF
Transient immunity
100
Vdc
50 ms per MIL-STD-1275A/B/D, continuous operation
250
Vdc
70 µs per MIL-STD-1275A/B/D, continuous operation
70
Vdc
20 ms per MIL-STD-704A, continuous operation
50
Vdc
12.5 ms per MIL-STD-704E/F, continuous operation
INPUT SPECIFICATIONS
Parameter
Min
Typ
Max
Unit
Notes
Output power
500
W
Output current
18
A
Efficiency
96
97
%
Internal voltage drop
0.85
1.5
V
500 W, 25°C baseplate
External capacitance
See Figure 4 on page 4
330
1000
µF
50 V
OUTPUT SPECIFICATIONS
Parameter
Min
Typ
Max
Unit
Notes
ON/OFF control
Enable (ON)
0.0
1.0
Vdc
Referenced to – Vout
Disable (OFF)
3.5
5.0
Vdc
100 k
Ω internal pull up resistor
CONTROL PIN SPECIFICATIONS
Parameter
Min
Typ
Max
Unit
Notes
Dielectric withstand
1,500
Vrms
Input/Output to Base
2,121
Vdc
Input/Output to Base
SAFETY SPECIFICATIONS
SPECIFICATIONS
(typical at TBP = 25°C, nominal line and 75% load, unless otherwise specified)
Standard
Test Procedure
Notes
MIL-STD-461E
When using with V28 series converters a 27 µH inductor is
Conducted emissions:
CE101, CE102
needed between the filter and converter for compliance
Conducted susceptibility:
CS101, CS114, CS115, CS116
below 30% of rated power.
EMI
Parameter
Min
Typ
Max
Unit
Notes
Weight
3.3 (94)
Ounces (grams)
Warranty
2
Years
GENERAL SPECIFICATIONS


Similar Part No. - M-FIAM9M13

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
M-FIAM3 VICOR-M-FIAM3 Datasheet
270Kb / 4P
   Military 270Vin Filter Input Attenuator Module
logo
Powerbox
M-FIAM3 POWERBOX-M-FIAM3 Datasheet
552Kb / 1P
   MILITARY COTS INPUT ATTENUATOR MODULES
M-FIAM3BI11 POWERBOX-M-FIAM3BI11 Datasheet
552Kb / 1P
   MILITARY COTS INPUT ATTENUATOR MODULES
M-FIAM3BI12 POWERBOX-M-FIAM3BI12 Datasheet
552Kb / 1P
   MILITARY COTS INPUT ATTENUATOR MODULES
M-FIAM3BI13 POWERBOX-M-FIAM3BI13 Datasheet
552Kb / 1P
   MILITARY COTS INPUT ATTENUATOR MODULES
More results

Similar Description - M-FIAM9M13

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
M-FIAM5BM21 VICOR-M-FIAM5BM21 Datasheet
432Kb / 7P
   Military COTS 28 Vin Filter Input Attenuator Module
M-FIAM7M21 VICOR-M-FIAM7M21 Datasheet
492Kb / 6P
   Military COTS 28 Vin Filter Input Attenuator Module
M-FIAM3M21 VICOR-M-FIAM3M21 Datasheet
316Kb / 6P
   Military COTS 270 Vin Filter Input Attenuator Module
logo
Powerbox
M-FIAM3 POWERBOX-M-FIAM3 Datasheet
552Kb / 1P
   MILITARY COTS INPUT ATTENUATOR MODULES
logo
Vicor Corporation
M-FIAM3 VICOR-M-FIAM3 Datasheet
270Kb / 4P
   Military 270Vin Filter Input Attenuator Module
M-FIAM5 VICOR-M-FIAM5 Datasheet
188Kb / 5P
   Military 28Vin Filter Input Attenuator Module
logo
Powerbox
MI-A22-MU POWERBOX-MI-A22-MU Datasheet
449Kb / 1P
   200 WATTS MILITARY COTS INPUT ATTENUATOR MODULES
logo
Vicor Corporation
MIL-STD-810 VICOR-MIL-STD-810 Datasheet
100Kb / 1P
   Military COTS Ripple Attenuator Modules
logo
SynQor Worldwide Headqu...
MCOTS-F-28-P-QT SYNQOR-MCOTS-F-28-P-QT Datasheet
1Mb / 7P
   MILITARY COTS EMI FILTER
logo
Powerbox
MI-RAM-I2 POWERBOX-MI-RAM-I2 Datasheet
411Kb / 1P
   MILITARY COTS OUTPUT RIPPLE ATTENUATOR MODULES
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com