Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

500-024M4 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 500-024M4
Description  D-Subminiature Dummy Stowage Receptacle
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

500-024M4 Datasheet(HTML) 1 Page - Glenair, Inc.

  500-024M4 Datasheet HTML 1Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.glenair.com
E-Mail: sales@glenair.com
A-8
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2004 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
500-024
D-Subminiature
Dummy Stowage Receptacle
500-024 M 1
Basic Part No.
Finish Symbol (Page 3)
Shell Size (Table I)
C
B
.100 (2.5) ± .003 (.1)
Radius 2 Places
D
E
A
.243 (6.2) ±.003 (.1)
.048 (1.2)
Gasket
10° Typ
Shell
Size
1
2
3
4
5
6
TABLE I: SHELL SIZE & STOWAGE RECEPTACLE DIMENSIONS
Com’l
Shell
Size Ref
E/09
A/15
B/25
C/37
D/50
F/104
D Max
.316
(8.0)
.316
(8.0)
.316
(8.0)
.316
(8.0)
.428 (10.9)
.490 (12.4)
A
1.213 (30.8)
1.541 (39.1)
2.088 (53.0)
2.729 (69.3)
2.635 (66.9)
2.729 (69.3)
B
Max
.648 (16.5)
.976 (24.8)
1.516 (38.5)
2.164 (55.0)
2.069 (52.6)
2.194 (55.7)
C
±.005
(.1)
.984 (25.0)
1.312 (33.3)
1.852 (47.0)
2.500 (63.5)
2.406 (61.1)
2.500 (63.5)
E
.494 (12.5)
.494 (12.5)
.494 (12.5)
.494 (12.5)
.605 (15.4)
.668 (17.0)


Similar Part No. - 500-024M4

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
500-023 GLENAIR-500-023 Datasheet
75Kb / 1P
   Split Banding Backshell
500-023B GLENAIR-500-023B Datasheet
75Kb / 1P
   Split Banding Backshell
500-023BCH GLENAIR-500-023BCH Datasheet
75Kb / 1P
   Split Banding Backshell
500-023BH GLENAIR-500-023BH Datasheet
75Kb / 1P
   Split Banding Backshell
500-023M GLENAIR-500-023M Datasheet
75Kb / 1P
   Split Banding Backshell
More results

Similar Description - 500-024M4

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
650HS058 GLENAIR-650HS058 Datasheet
223Kb / 2P
   Dummy Stowage Receptacle
650LS001M16 GLENAIR-650LS001M16 Datasheet
27Kb / 1P
   Dummy Stowage Receptacle
650FS002 GLENAIR-650FS002 Datasheet
180Kb / 1P
   Dummy Stowage Receptacle
650DS001B16 GLENAIR-650DS001B16 Datasheet
25Kb / 1P
   Dummy Stowage Receptacle
M38999-108B GLENAIR-M38999-108B Datasheet
74Kb / 1P
   Dummy Stowage Receptacle
M81511-19-08-1 GLENAIR-M81511-19-08-1 Datasheet
76Kb / 1P
   Dummy Stowage Receptacle
MS3105-8S GLENAIR-MS3105-8S Datasheet
35Kb / 1P
   Dummy Stowage Receptacle
M38999-911B GLENAIR-M38999-911B Datasheet
74Kb / 1P
   Dummy Stowage Receptacle
MS3115-8A GLENAIR-MS3115-8A Datasheet
120Kb / 1P
   Dummy Stowage Receptacle
650HS010 GLENAIR-650HS010 Datasheet
28Kb / 1P
   Dummy Stowage Receptacle
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com