Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9938TEBS+G45 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX9938TEBS+G45
Description  1μA, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9938TEBS+G45 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX9938TEBS+G45 Datasheet HTML 5Page - Maxim Integrated Products MAX9938TEBS+G45 Datasheet HTML 6Page - Maxim Integrated Products MAX9938TEBS+G45 Datasheet HTML 7Page - Maxim Integrated Products MAX9938TEBS+G45 Datasheet HTML 8Page - Maxim Integrated Products MAX9938TEBS+G45 Datasheet HTML 9Page - Maxim Integrated Products MAX9938TEBS+G45 Datasheet HTML 10Page - Maxim Integrated Products MAX9938TEBS+G45 Datasheet HTML 11Page - Maxim Integrated Products MAX9938TEBS+G45 Datasheet HTML 12Page - Maxim Integrated Products MAX9938TEBS+G45 Datasheet HTML 13Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
1µA, 4-Bump UCSP/SOT23,
Precision Current-Sense Amplifier
_______________________________________________________________________________________
9
Package Information
For the latest package outline information and land patterns, go to www.maxim-ic.com/packages.
PACKAGE TYPE
PACKAGE CODE
DOCUMENT NO.
2 x 2 UCSP
R41A1+1
21-0242
5 SOT23
U5-2
21-0057
6 μDFN
L622+1
21-0164


Similar Part No. - MAX9938TEBS+G45

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9938TEBS+G45 MAXIM-MAX9938TEBS+G45 Datasheet
519Kb / 14P
   1μA, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
Rev 3; 10/09
MAX9938TEBS+G45 MAXIM-MAX9938TEBS+G45 Datasheet
1Mb / 15P
   nanoPower, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
2017
More results

Similar Description - MAX9938TEBS+G45

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9938_0910 MAXIM-MAX9938_0910 Datasheet
519Kb / 14P
   1μA, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
Rev 3; 10/09
MAX9938 MAXIM-MAX9938 Datasheet
176Kb / 9P
   1μA, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
Rev 0; 4/08
MAX9634 MAXIM-MAX9634 Datasheet
283Kb / 11P
   1μA, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
Rev 1; 2/10
MAX9938 MAXIM-MAX9938_11 Datasheet
523Kb / 14P
   1uA, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
Rev 6; 1/11
MAX9634 MAXIM-MAX9634_V01 Datasheet
1Mb / 9P
   nanoPower, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
2021
MAX9938 MAXIM-MAX9938_V01 Datasheet
1Mb / 15P
   nanoPower, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
2017
logo
Silicon Laboratories
TSM9938F SILABS-TSM9938F Datasheet
1Mb / 12P
   SOT23 Precision Current-Sense Amplifier
logo
Maxim Integrated Produc...
MAX44286 MAXIM-MAX44286 Datasheet
715Kb / 11P
   Low-Power, Precision, 4-Bump WLP, Current-Sense Amplifier
2014
logo
Touchstone Semiconducto...
TSM9938 TOUCHSTONE-TSM9938 Datasheet
751Kb / 11P
   A 1uA, SOT23 Precision Current-Sense Amplifier
TSM9634 TOUCHSTONE-TSM9634 Datasheet
746Kb / 11P
   A 1uA, SOT23 Precision Current-Sense Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com