Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V300C15T150BS2 Datasheet(PDF) 4 Page - Vicor Corporation

Part # V300C15T150BS2
Description  300V Input Micro Family DC-DC Converter Module
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

V300C15T150BS2 Datasheet(HTML) 4 Page - Vicor Corporation

  V300C15T150BS2 Datasheet HTML 1Page - Vicor Corporation V300C15T150BS2 Datasheet HTML 2Page - Vicor Corporation V300C15T150BS2 Datasheet HTML 3Page - Vicor Corporation V300C15T150BS2 Datasheet HTML 4Page - Vicor Corporation V300C15T150BS2 Datasheet HTML 5Page - Vicor Corporation V300C15T150BS2 Datasheet HTML 6Page - Vicor Corporation V300C15T150BS2 Datasheet HTML 7Page - Vicor Corporation V300C15T150BS2 Datasheet HTML 8Page - Vicor Corporation V300C15T150BS2 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Vicor Corp. Tel: 800-735-6200, 978-470-2900 Fax: 978-475-6715
300V Micro Family
Rev. 8.7
Page 4 of 13
Set your site on VICOR at vicorpower.com
Parameter
Min
Typ
Max
Unit
Notes
Efficiency
77.6
79.8
%
Nominal input; full load; 25°C
Ripple and noise
120
150
mV
p-p; Nominal input; full load; 20 MHz bandwith
Output OVP setpoint
4.14
4.3
4.46
Volts
25°C; recycle input voltage to restart (>100 ms off)
Dissipation, standby
3.4
5.1
Watts
No load
Load regulation
±0.06
±0.4
%
No load to full load; nominal input
Load current
0
22.7
Amps
Current limit
23.2
26.2
31.8
Amps
Output voltage 95% of nominal
Short circuit current
15.9
26.2
31.8
Amps
Output voltage < 250 mV
MODULE SPECIFIC OPERATING SPECIFICATIONS
3.3 Vout, 75 W (e.g. V300C3V3C75BL)
Parameter
Min
Typ
Max
Unit
Notes
Efficiency
76.7
77.7
%
Nominal input; full load; 25°C
Ripple and noise
160
200
mV
p-p; Nominal input; full load; 20MHz bandwith
Output OVP setpoint
4.14
4.3
4.46
Volts
25°C; recycle input voltage to restart (>100 ms off)
Dissipation, standby
2.7
4
Watts
No load
Load regulation
±0.02
±0.2
%
No load to full load; nominal input
Load current
0
15.15
Amps
Current limit
15.5
17.5
20.6
Amps
Output voltage 95% of nominal
Short circuit current
10.6
17.5
20.6
Amps
Output voltage <250 mV
3.3 Vout, 50 W (e.g. V300C3V3C50BL)
Parameter
Min
Typ
Max
Unit
Notes
Efficiency
80.5
81.5
%
Nominal input; full load; 25°C
Ripple and noise
105
132
mV
p-p; Nominal input; full load; 20 MHz bandwith
Output OVP setpoint
6.03
6.25
6.47
Volts
25°C; recycle input voltage to restart (>100 ms off)
Dissipation, standby
4.4
6.6
Watts
No load
Load regulation
±0.1
±0.4
%
No load to full load; nominal input
Load current
0
20
Amps
Current limit
20.4
23
27
Amps
Output voltage 95% of nominal
Short circuit current
14
23
27
Amps
Output voltage < 250 mV
5 Vout, 100 W (e.g. V300C5C100BL)
Parameter
Min
Typ
Max
Unit
Notes
Efficiency
79.5
81
%
Nominal input; full load; 25°C
Ripple and noise
72
90
mV
p-p; Nominal input; full load; 20 MHz bandwith
Output OVP setpoint
6.03
6.25
6.47
Volts
25°C; recycle input voltage to restart (>100 ms off)
Dissipation, standby
2.8
4
Watts
No load
Load regulation
±0.02
±0.2
%
No load to full load; nominal input
Load current
0
10
Amps
Current limit
10.2
11.5
13.5
Amps
Output voltage 95% of nominal
Short circuit current
7
11.5
13.5
Amps
Output voltage < 250 mV
5 Vout, 50 W (e.g. V300C5C50BL)
Parameter
Min
Typ
Max
Unit
Notes
Efficiency
73.9
74.9
%
Nominal input; full load; 25°C
Ripple and noise
120
150
mV
p-p; Nominal input; full load; 20MHz bandwith
Output OVP setpoint
2.7
2.8
2.9
Volts
25°C; recycle input voltage to restart (>100 ms off)
Dissipation, standby
3.5
4.5
Watts
No load
Load regulation
±0.02
±0.2
%
No load to full load; nominal input
Load current
0
25
Amps
Current limit
25.5
28.8
33.8
Amps
Output voltage 95% of nominal
Short circuit current
17.5
28.8
33.8
Amps
Output voltage <250 mV
2 Vout, 50 W (e.g. V300C2C50BL)


Similar Part No. - V300C15T150BS2

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V300C15T150B VICOR-V300C15T150B Datasheet
142Kb / 8P
   300Vin / 15Vout / 150Watts DC-DC Converter Module
More results

Similar Description - V300C15T150BS2

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V300A12T500BL2 VICOR-V300A12T500BL2 Datasheet
592Kb / 13P
   300V Input Maxi Family DC-DC Converter Module
V300B12T250BL2 VICOR-V300B12T250BL2 Datasheet
588Kb / 13P
   300V Input Mini Family DC-DC Converter Module
V72C15C150BL VICOR-V72C15C150BL Datasheet
517Kb / 11P
   72V Input Micro Family DC-DC Converter Module
V48C24C150A VICOR-V48C24C150A Datasheet
302Kb / 8P
   48V Input Micro Family DC-DC Converter Module
V24C12T100BL2 VICOR-V24C12T100BL2 Datasheet
497Kb / 13P
   24V Input Micro Family DC-DC Converter Module
V375C12T150BL2 VICOR-V375C12T150BL2 Datasheet
507Kb / 13P
   375V Input Micro Family DC-DC Converter Module
V48C12T150BL2 VICOR-V48C12T150BL2 Datasheet
508Kb / 13P
   48V Input Micro Family DC-DC Converter Module
V150C12C150BL VICOR-V150C12C150BL Datasheet
514Kb / 11P
   150V Input Micro Family DC-DC Converter Module
V110C12C100BL VICOR-V110C12C100BL Datasheet
515Kb / 11P
   110V Input Micro Family DC-DC Converter Module
V28C12T100BL2 VICOR-V28C12T100BL2 Datasheet
491Kb / 11P
   28V Wide Input Micro Family DC-DC Converter Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com