Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9924 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX9924
Description  Variable Reluctance Sensor Interfaces with Differential Input and Adaptive Peak Threshold
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9924 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX9924 Datasheet HTML 3Page - Maxim Integrated Products MAX9924 Datasheet HTML 4Page - Maxim Integrated Products MAX9924 Datasheet HTML 5Page - Maxim Integrated Products MAX9924 Datasheet HTML 6Page - Maxim Integrated Products MAX9924 Datasheet HTML 7Page - Maxim Integrated Products MAX9924 Datasheet HTML 8Page - Maxim Integrated Products MAX9924 Datasheet HTML 9Page - Maxim Integrated Products MAX9924 Datasheet HTML 10Page - Maxim Integrated Products MAX9924 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
Variable Reluctance Sensor Interfaces with
Differential Input and Adaptive Peak Threshold
_______________________________________________________________________________________
7
Pin Description
PIN
MAX9924
MAX9925
MAX9926
MAX9927
NAME
FUNCTION
1
1
IN+
Noninverting Input
2
2
IN-
Inverting Input
3
OUT
Amplifier Output
3
N.C.
No Connection. Not internally connected.
4
4
BIAS
Input Bias. Connect to an external resistor-divider and bypass
to ground with a 0.1µF and 10µF capacitor.
5
5
11
11
GND
Ground
6
6
13
ZERO_EN
Zero-Crossing Enable. Mode configuration pin, internally
pulled up to VCC with 10k
Ω resistor.
7
7
COUT
Comparator Output. Open-drain output, connect a 10k
Ω pullup
resistor from COUT to VPULLUP.
8
8
EXT
External Reference Input. Leave EXT unconnected in Modes
A1, A2. Apply an external voltage in Modes B, C.
9
9
INT_THRS
Internal Adaptive Threshold. Mode configuration pin.
10
10
14
14
VCC
Power Supply
1
1
INT_THRS1
Internal Adaptive Threshold 1. Mode configuration pin.
2
2
EXT1
External Reference Input 1. Leave EXT unconnected in Modes
A1, A2. Apply an external voltage in Modes B, C.
3
3
BIAS1
Input Bias 1. Connect to an external resistor-divider and
bypass to ground with a 0.1µF and 10µF capacitor.
4
4
COUT1
Comparator Output 1. Open-drain output, connect a 10k
Ω
pullup resistor from COUT1 to VPULLUP.
5
5
COUT2
Comparator Output 2. Open-drain output, connect a 10k
Ω
pullup resistor from COUT2 to VPULLUP.
6
6
BIAS2
Input Bias 2. Connect to an external resistor-divider and
bypass to ground with a 0.1µF and 10µF capacitor.
7
7
EXT2
External Reference Input 2. Leave EXT unconnected in Modes
A1, A2. Apply an external voltage in Modes B, C.
8
8
INT_THRS2
Internal Adaptive Threshold 2. Mode configuration pin.
9
9
IN2+
Noninverting Input 2
10
10
IN2-
Inverting Input 2
12
DIRN
Rotational Direction Output. Open-drain output, connect a
pullup resistor from DIRN to VPULLUP.
12
OUT2
Amplifier Output 2
13
OUT1
Amplifier Output 1
15
15
IN1-
Noninverting Input 1
16
16
IN1+
Inverting Input 1


Similar Part No. - MAX9924

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9924 MAXIM-MAX9924 Datasheet
317Kb / 22P
   Variable Reluctance Sensor Interfaces with Differential Input and Adaptive Peak Threshold
Rev 0; 10/08
MAX9924 MAXIM-MAX9924 Datasheet
399Kb / 23P
   Variable Reluctance Sensor Interfaces with Differential Input and Adaptive Peak Threshold
Rev 3; 3/11
MAX9924 MAXIM-MAX9924 Datasheet
348Kb / 23P
   Variable Reluctance Sensor Interfaces with Differential Input and Adaptive Peak Threshold
Rev 4; 3/12
MAX9924U MAXIM-MAX9924U Datasheet
146Kb / 8P
   On-Board 5Hz/24kHz Triangle-Wave Generator
Rev 0; 11/08
MAX9924UAUB MAXIM-MAX9924UAUB Datasheet
399Kb / 23P
   Variable Reluctance Sensor Interfaces with Differential Input and Adaptive Peak Threshold
Rev 3; 3/11
More results

Similar Description - MAX9924

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9924 MAXIM-MAX9924_11 Datasheet
399Kb / 23P
   Variable Reluctance Sensor Interfaces with Differential Input and Adaptive Peak Threshold
Rev 3; 3/11
MAX9924 MAXIM-MAX9924_V01 Datasheet
1Mb / 23P
   Variable Reluctance Sensor Interfaces with Differential Input and Adaptive Peak Threshold
19-4283; Rev 5; 8/18
MAX9924 MAXIM-MAX9924 Datasheet
317Kb / 22P
   Variable Reluctance Sensor Interfaces with Differential Input and Adaptive Peak Threshold
Rev 0; 10/08
MAX9924 MAXIM-MAX9924_12 Datasheet
348Kb / 23P
   Variable Reluctance Sensor Interfaces with Differential Input and Adaptive Peak Threshold
Rev 4; 3/12
logo
National Semiconductor ...
LM1815 NSC-LM1815 Datasheet
133Kb / 6P
   Adaptive Variable Reluctance Sensor Amplifier
logo
ARTSCHIP ELECTRONICS CO...
LM1815 ARTSCHIP-LM1815 Datasheet
366Kb / 7P
   Adaptive Variable Reluctance Sensor Amplifier
logo
Texas Instruments
LM1815 TI-LM1815_15 Datasheet
1Mb / 17P
[Old version datasheet]   LM1815 Adaptive Variable Reluctance Sensor Amplifier
LM1815MX TI1-LM1815MX Datasheet
1Mb / 17P
[Old version datasheet]   LM1815 Adaptive Variable Reluctance Sensor Amplifier
logo
National Semiconductor ...
LM1815EP NSC-LM1815EP Datasheet
441Kb / 12P
   Enhanced Plastic Adaptive Variable Reluctance Sensor Amplifier
logo
ON Semiconductor
NCV7001 ONSEMI-NCV7001 Datasheet
74Kb / 8P
   Quad Variable Reluctance Sensor Interface IC
October, 2003 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com