Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M-FIAM3MG3 Datasheet(PDF) 3 Page - Vicor Corporation

Part # M-FIAM3MG3
Description  Military COTS 270 Vin Filter Input Attenuator Module
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

M-FIAM3MG3 Datasheet(HTML) 3 Page - Vicor Corporation

  M-FIAM3MG3 Datasheet HTML 1Page - Vicor Corporation M-FIAM3MG3 Datasheet HTML 2Page - Vicor Corporation M-FIAM3MG3 Datasheet HTML 3Page - Vicor Corporation M-FIAM3MG3 Datasheet HTML 4Page - Vicor Corporation M-FIAM3MG3 Datasheet HTML 5Page - Vicor Corporation M-FIAM3MG3 Datasheet HTML 6Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Vicor Corp. Tel: 800-735-6200, 978-470-2900 Fax: 978-475-6715
M-FIAM3
Rev. 2.4
Page 3 of 6
Set your site on VICOR at vicorpower.com
SPECIFICATIONS (CONT.)
Parameter
H-Grade
M-Grade
Operating temperature
-40°C to +100°C
-55°C to +100°C
Storage temperature
-55°C to +125°C
-65°C to +125°C
Temperature cycling*
12 cycles
12 cycles
-65°C to +100°C
-65°C to +100°C
Ambient test @ 25°C
Yes
Yes
Power cycling burn-in
12 hours, 29 cycles
24 hours, 58 cycles
Functional and parametric ATE tests
-40°C and +100°C
-55°C and +100°C
Hi-Pot test
Yes
Yes
Visual inspection
Yes
Yes
Test data
vicorpower.com
vicorpower.com
ENVIRONMENTAL QUALIFICATION
Altitude
MIL-STD-810F, Method 500.4, Procedure I & II, 40,000 ft. and 70,000 ft. Operational.
Explosive Atmosphere
MIL-STD-810F, Method 511.4, Procedure I, Operational.
Vibration
MIL-STD-810F, Method 514.5, Procedure I, Category 14, Sine and Random vibration per Table 514.5C for Helicopter AH-6J Main Rotor
with overall level of 5.6 G rms for 4 hours per axis. MIL-STD-810F, Method 514.5C, General Minimum Integrity Curve per Figure 514.5C-17
with overall level of 7.7 G rms for 1 hour per axis.
Shock
MIL-STD-810F, Method 516.5, Procedure I, Functional Shock, 40 g. MIL-S-901D, Lightweight Hammer Shock, 3 impacts/axis, 1,3,5 ft.
MIL-STD-202F, Method 213B, 60 g, 9 ms half sine. MIL-STD-202F, Method 213B, 75 g, 11 ms Saw Tooth Shock.
Acceleration
MIL-STD-810F, Method 513.5, Procedure II, table 513.5-II, Operational, 2-7 g, 6 directions.
Humidity
MIL-STD-810F, Method 507.4.
Solder Test
MIL-STD-202G, Method 208H, 8 hour aging.
ENVIRONMENTAL STRESS SCREENING
*Temperature cycled with power off, 17°C per minute rate of change.


Similar Part No. - M-FIAM3MG3

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
M-FIAM3M11 VICOR-M-FIAM3M11 Datasheet
270Kb / 4P
   Military 270Vin Filter Input Attenuator Module
logo
Powerbox
M-FIAM3M11 POWERBOX-M-FIAM3M11 Datasheet
552Kb / 1P
   MILITARY COTS INPUT ATTENUATOR MODULES
logo
Vicor Corporation
M-FIAM3M12 VICOR-M-FIAM3M12 Datasheet
270Kb / 4P
   Military 270Vin Filter Input Attenuator Module
logo
Powerbox
M-FIAM3M12 POWERBOX-M-FIAM3M12 Datasheet
552Kb / 1P
   MILITARY COTS INPUT ATTENUATOR MODULES
logo
Vicor Corporation
M-FIAM3M13 VICOR-M-FIAM3M13 Datasheet
270Kb / 4P
   Military 270Vin Filter Input Attenuator Module
More results

Similar Description - M-FIAM3MG3

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
M-FIAM5BM21 VICOR-M-FIAM5BM21 Datasheet
432Kb / 7P
   Military COTS 28 Vin Filter Input Attenuator Module
M-FIAM7M21 VICOR-M-FIAM7M21 Datasheet
492Kb / 6P
   Military COTS 28 Vin Filter Input Attenuator Module
M-FIAM9M21 VICOR-M-FIAM9M21 Datasheet
577Kb / 7P
   Military COTS 28 Vin Filter Input Attenuator Module
logo
Powerbox
M-FIAM3 POWERBOX-M-FIAM3 Datasheet
552Kb / 1P
   MILITARY COTS INPUT ATTENUATOR MODULES
logo
Vicor Corporation
M-FIAM3 VICOR-M-FIAM3 Datasheet
270Kb / 4P
   Military 270Vin Filter Input Attenuator Module
M-FIAM5 VICOR-M-FIAM5 Datasheet
188Kb / 5P
   Military 28Vin Filter Input Attenuator Module
logo
Powerbox
MI-A22-MU POWERBOX-MI-A22-MU Datasheet
449Kb / 1P
   200 WATTS MILITARY COTS INPUT ATTENUATOR MODULES
logo
Vicor Corporation
MIL-STD-810 VICOR-MIL-STD-810 Datasheet
100Kb / 1P
   Military COTS Ripple Attenuator Modules
logo
SynQor Worldwide Headqu...
MCOTS-F-28-P-QT SYNQOR-MCOTS-F-28-P-QT Datasheet
1Mb / 7P
   MILITARY COTS EMI FILTER
logo
Powerbox
MI-RAM-I2 POWERBOX-MI-RAM-I2 Datasheet
411Kb / 1P
   MILITARY COTS OUTPUT RIPPLE ATTENUATOR MODULES
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com