Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V300C28H150BS2 Datasheet(PDF) 5 Page - Vicor Corporation

Part # V300C28H150BS2
Description  300V Input Micro Family DC-DC Converter Module
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

V300C28H150BS2 Datasheet(HTML) 5 Page - Vicor Corporation

  V300C28H150BS2 Datasheet HTML 1Page - Vicor Corporation V300C28H150BS2 Datasheet HTML 2Page - Vicor Corporation V300C28H150BS2 Datasheet HTML 3Page - Vicor Corporation V300C28H150BS2 Datasheet HTML 4Page - Vicor Corporation V300C28H150BS2 Datasheet HTML 5Page - Vicor Corporation V300C28H150BS2 Datasheet HTML 6Page - Vicor Corporation V300C28H150BS2 Datasheet HTML 7Page - Vicor Corporation V300C28H150BS2 Datasheet HTML 8Page - Vicor Corporation V300C28H150BS2 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Vicor Corp. Tel: 800-735-6200, 978-470-2900 Fax: 978-475-6715
300V Micro Family
Rev. 8.7
Page 5 of 13
Set your site on VICOR at vicorpower.com
MODULE SPECIFIC OPERATING SPECIFICATIONS (CONT.)
Parameter
Min
Typ
Max
Unit
Notes
Efficiency
84.3
85.3
%
Nominal input; full load; 25°C
Ripple and noise
170
213
mV
p-p; Nominal input; full load; 20 MHz bandwith
Output OVP setpoint
13.7
14.3
14.9
Volts
25°C; recycle input voltage to restart (>100 ms off)
Dissipation, standby
5
7.5
Watts
No load
Load regulation
±0.02
±0.2
%
No load to full load; nominal input
Load current
0
12.5
Amps
Current limit
12.7
14.4
16.3
Amps
Output voltage 95% of nominal
Short circuit current
8.75
14.4
16.3
Amps
Output voltage < 250 mV
12 Vout, 150 W (e.g. V300C12C150BL)
Parameter
Min
Typ
Max
Unit
Notes
Efficiency
80.2
82.3
%
Nominal input; full load; 25°C
Ripple and noise
220
275
mV
p-p; Nominal input; full load; 20MHz bandwith
Output OVP setpoint
9.36
9.7
10.1
Volts
25°C; recycle input voltage to restart (>100 ms off)
Dissipation, standby
3.8
4.4
Watts
No load
Load regulation
±0.02
±0.2
%
No load to full load; nominal input
Load current
0
12.5
Amps
Current limit
12.7
14.4
16.9
Amps
Output voltage 95% of nominal
Short circuit current
8.75
14.4
16.9
Amps
Output voltage <250 mV
8 Vout, 100 W (e.g.V300C8C100BL)
Parameter
Min
Typ
Max
Unit
Notes
Efficiency
83.5
85
%
Nominal input; full load; 25°C
Ripple and noise
200
250
mV
p-p; Nominal input; full load; 20 MHz bandwith
Output OVP setpoint
13.7
14.3
14.9
Volts
25°C; recycle input voltage to restart (>100 ms off)
Dissipation, standby
4
5.3
Watts
No load
Load regulation
±0.02
±0.2
%
No load to full load; nominal input
Load current
0
6.25
Amps
Current limit
6.37
7.19
8.44
Amps
Output voltage 95% of nominal
Short circuit current
4.37
7.19
8.44
Amps
Output voltage < 250 mV
12 Vout, 75 W (e.g. V300C12C75BL)
Parameter
Min
Typ
Max
Unit
Notes
Efficiency
85.5
86.5
%
Nominal input; full load; 25°C
Ripple and noise
150
188
mV
p-p; Nominal input; full load; 20 MHz bandwith
Output OVP setpoint
17.1
17.8
18.5
Volts
25°C; recycle input voltage to restart (>100 ms off)
Dissipation, standby
7
10.5
Watts
No load
Load regulation
±0.02
±0.2
%
No load to full load; nominal input
Load current
0
10
Amps
Current limit
10.2
11.5
13
Amps
Output voltage 95% of nominal
Short circuit current
3
11.5
13
Amps
Output voltage < 250 mV
15 Vout, 150 W (e.g. V300C15C150BL)
Parameter
Min
Typ
Max
Unit
Notes
Efficiency
84.2
85.2
%
Nominal input; full load; 25°C
Ripple and noise
150
188
mV
p-p; Nominal input; full load; 20MHz bandwith
Output OVP setpoint
17.1
17.8
18.5
Volts
25°C; recycle input voltage to restart (>100 ms off)
Dissipation, standby
3
5
Watts
No load
Load regulation
±0.02
±0.2
%
No load to full load; nominal input
Load current
0
5
Amps
Current limit
5.1
5.75
6.75
Amps
Output voltage 95% of nominal
Short circuit current
3.5
5.75
6.75
Amps
Output voltage <250 mV
15 Vout, 75 W (e.g. V300C15C75BL)


Similar Part No. - V300C28H150BS2

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V300C28H150B VICOR-V300C28H150B Datasheet
145Kb / 8P
   300Vin / 28Vout / 150Watts 300Vin / 28Vout / 150Watts
More results

Similar Description - V300C28H150BS2

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V300A12T500BL2 VICOR-V300A12T500BL2 Datasheet
592Kb / 13P
   300V Input Maxi Family DC-DC Converter Module
V300B12T250BL2 VICOR-V300B12T250BL2 Datasheet
588Kb / 13P
   300V Input Mini Family DC-DC Converter Module
V72C15C150BL VICOR-V72C15C150BL Datasheet
517Kb / 11P
   72V Input Micro Family DC-DC Converter Module
V48C24C150A VICOR-V48C24C150A Datasheet
302Kb / 8P
   48V Input Micro Family DC-DC Converter Module
V24C12T100BL2 VICOR-V24C12T100BL2 Datasheet
497Kb / 13P
   24V Input Micro Family DC-DC Converter Module
V375C12T150BL2 VICOR-V375C12T150BL2 Datasheet
507Kb / 13P
   375V Input Micro Family DC-DC Converter Module
V48C12T150BL2 VICOR-V48C12T150BL2 Datasheet
508Kb / 13P
   48V Input Micro Family DC-DC Converter Module
V150C12C150BL VICOR-V150C12C150BL Datasheet
514Kb / 11P
   150V Input Micro Family DC-DC Converter Module
V110C12C100BL VICOR-V110C12C100BL Datasheet
515Kb / 11P
   110V Input Micro Family DC-DC Converter Module
V28C12T100BL2 VICOR-V28C12T100BL2 Datasheet
491Kb / 11P
   28V Wide Input Micro Family DC-DC Converter Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com