Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V375C12H75BS2 Datasheet(PDF) 2 Page - Vicor Corporation

Part # V375C12H75BS2
Description  375V Input Micro Family DC-DC Converter Module
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

V375C12H75BS2 Datasheet(HTML) 2 Page - Vicor Corporation

  V375C12H75BS2 Datasheet HTML 1Page - Vicor Corporation V375C12H75BS2 Datasheet HTML 2Page - Vicor Corporation V375C12H75BS2 Datasheet HTML 3Page - Vicor Corporation V375C12H75BS2 Datasheet HTML 4Page - Vicor Corporation V375C12H75BS2 Datasheet HTML 5Page - Vicor Corporation V375C12H75BS2 Datasheet HTML 6Page - Vicor Corporation V375C12H75BS2 Datasheet HTML 7Page - Vicor Corporation V375C12H75BS2 Datasheet HTML 8Page - Vicor Corporation V375C12H75BS2 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Vicor Corp. Tel: 800-735-6200, 978-470-2900 Fax: 978-475-6715
375V Micro Family
Rev. 8.4
Page 2 of 13
Set your site on VICOR at vicorpower.com
Parameter
Min
Typ
Max
Unit
Notes
Operating input voltage
250
375
425
Vdc
Input surge withstand
500
Vdc
<100 ms
Undervoltage turn-on
242.5
247.5
Vdc
Undervoltage turn-off
204.7
212.2
Vdc
Overvoltage turn-off/on
429.2
446.3
467.5
Vdc
Disabled input current
1.1
mA
PC pin low
Parameter
Min
Typ
Max
Unit
Notes
Output voltage setpoint
±1
% Vout nom.
Nominal input; full load; 25°C
Line regulation
±0.02
±0.20
%
Low line to high line; full load
Temperature regulation
±0.002
±0.005
% / °C
Over operating temperature range
Power sharing accuracy
± 2
± 5
%
10 to 100% of full load
Of nominal output voltage. For trimming below 90%
Programming range
10
110
%
of nominal, a minimum load of 10% of maximum
rated power may be required.
+Out to –Out — Absolute Maximum Ratings
2 V
-0.5 to 3.1
Vdc
Externally Applied
3.3 V
-0.5 to 4.7
Vdc
Externally Applied
5 V
-0.5 to 7.0
Vdc
Externally Applied
8 V
-0.5 to 10.9
Vdc
Externally Applied
12 V
-0.5 to 16.1
Vdc
Externally Applied
15 V
-0.5 to 20.0
Vdc
Externally Applied
24 V
-0.5 to 31.7
Vdc
Externally Applied
28 V
-0.5 to 36.9
Vdc
Externally Applied
36 V
-0.5 to 47.1
Vdc
Externally Applied
48 V
-0.5 to 62.9
Vdc
Externally Applied
MODULE INPUT SPECIFICATIONS
MODULE OUTPUT SPECIFICATIONS
Electrical characteristics apply over the full operating range of input voltage, output load (resistive) and baseplate temperature,
unless otherwise specified. All temperatures refer to the operating temperature at the center of the baseplate.
Note: For important information relative to applications where the converter modules are subject to continuous dynamic loading,
contact Vicor applications engineering at 800-927-9474.
Parameter
Min
Typ
Max
Unit
Baseplate to sink; flat, greased surface
0.24
°C/Watt
Baseplate to sink; thermal pad (P/N 20265)
0.21
°C/Watt
Baseplate to ambient
10.9
°C/Watt
Baseplate to ambient; 1000 LFM
2.8
°C/Watt
Thermal capacity
48
Watt-sec/°C
THERMAL RESISTANCE AND CAPACITY
MODULE FAMILY ELECTRICAL CHARACTERISTICS


Similar Part No. - V375C12H75BS2

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V375C12H150A VICOR-V375C12H150A Datasheet
175Kb / 8P
   375Vin / 24Vout / 150Watts DC-DC Converter Module
V375C12H150A VICOR-V375C12H150A Datasheet
172Kb / 8P
   375Vin / 5Vout / 100Watts DC-DC Converter Module
V375C12H150A VICOR-V375C12H150A Datasheet
180Kb / 8P
   375Vin / 2Vout / 50Watts DC-DC Converter Module
V375C12H150B VICOR-V375C12H150B Datasheet
142Kb / 8P
   375Vin / 12Vout / 150Watts DC-DC Converter Module
V375C12H200A VICOR-V375C12H200A Datasheet
183Kb / 8P
   375Vin / 5Vout / 200Watts DC-DC Converter Module
More results

Similar Description - V375C12H75BS2

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V375A12T600BL2 VICOR-V375A12T600BL2 Datasheet
596Kb / 15P
   375V Input Maxi Family DC-DC Converter Module
V375B12T300BL2 VICOR-V375B12T300BL2 Datasheet
588Kb / 13P
   375V Input Mini Family DC-DC Converter Module
V72C15C150BL VICOR-V72C15C150BL Datasheet
517Kb / 11P
   72V Input Micro Family DC-DC Converter Module
V48C24C150A VICOR-V48C24C150A Datasheet
302Kb / 8P
   48V Input Micro Family DC-DC Converter Module
V24C12T100BL2 VICOR-V24C12T100BL2 Datasheet
497Kb / 13P
   24V Input Micro Family DC-DC Converter Module
V300C12T150BL2 VICOR-V300C12T150BL2 Datasheet
507Kb / 13P
   300V Input Micro Family DC-DC Converter Module
V48C12T150BL2 VICOR-V48C12T150BL2 Datasheet
508Kb / 13P
   48V Input Micro Family DC-DC Converter Module
V150C12C150BL VICOR-V150C12C150BL Datasheet
514Kb / 11P
   150V Input Micro Family DC-DC Converter Module
V110C12C100BL VICOR-V110C12C100BL Datasheet
515Kb / 11P
   110V Input Micro Family DC-DC Converter Module
V28C12T100BL2 VICOR-V28C12T100BL2 Datasheet
491Kb / 11P
   28V Wide Input Micro Family DC-DC Converter Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com