Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9945AUA+ Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX9945AUA+
Description  38V, Low-Noise, MOS-Input, Low-Power Op Amp
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9945AUA+ Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX9945AUA+ Datasheet HTML 3Page - Maxim Integrated Products MAX9945AUA+ Datasheet HTML 4Page - Maxim Integrated Products MAX9945AUA+ Datasheet HTML 5Page - Maxim Integrated Products MAX9945AUA+ Datasheet HTML 6Page - Maxim Integrated Products MAX9945AUA+ Datasheet HTML 7Page - Maxim Integrated Products MAX9945AUA+ Datasheet HTML 8Page - Maxim Integrated Products MAX9945AUA+ Datasheet HTML 9Page - Maxim Integrated Products MAX9945AUA+ Datasheet HTML 10Page - Maxim Integrated Products MAX9945AUA+ Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Detailed Description
The MAX9945 features a combination of low input cur-
rent and voltage noise, rail-to-rail output voltage swing,
wide supply voltage range, and low-power operation.
The MOS inputs on the MAX9945 make it ideal for use
as transimpedance amplifiers and high-impedance
sensor interface front-ends in medical and industrial
applications. The MAX9945 can interface with small
signals from either current-sources or high-output
impedance voltage sources. Applications include pho-
todiode pulse oximeters, pH sensors, capacitive pres-
sure sensors, chemical analysis equipment, smoke
detectors, and humidity sensors.
A high 130dB open-loop gain (typ) and a wide supply
voltage range, allow high signal-gain implementations
prior to signal conditioning circuitry. Low quiescent
supply current makes the MAX9945 compatible with
portable systems and applications that operate under
tight power budgets. The combination of excellent THD,
low voltage noise, and MOS inputs also make the
MAX9945 ideal for use in high-performance active fil-
ters for data acquisition systems and audio equipment.
Low-Current, Low-Noise Input Stage
The MAX9945 features a MOS-input stage with only
50fA (typ) of input bias current and a low 1fA/√Hz (typ)
input current-noise density. The low-frequency input
voltage noise is a low 2µVP-P (typ). The input stage
accepts a wide common-mode range, extending from
the negative supply, VEE, to within 1.2V of the positive
supply, VCC.
Rail-to-Rail Output Stage
The MAX9945 output stage swings to within 50mV (typ)
of either power-supply rail with a 100k
Ω load and pro-
vides a 3MHz GBW with a 2.2V/µs slew rate. The
device is unity-gain stable, and unlike other devices
with a low quiescent current, can drive a 120pF capaci-
tive load without compromising stability.
Applications Information
High-Impedance Sensor Front Ends
High-impedance sensors can output signals of interest
in either current or voltage form. The MAX9945 inter-
faces to both current-output sensors such as photo-
diodes and potentiostat sensors, and high-impedance
voltage sources such as pH sensors.
For current-output sensors, a transimpedance amplifier
is the most noise-efficient method for converting the
input signal to a voltage. High-value feedback resistors
are commonly chosen to create large gains, while feed-
back capacitors help stabilize the amplifier by cancel-
ing any zeros in the transfer function created by a
highly capacitive sensor or cabling. A combination of
low-current noise and low-voltage noise is important for
these applications. Take care to calibrate out photodi-
ode dark current if DC accuracy is important. The high
bandwidth and slew rate also allows AC signal pro-
cessing in certain medical photodiode sensor applica-
tions such as pulse oximetry.
38V, Low-Noise, MOS-Input,
Low-Power Op Amp
_______________________________________________________________________________________
7
Pin Description
PIN
TDFN-EP
µMAX
NAME
FUNCTION
1
6
OUT
Amplifier Output
24
VEE
Negative Power Supply. Bypass VEE with 0.1µF ceramic and 4.7µF electrolytic
capacitors to quiet ground plane if different from VEE.
3
3
IN+
Noninverting Amplifier Input
4
2
IN-
Inverting Amplifier Input
5
1, 5, 8
N.C.
No Connection. Not internally connected.
67
VCC
Positive Power Supply. Bypass VCC with 0.1µF ceramic and 4.7µF electrolytic capacitors
to quiet ground plane or VEE.
——
EP
Exposed Pad. Connect to VEE externally. Connect to a large copper plane to maximize
thermal performance. Not intended as an electrical connection (TDFN only).


Similar Part No. - MAX9945AUA+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9945AUA MAXIM-MAX9945AUA Datasheet
958Kb / 14P
   38V, Low-Noise, MOS-Input, Low-Power Op Amp
Rev 1; 12/10
More results

Similar Description - MAX9945AUA+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9945 MAXIM-MAX9945_10 Datasheet
958Kb / 14P
   38V, Low-Noise, MOS-Input, Low-Power Op Amp
Rev 1; 12/10
logo
Microchip Technology
MCP6286 MICROCHIP-MCP6286 Datasheet
430Kb / 28P
   Low Noise, Low Power Op Amp
2009
logo
Linear Technology
LT1792 LINER-LT1792 Datasheet
169Kb / 12P
   Low Noise, Precision, JFET Input Op Amp
LT1792 LINER-LT1792_15 Datasheet
184Kb / 12P
   Low Noise, Precision, JFET Input Op Amp
logo
Analog Devices
AD795 AD-AD795_02 Datasheet
278Kb / 16P
   Low Power, Low Noise Precision FET Op Amp
REV. B
AD795 AD-AD795_15 Datasheet
276Kb / 20P
   Low Power, Low Noise Precision FET Op Amp
REV. C
AD795 AD-AD795 Datasheet
331Kb / 16P
   Low Power, Low Noise Precision FET Op Amp
REV. A
AD795 AD-AD795_09 Datasheet
276Kb / 20P
   Low Power, Low Noise Precision FET Op Amp
REV. C
logo
Linear Technology
LT1113 LINER-LT1113_15 Datasheet
224Kb / 16P
   Dual Low Noise, Precision, JFET Input Op Amp
logo
Maxim Integrated Produc...
MAX40242 MAXIM-MAX40242 Datasheet
531Kb / 12P
   20V, Low Input Bias-Current, Low-Noise, Dual Op Amp
2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com