Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9945AUA+ Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX9945AUA+
Description  38V, Low-Noise, MOS-Input, Low-Power Op Amp
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9945AUA+ Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX9945AUA+ Datasheet HTML 5Page - Maxim Integrated Products MAX9945AUA+ Datasheet HTML 6Page - Maxim Integrated Products MAX9945AUA+ Datasheet HTML 7Page - Maxim Integrated Products MAX9945AUA+ Datasheet HTML 8Page - Maxim Integrated Products MAX9945AUA+ Datasheet HTML 9Page - Maxim Integrated Products MAX9945AUA+ Datasheet HTML 10Page - Maxim Integrated Products MAX9945AUA+ Datasheet HTML 11Page - Maxim Integrated Products MAX9945AUA+ Datasheet HTML 12Page - Maxim Integrated Products MAX9945AUA+ Datasheet HTML 13Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
38V, Low-Noise, MOS-Input,
Low-Power Op Amp
10
______________________________________________________________________________________
16
OUT
VCC
25
VEE
N.C.
34
IN+
IN-
TDFN-EP
MAX9945
OUT
N.C.
VEE
1
2
8
7
N.C.
VCC
IN-
IN+
N.C.
μMAX
TOP VIEW
3
4
6
5
MAX9945
*EP
+
*EP = EXPOSED PAD
+
Pin Configurations


Similar Part No. - MAX9945AUA+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9945AUA MAXIM-MAX9945AUA Datasheet
958Kb / 14P
   38V, Low-Noise, MOS-Input, Low-Power Op Amp
Rev 1; 12/10
More results

Similar Description - MAX9945AUA+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9945 MAXIM-MAX9945_10 Datasheet
958Kb / 14P
   38V, Low-Noise, MOS-Input, Low-Power Op Amp
Rev 1; 12/10
logo
Microchip Technology
MCP6286 MICROCHIP-MCP6286 Datasheet
430Kb / 28P
   Low Noise, Low Power Op Amp
2009
logo
Linear Technology
LT1792 LINER-LT1792 Datasheet
169Kb / 12P
   Low Noise, Precision, JFET Input Op Amp
LT1792 LINER-LT1792_15 Datasheet
184Kb / 12P
   Low Noise, Precision, JFET Input Op Amp
logo
Analog Devices
AD795 AD-AD795_02 Datasheet
278Kb / 16P
   Low Power, Low Noise Precision FET Op Amp
REV. B
AD795 AD-AD795_15 Datasheet
276Kb / 20P
   Low Power, Low Noise Precision FET Op Amp
REV. C
AD795 AD-AD795 Datasheet
331Kb / 16P
   Low Power, Low Noise Precision FET Op Amp
REV. A
AD795 AD-AD795_09 Datasheet
276Kb / 20P
   Low Power, Low Noise Precision FET Op Amp
REV. C
logo
Linear Technology
LT1113 LINER-LT1113_15 Datasheet
224Kb / 16P
   Dual Low Noise, Precision, JFET Input Op Amp
logo
Maxim Integrated Produc...
MAX40242 MAXIM-MAX40242 Datasheet
531Kb / 12P
   20V, Low Input Bias-Current, Low-Noise, Dual Op Amp
2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com