Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9950 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX9950
Description  Dual Per-Pin Parametric Measurement Units
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9950 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX9950 Datasheet HTML 1Page - Maxim Integrated Products MAX9950 Datasheet HTML 2Page - Maxim Integrated Products MAX9950 Datasheet HTML 3Page - Maxim Integrated Products MAX9950 Datasheet HTML 4Page - Maxim Integrated Products MAX9950 Datasheet HTML 5Page - Maxim Integrated Products MAX9950 Datasheet HTML 6Page - Maxim Integrated Products MAX9950 Datasheet HTML 7Page - Maxim Integrated Products MAX9950 Datasheet HTML 8Page - Maxim Integrated Products MAX9950 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
Dual Per-Pin Parametric Measurement Units
4
_______________________________________________________________________________________
DC ELECTRICAL CHARACTERISTICS (continued)
(VCC = +12V, VEE = -7V, VL = +3.3V, TA = TMIN to TMAX, unless otherwise noted. TA < +25°C guaranteed by design and characterization.
Typical values are at TA = +25°C, unless otherwise specified.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Measure-Voltage Linearity Error
VMLER
TA = +25°C, gain and offset errors
calibrated out (Notes 4, 5, 6)
-0.02
+0.02
%FSR
VCC = +12V, VEE = -7V
-2
+7
DUT current at
full scale
VCC = +18V, VEE = -12V
-7
+13
Measure Output Voltage Range
over Full DUT Voltage (VDUT)
VMSR
DUT current = 0V
VEE +
3.5V
VCC -
3.5V
V
FORCE OUTPUT
Off-State Leakage Current
TA = +25°C
-5
+5
nA
ILIM-
-45
-28
Short-Circuit Current Limit
ILIM+
+28
+45
mA
Force-to-Sense Resistor
RFS
D option only
7.8
10
13.3
k
Ω
SENSE INPUT
Input Voltage Range
VEE +
3.5V
VCC -
3.5V
V
Leakage Current
-5
+5
nA
COMPARATOR INPUTS
Input Voltage Range
VEE +
3.5V
VCC -
3.5V
V
Offset Voltage
TA = +25°C
-25
+25
mV
Input Bias Current
±1µA
VOLTAGE CLAMPS
Input Control Voltage
VCLLO_,
VCLHI_
VEE +
3.4V
VCC -
3.4V
V
Clamp Voltage Range
VEE +
3.5V
VCC -
3.5V
V
Clamp Voltage Accuracy
-100
+100
mV
DIGITAL INPUTS
5V logic
+3.5
3.3V logic
+2.0
Input High Voltage (Note 9)
VIH
2.7V logic
+1.7
V
5V and 3.3V logic
+0.8
Input Low Voltage (Note 9)
VIL
2.5V logic
+0.7
V
Input Current
IIN
±1
µA
Input Capacitance
CIN
3.0
pF
COMPARATOR OUTPUTS (Note 9)
Output High Voltage
VOH
VL = +2.375V to +5.5V, RPUP = 1k
Ω
VL - 0.2
V
Output Low Voltage
VOL
VL = +2.375V to +5.5V, RPUP = 1k
Ω
+0.4
V
High-Z State Leakage Current
±1
µA
High-Z State Output Capacitance
6.0
pF


Similar Part No. - MAX9950

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9950 MAXIM-MAX9950 Datasheet
389Kb / 23P
   Dual Per-Pin Parametric Measurement Units
19-3014; Rev 3; 6/10
MAX9950DCCB++ MAXIM-MAX9950DCCB+ Datasheet
389Kb / 23P
   Dual Per-Pin Parametric Measurement Units
19-3014; Rev 3; 6/10
MAX9950FCCB++ MAXIM-MAX9950FCCB+ Datasheet
389Kb / 23P
   Dual Per-Pin Parametric Measurement Units
19-3014; Rev 3; 6/10
More results

Similar Description - MAX9950

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9951 MAXIM-MAX9951 Datasheet
499Kb / 23P
   Dual Per-Pin Parametric Measurement Units
Rev 1; 2/05
MAX9951 MAXIM-MAX9951_V01 Datasheet
399Kb / 24P
   Dual Per-Pin Parametric Measurement Units
2013
MAX9949 MAXIM-MAX9949_V01 Datasheet
389Kb / 23P
   Dual Per-Pin Parametric Measurement Units
19-3014; Rev 3; 6/10
MAX9951 MAXIM-MAX9951_09 Datasheet
304Kb / 24P
   Dual Per-Pin Parametric Measurement Units
Rev 4; 11/09
logo
Semtech Corporation
E4237 SEMTECH-E4237 Datasheet
245Kb / 39P
   Dual Channel Per-Pin Parametric Measurement Unit
logo
Analog Devices
AD5520 AD-AD5520_15 Datasheet
514Kb / 24P
   Per Pin Parametric Measurement Unit/Source Measure Unit
REV. B
AD5520JSTZ AD-AD5520JSTZ Datasheet
514Kb / 24P
   Per Pin Parametric Measurement Unit/Source Measure Unit
REV. B
AD5520 AD-AD5520 Datasheet
763Kb / 20P
   Per Pin Parametric Measurement Unit/Source Measure Unit
REV. A
AD5520JSTZ AD-AD5520JSTZ Datasheet
514Kb / 24P
   Per Pin Parametric Measurement Unit/Source Measure Unit
REV. B
AD5520 AD-AD5520_17 Datasheet
409Kb / 25P
   Per Pin Parametric Measurement Unit/Source Measure Unit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com