Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V300C12E75BS2 Datasheet(PDF) 9 Page - Vicor Corporation

Part # V300C12E75BS2
Description  300V Input Micro Family DC-DC Converter Module
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

V300C12E75BS2 Datasheet(HTML) 9 Page - Vicor Corporation

Back Button V300C12E75BS2 Datasheet HTML 5Page - Vicor Corporation V300C12E75BS2 Datasheet HTML 6Page - Vicor Corporation V300C12E75BS2 Datasheet HTML 7Page - Vicor Corporation V300C12E75BS2 Datasheet HTML 8Page - Vicor Corporation V300C12E75BS2 Datasheet HTML 9Page - Vicor Corporation V300C12E75BS2 Datasheet HTML 10Page - Vicor Corporation V300C12E75BS2 Datasheet HTML 11Page - Vicor Corporation V300C12E75BS2 Datasheet HTML 12Page - Vicor Corporation V300C12E75BS2 Datasheet HTML 13Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Vicor Corp. Tel: 800-735-6200, 978-470-2900 Fax: 978-475-6715
300V Micro Family
Rev. 8.7
Page 9 of 13
Set your site on VICOR at vicorpower.com
Output Voltage Programming
The output voltage of the converter can be adjusted or
programmed via fixed resistors, potentiometers or voltage
DACs. See Figures 7 and 8.
Figure 8 — Output voltage trim up circuit.
Figure 7 — Output voltage trim down circuit.
RU
Trim Up
Load
Error
Amp
1 k
Ω
1.23 V
0.033
μF
+OUT
SC
–OUT
1,000 (Vout –1.23) Vnom
1.23 (Vout – Vnom)
RU (ohms) =
– 1,000
Load
RD
Trim Down
Error
Amp
1 k
Ω
1.23 V
0.033
μF
+OUT
SC
–OUT
1,000 Vout
Vnom – Vout
RD (ohms) =
Trim Down
1. This converter is not a constant power device – it has a
constant current limit. Hence, available output power is
reduced by the same percentage that output voltage is
trimmed down. Do not exceed maximum rated output current.
2. The trim down resistor must be connected to the –Out pin.
Trim Up
1. The converter is rated for a maximum delivered power. To
ensure that maximum rated power is not exceeded, reduce
maximum output current by the same percentage increase in
output voltage.
2. The trim up resistor must be connected to the +Out pin.
3. Do not trim the converter above maximum trim range
(typically +10%) or the output over voltage protection
circuitry may be activated.
CONTROL FUNCTIONS - SC PIN
Trim resistor values calculated automatically:
On-line calculators for trim resistor values are available
on the vicor website at: vicorpower.com/tools.
Resistor values can be calculated for fixed trim up,
fixed trim down and for variable trim up or down.
In addition to trimming information, the web site and
the Applications Manual also include design tips,
applications circuits, EMC suggestions, thermal design
guidelines and PDF data sheets for all available Vicor
products.


Similar Part No. - V300C12E75BS2

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V300C12E24B VICOR-V300C12E24B Datasheet
241Kb / 8P
   FasTrak Micro E-Grade Family DC-DC Converter Module
V300C12E24B1 VICOR-V300C12E24B1 Datasheet
241Kb / 8P
   FasTrak Micro E-Grade Family DC-DC Converter Module
V300C12E24B2 VICOR-V300C12E24B2 Datasheet
241Kb / 8P
   FasTrak Micro E-Grade Family DC-DC Converter Module
V300C12E24BL VICOR-V300C12E24BL Datasheet
241Kb / 8P
   FasTrak Micro E-Grade Family DC-DC Converter Module
V300C12E24BL1 VICOR-V300C12E24BL1 Datasheet
241Kb / 8P
   FasTrak Micro E-Grade Family DC-DC Converter Module
More results

Similar Description - V300C12E75BS2

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V300A12T500BL2 VICOR-V300A12T500BL2 Datasheet
592Kb / 13P
   300V Input Maxi Family DC-DC Converter Module
V300B12T250BL2 VICOR-V300B12T250BL2 Datasheet
588Kb / 13P
   300V Input Mini Family DC-DC Converter Module
V72C15C150BL VICOR-V72C15C150BL Datasheet
517Kb / 11P
   72V Input Micro Family DC-DC Converter Module
V48C24C150A VICOR-V48C24C150A Datasheet
302Kb / 8P
   48V Input Micro Family DC-DC Converter Module
V24C12T100BL2 VICOR-V24C12T100BL2 Datasheet
497Kb / 13P
   24V Input Micro Family DC-DC Converter Module
V375C12T150BL2 VICOR-V375C12T150BL2 Datasheet
507Kb / 13P
   375V Input Micro Family DC-DC Converter Module
V48C12T150BL2 VICOR-V48C12T150BL2 Datasheet
508Kb / 13P
   48V Input Micro Family DC-DC Converter Module
V150C12C150BL VICOR-V150C12C150BL Datasheet
514Kb / 11P
   150V Input Micro Family DC-DC Converter Module
V110C12C100BL VICOR-V110C12C100BL Datasheet
515Kb / 11P
   110V Input Micro Family DC-DC Converter Module
V28C12T100BL2 VICOR-V28C12T100BL2 Datasheet
491Kb / 11P
   28V Wide Input Micro Family DC-DC Converter Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com