Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V375B12H200BS2 Datasheet(PDF) 3 Page - Vicor Corporation

Part # V375B12H200BS2
Description  375V Input Mini Family DC-DC Converter Module
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

V375B12H200BS2 Datasheet(HTML) 3 Page - Vicor Corporation

  V375B12H200BS2 Datasheet HTML 1Page - Vicor Corporation V375B12H200BS2 Datasheet HTML 2Page - Vicor Corporation V375B12H200BS2 Datasheet HTML 3Page - Vicor Corporation V375B12H200BS2 Datasheet HTML 4Page - Vicor Corporation V375B12H200BS2 Datasheet HTML 5Page - Vicor Corporation V375B12H200BS2 Datasheet HTML 6Page - Vicor Corporation V375B12H200BS2 Datasheet HTML 7Page - Vicor Corporation V375B12H200BS2 Datasheet HTML 8Page - Vicor Corporation V375B12H200BS2 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Vicor Corp. Tel: 800-735-6200, 978-470-2900 Fax: 978-475-6715
375V Mini Family
Rev. 8.4
Page 3 of 13
Set your site on VICOR at vicorpower.com
Parameter
Min
Typ
Max
Unit
Notes
PRIMARY SIDE
(PC = Primary Control; PR = Parallel)
PC bias voltage
5.50
5.75
6.00
Vdc
PC current = 1.0 mA
current limit
1.5
2.1
3.0
mA
PC voltage = 5.5 V
PC module disable
2.3
2.6
2.9
Vdc
Must be able to sink ≥4 mA. See Fig. 1
PC module enable delay
4
7
ms
PC module alarm
0.5
Vavg
UV, OV, OT, module fault. See Figs. 2 and 4
PC resistance
0.9
1.0
1.1
See Fig. 2
PR emitter amplitude
5.7
5.9
6.1
Volts
PR load >30 Ω, < 30 pF
PR emitter current
150
mA
PR receiver impedance
375
500
625
Ω
25°C
PR receiver threshold
2.4
2.5
2.6
Volts
Minimum pulse width: 20 ns
PR drive capability
12
modules
Without PR buffer amplifier
SECONDARY SIDE
(SC = Secondary Control)
SC bandgap voltage
1.21
1.23
1.25
Vdc
Referenced to –Sense
SC resistance
990
1000
1010
Ω
SC capacitance
0.033
µF
SC module alarm
0
Vdc
With open trim; referenced to –Sense. See Fig. 6
Parameter
Min
Typ
Max
Unit
Notes
Remote sense (total drop)
0.5
Vdc
0.25 V per leg (senses must be closed)
Isolation voltage
in to out
3000
Vrms
Complies with reinforced insulation requirements
in to base
1500
Vrms
Complies with basic insulation requirements
out to base
500
Vrms
Complies with operational insulation requirements
Isolation resistance (in to out)
10
Weight
3.5
3.9
4.3
ounces
(99.6)
(110.6)
(121.6)
(grams)
Temperature limiting
100
115
°C
See Figs. 2 and 4
Agency approvals
cURus, TÜV, CE
UL60950-1, CSA0950-1, EN60950-1, IEC60950-1.
With appropriate fuse in series with the +Input
MODULE CONTROL SPECIFICATIONS
MODULE GENERAL SPECIFICATIONS
Note:
Specifications are subject to change without notice.
MODULE FAMILY ELECTRICAL CHARACTERISTICS (CONT.)


Similar Part No. - V375B12H200BS2

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V375B12H200A VICOR-V375B12H200A Datasheet
183Kb / 8P
   375Vin / 5Vout / 200Watts DC-DC Converter Module
More results

Similar Description - V375B12H200BS2

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V375C12T150BL2 VICOR-V375C12T150BL2 Datasheet
507Kb / 13P
   375V Input Micro Family DC-DC Converter Module
V375A12T600BL2 VICOR-V375A12T600BL2 Datasheet
596Kb / 15P
   375V Input Maxi Family DC-DC Converter Module
V48B12T250BL2 VICOR-V48B12T250BL2 Datasheet
583Kb / 11P
   48V Input Mini Family DC-DC Converter Module
V72B24C250BL VICOR-V72B24C250BL Datasheet
598Kb / 11P
   72V Input Mini Family DC-DC Converter Module
V150B24C250BL VICOR-V150B24C250BL Datasheet
600Kb / 13P
   150V Input Mini Family DC-DC Converter Module
V300B12T250BL2 VICOR-V300B12T250BL2 Datasheet
588Kb / 13P
   300V Input Mini Family DC-DC Converter Module
V110B24C200BL VICOR-V110B24C200BL Datasheet
600Kb / 13P
   110V Input Mini Family DC-DC Converter Module
V24B12T200BL2 VICOR-V24B12T200BL2 Datasheet
575Kb / 13P
   24V Input Mini Family DC-DC Converter Module
V48B15C250A VICOR-V48B15C250A Datasheet
329Kb / 8P
   48V Input Mini Family DC-DC Converter Module
V28B28C150BL VICOR-V28B28C150BL Datasheet
769Kb / 11P
   Mini Family 28V Wide Input DC-DC Converter Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com