Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX11613 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX11613
Description  2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/8-/12-Channel, 2-Wire Serial, 12-Bit ADCs
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11613 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX11613 Datasheet HTML 5Page - Maxim Integrated Products MAX11613 Datasheet HTML 6Page - Maxim Integrated Products MAX11613 Datasheet HTML 7Page - Maxim Integrated Products MAX11613 Datasheet HTML 8Page - Maxim Integrated Products MAX11613 Datasheet HTML 9Page - Maxim Integrated Products MAX11613 Datasheet HTML 10Page - Maxim Integrated Products MAX11613 Datasheet HTML 11Page - Maxim Integrated Products MAX11613 Datasheet HTML 12Page - Maxim Integrated Products MAX11613 Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
Detailed Description
The MAX11612–MAX11617 analog-to-digital converters
(ADCs) use successive-approximation conversion tech-
niques and fully differential input track/hold (T/H) cir-
cuitry to capture and convert an analog signal to a
serial 12-bit digital output. The MAX11612/MAX11613
are 4-channel ADCs, the MAX11614/MAX11615 are
8-channel ADCs, and the MAX11616/MAX11617 are
12-channel ADCs. These devices feature a high-speed,
2-wire serial interface supporting data rates up to
1.7MHz. Figure 2 shows the simplified internal structure
for the MAX11616/MAX11617.
Power Supply
The MAX11612–MAX11617 operate from a single sup-
ply and consume 670µA (typ) at sampling rates up to
94.4ksps. The MAX11613/MAX11615/MAX11617 fea-
ture a 2.048V internal reference and the MAX11612/
MAX11614/MAX11616 feature a 4.096V internal refer-
ence. All devices can be configured for use with an
external reference from 1V to VDD.
Analog Input and Track/Hold
The MAX11612–MAX11617 analog-input architecture
contains an analog-input multiplexer (mux), a fully dif-
ferential track-and-hold (T/H) capacitor, T/H switches, a
comparator, and a fully differential switched capacitive
digital-to-analog converter (DAC) (Figure 4).
In single-ended mode, the analog input multiplexer con-
nects CT/H between the analog input selected by
CS[3:0] (see the
Configuration/Setup Bytes (Write Cycle)
section) and GND (Table 3). In differential mode, the
analog-input multiplexer connects CT/H to the + and -
analog inputs selected by CS[3:0] (Table 4).
2.7V to 3.6V and 4.5V to 5.5V, Low-Power,
4-/8-/12-Channel, 2-Wire Serial, 12-Bit ADCs
_______________________________________________________________________________________
9
ANALOG
INPUT
MUX
AIN1
AIN11/REF
AIN2
AIN3
AIN4
AIN5
AIN6
AIN7
AIN8
AIN9
AIN10
AIN0
SCL
SDA
INPUT SHIFT REGISTER
SETUP REGISTER
CONFIGURATION REGISTER
CONTROL
LOGIC
REFERENCE
4.096V (MAX11616)
2.048V (MAX11617)
INTERNAL
OSCILLATOR
OUTPUT SHIFT
REGISTER
AND RAM
REF
T/H
12-BIT
ADC
VDD
GND
MAX11616
MAX11617
Figure 2. MAX11616/MAX11617 Simplified Functional Diagram
VDD
IOL
IOH
VOUT
400pF
SDA
Figure 3. Load Circuit


Similar Part No. - MAX11613

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11613EUA++ MAXIM-MAX11613EUA+ Datasheet
310Kb / 22P
   Low-Power, 4-/8-/12-Channel, I2C, 12-Bit ADCs in Ultra-Small Packages
Rev 3; 2/11
MAX11613EVSYS++ MAXIM-MAX11613EVSYS+ Datasheet
5Mb / 36P
   Evaluation System
Rev 0; 3/10
MAX11613EWC++ MAXIM-MAX11613EWC+ Datasheet
310Kb / 22P
   Low-Power, 4-/8-/12-Channel, I2C, 12-Bit ADCs in Ultra-Small Packages
Rev 3; 2/11
More results

Similar Description - MAX11613

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1236 MAXIM-MAX1236_V01 Datasheet
378Kb / 22P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial, 12-Bit ADCs
2010
MAX1239EEE-T MAXIM-MAX1239EEE-T Datasheet
378Kb / 22P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial, 12-Bit ADCs
Rev 7; 5/10
MAX1236 MAXIM-MAX1236_09 Datasheet
228Kb / 22P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial, 12-Bit ADCs
Rev 5; 2/09
MAX1236 MAXIM-MAX1236 Datasheet
407Kb / 22P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial, 12-Bit ADCs
19-2333; Rev 2; 2/03
MAX1037EKA-T MAXIM-MAX1037EKA-T Datasheet
748Kb / 23P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power 4-/12-Channel 2-Wire Serial 8-Bit ADCs
Rev 4; 5/09
MAX1036 MAXIM-MAX1036_09 Datasheet
292Kb / 23P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel 2-Wire Serial 8-Bit ADCs
Rev 3; 2/09
MAX11600 MAXIM-MAX11600 Datasheet
642Kb / 23P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/8-/12-Channel 2-Wire Serial 8-Bit ADCs
Rev 1; 7/09
MAX11606 MAXIM-MAX11606 Datasheet
583Kb / 22P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/8-/12-Channel, 2-Wire Serial 10-Bit ADCs
Rev 1; 7/09
MAX1136 MAXIM-MAX1136_V01 Datasheet
319Kb / 22P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial 10-Bit ADCs
2010
MAX1136 MAXIM-MAX1136_09 Datasheet
308Kb / 22P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial 10-Bit ADCs
Rev 5; 5/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com