Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX11600EKA+ Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX11600EKA+
Description  2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/8-/12-Channel 2-Wire Serial 8-Bit ADCs
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11600EKA+ Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX11600EKA+ Datasheet HTML 1Page - Maxim Integrated Products MAX11600EKA+ Datasheet HTML 2Page - Maxim Integrated Products MAX11600EKA+ Datasheet HTML 3Page - Maxim Integrated Products MAX11600EKA+ Datasheet HTML 4Page - Maxim Integrated Products MAX11600EKA+ Datasheet HTML 5Page - Maxim Integrated Products MAX11600EKA+ Datasheet HTML 6Page - Maxim Integrated Products MAX11600EKA+ Datasheet HTML 7Page - Maxim Integrated Products MAX11600EKA+ Datasheet HTML 8Page - Maxim Integrated Products MAX11600EKA+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
2.7V to 3.6V and 4.5V to 5.5V, Low-Power,
4-/8-/12-Channel 2-Wire Serial 8-Bit ADCs
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VDD = 2.7V to 3.6V (MAX11601/MAX11603/MAX11605), VDD = 4.5V to 5.5V (MAX11600/MAX11602/MAX11604). External reference,
VREF = 2.048V (MAX11601/MAX11603/MAX11605), VREF = 4.096V (MAX11600/MAX11602/MAX11604). External clock, fSCL =
1.7MHz, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VDD to GND ..............................................................-0.3V to +6V
AIN0–AIN11, REF to
GND ......................-0.3V to the lower of (VDD + 0.3V) and +6V
SDA, SCL to GND.....................................................-0.3V to +6V
Maximum Current into Any Pin .........................................±50mA
Continuous Power Dissipation (TA = +70°C)
8-Pin SOT23 (derate 7.1mW/°C above +70°C).............567mW
16-Pin QSOP (derate 8.3mW/°C above +70°C).........666.7mW
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-60°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DC ACCURACY (Note 1)
Resolution
8
Bits
Relative Accuracy
INL
(Note 2)
±1
LSB
Differential Nonlinearity
DNL
No missing codes over temperature
±1
LSB
Offset Error
±1.5
LSB
Offset-Error Temperature
Coefficient
3
ppm/
°C
Gain Error
(Note 3)
±1
LSB
Gain Temperature Coefficient
±1
ppm/
°C
MAX11600/MAX11601
±0.5
±2
MAX11602/MAX11603
±0.5
±1
Total Unadjusted Error
TUE
MAX11604/MAX11605
±0.5
±1
LSB
Channel-to-Channel Offset
Matching
±0.1
LSB
Channel-to-Channel Gain
Matching
±0.5
LSB
Input Common-Mode Rejection
Ratio
CMRR
Pseudo-differential input mode
75
dB
DYNAMIC PERFORMANCE (fIN(sine wave) = 25kHz, VIN = VREF(P-P), fSAMPLE = 188ksps, RIN = 100
Ω)
Signal-to-Noise Plus Distortion
SINAD
49
dB
Total Harmonic Distortion
THD
Up to the 5th harmonic
-69
dB
Spurious-Free Dynamic Range
SFDR
69
dB
Channel-to-Channel Crosstalk
(Note 4)
75
dB
Full-Power Bandwidth
-3dB point
2.0
MHz
Full-Linear Bandwidth
SINAD > 49dB
200
kHz
CONVERSION RATE
Internal clock
6.1
Conversion Time (Note 5)
tCONV
External clock
4.7
µs


Similar Part No. - MAX11600EKA+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11600 MAXIM-MAX11600 Datasheet
5Mb / 36P
   Evaluation System
Rev 0; 3/10
MAX11600 MAXIM-MAX11600 Datasheet
5Mb / 36P
   EV Kit Daughter Board Powered by the Master Board
Rev 0; 3/10
MAX11600 MAXIM-MAX11600_10 Datasheet
5Mb / 36P
   Evaluation System
Rev 0; 3/10
More results

Similar Description - MAX11600EKA+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1037EKA-T MAXIM-MAX1037EKA-T Datasheet
748Kb / 23P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power 4-/12-Channel 2-Wire Serial 8-Bit ADCs
Rev 4; 5/09
MAX1036 MAXIM-MAX1036_09 Datasheet
292Kb / 23P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel 2-Wire Serial 8-Bit ADCs
Rev 3; 2/09
MAX11612 MAXIM-MAX11612 Datasheet
394Kb / 22P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/8-/12-Channel, 2-Wire Serial, 12-Bit ADCs
Rev 1; 7/09
MAX11606 MAXIM-MAX11606 Datasheet
583Kb / 22P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/8-/12-Channel, 2-Wire Serial 10-Bit ADCs
Rev 1; 7/09
MAX1236 MAXIM-MAX1236_V01 Datasheet
378Kb / 22P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial, 12-Bit ADCs
2010
MAX1239EEE-T MAXIM-MAX1239EEE-T Datasheet
378Kb / 22P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial, 12-Bit ADCs
Rev 7; 5/10
MAX1236 MAXIM-MAX1236_09 Datasheet
228Kb / 22P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial, 12-Bit ADCs
Rev 5; 2/09
MAX1236 MAXIM-MAX1236 Datasheet
407Kb / 22P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial, 12-Bit ADCs
19-2333; Rev 2; 2/03
MAX1136 MAXIM-MAX1136_V01 Datasheet
319Kb / 22P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial 10-Bit ADCs
2010
MAX1136 MAXIM-MAX1136_09 Datasheet
308Kb / 22P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial 10-Bit ADCs
Rev 5; 5/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com