Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX13171E Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX13171E
Description  Multiprotocol, Pin-Selectable Data Interface Chipset
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX13171E Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX13171E Datasheet HTML 6Page - Maxim Integrated Products MAX13171E Datasheet HTML 7Page - Maxim Integrated Products MAX13171E Datasheet HTML 8Page - Maxim Integrated Products MAX13171E Datasheet HTML 9Page - Maxim Integrated Products MAX13171E Datasheet HTML 10Page - Maxim Integrated Products MAX13171E Datasheet HTML 11Page - Maxim Integrated Products MAX13171E Datasheet HTML 12Page - Maxim Integrated Products MAX13171E Datasheet HTML 13Page - Maxim Integrated Products MAX13171E Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
Multiprotocol, Pin-Selectable
Data Interface Chipset
10
______________________________________________________________________________________
V.35 LOADED DIFFERENTIAL OUTPUT
VOLTAGE vs. COMMON-MODE VOLTAGE
COMMON-MODE VOLTAGE (V)
-2
0
2
535
540
545
555
550
560
530
-4
4
DC OUTPUT
|VOD|
V.11/V.35 RECEIVER INPUT CURRENT
vs. INPUT VOLTAGE
INPUT VOLTAGE (V)
8
0
-2
2
-8
-400
-300
0
200
100
-200
-100
400
300
500
-500
-10
10
4
-4
-6
6
DC OUTPUT
DTE MODE
R2INA, R3INA
R1INA
V.28 RECEIVER INPUT CURRENT
vs. INPUT VOLTAGE
INPUT VOLTAGE (V)
8
0
-2
2
-8
-2.0
-1.5
0
1.0
0.5
-1.0
-0.5
2.0
1.5
2.5
-2.5
-10
10
4
-4
-6
6
DC OUTPUT
DTE MODE
V.11 DIFFERENTIAL OUTPUT VOLTAGE
vs. TEMPERATURE
TEMPERATURE (°C)
60
35
10
-15
-2
-1
0
1
2
3
-3
-40
85
VOUT+
VOUT-
DC OUTPUT
DCE MODE,
R = 50Ω
V.28 OUTPUT VOLTAGE
vs. TEMPERATURE
TEMPERATURE (°C)
60
35
-15
10
-6
-4
-2
0
4
2
6
8
-8
-40
85
DC OUTPUT
DCE MODE,
RL = 3kΩ
VOUT+
VOUT-
V.35 OUTPUT VOLTAGE
vs. TEMPERATURE
TEMPERATURE (°C)
60
35
-15
10
-400
-200
0
400
200
600
-600
-40
85
DC OUTPUT
DCE MODE,
VCM = 0V, FULL LOAD
VOH
VOL
MAX13171E Typical Operating Characteristics
(VCC = +3.3V, VL = +1.8V, TA = +25°C, unless otherwise noted.)
RS-530 SUPPLY CURRENT
vs. DATA RATE
DATA RATE (kbps)
1000
10
50
100
150
200
250
300
350
0
0.1
10,000
DCE MODE, R = 50Ω,
ALL TRANSMITTERS
OPERATING AT THE
SPECIFIED DATA RATE
V.28 SUPPLY CURRENT
vs. DATA RATE
DATA RATE (kbps)
200
150
50
100
10
20
30
40
60
50
70
80
0
0250
DCE MODE, ALL TRANSMITTERS
OPERATING AT THE SPECIFIED
DATA RATE, RL = 3kΩ, CL = 2500pF
V.35 SUPPLY CURRENT
vs. DATA RATE
DATA RATE (kbps)
1000
10
50
100
150
200
250
300
350
0
0.1
10,000
DCE MODE, FULLY LOADED,
ALL TRANSMITTERS
OPERATING AT THE
SPECIFIED DATA RATE


Similar Part No. - MAX13171E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1317 MAXIM-MAX1317 Datasheet
255Kb / 27P
   8-/4-/2-Channel, 14-Bit, Simultaneous-Sampling ADCs with 10V, 5V, and 0 to 5V Analog Input Ranges
Rev 2; 8/04
MAX1317 MAXIM-MAX1317 Datasheet
250Kb / 27P
   8-/4-/2-Channel, 14-Bit, Simultaneous-Sampling ADCs with ±10V, ±5V, and 0 to 5V Analog Input Ranges
Rev 4; 10/08
MAX13170E MAXIM-MAX13170E Datasheet
1Mb / 15P
   Fully Assembled and Tested
Rev 0; 1/11
MAX13170EEVKIT++ MAXIM-MAX13170EEVKIT+ Datasheet
1Mb / 15P
   Fully Assembled and Tested
Rev 0; 1/11
MAX13172E MAXIM-MAX13172E Datasheet
1Mb / 15P
   Fully Assembled and Tested
Rev 0; 1/11
More results

Similar Description - MAX13171E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX13174E MAXIM-MAX13174E Datasheet
597Kb / 13P
   5V Multiprotocol, Pin-Selectable Cable Terminator
Rev 0; 7/09
logo
Linear Technology
LTC1343 LINER-LTC1343 Datasheet
382Kb / 28P
   Software-Selectable Multiprotocol Transceiver
LTC1545 LINER-LTC1545 Datasheet
244Kb / 16P
   Software-Selectable Multiprotocol Transceiver
LTC1543 LINER-LTC1543 Datasheet
281Kb / 20P
   Software-Selectable Multiprotocol Transceiver
LTC1544 LINER-LTC1544 Datasheet
277Kb / 20P
   Software-Selectable Multiprotocol Transceiver
LTC1543 LINER-LTC1543_15 Datasheet
306Kb / 20P
   Software-Selectable Multiprotocol Transceiver
LTC1343 LINER-LTC1343_15 Datasheet
398Kb / 28P
   Software-Selectable Multiprotocol Transceiver
LTC1544 LINER-LTC1544_15 Datasheet
299Kb / 20P
   Software-Selectable Multiprotocol Transceiver
LTC1545 LINER-LTC1545_15 Datasheet
268Kb / 16P
   Software-Selectable Multiprotocol Transceiver
logo
Maxim Integrated Produc...
MXL1543CAI MAXIM-MXL1543CAI Datasheet
343Kb / 18P
   5V Multiprotocol, 3Tx/3Rx, Software-Selectable Clock/Data Transceivers
Rev 1; 9/01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com