Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX13174ECAG+ Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX13174ECAG+
Description  5V Multiprotocol, Pin-Selectable Cable Terminator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX13174ECAG+ Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX13174ECAG+ Datasheet HTML 3Page - Maxim Integrated Products MAX13174ECAG+ Datasheet HTML 4Page - Maxim Integrated Products MAX13174ECAG+ Datasheet HTML 5Page - Maxim Integrated Products MAX13174ECAG+ Datasheet HTML 6Page - Maxim Integrated Products MAX13174ECAG+ Datasheet HTML 7Page - Maxim Integrated Products MAX13174ECAG+ Datasheet HTML 8Page - Maxim Integrated Products MAX13174ECAG+ Datasheet HTML 9Page - Maxim Integrated Products MAX13174ECAG+ Datasheet HTML 10Page - Maxim Integrated Products MAX13174ECAG+ Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
+5V Multiprotocol, Pin-Selectable
Cable Terminator
_______________________________________________________________________________________
7
forcing them to the logic-high state if they are not
grounded. This allows interface-mode configuration by
simply strapping the appropriate pins to ground in the
interconnect cable.
V.11 Termination
A standard V.11 interface is shown in Figure 6. For high-
speed data transmission, the V.11 specification recom-
mends terminating the cable at the receiver with a 100
(min) resistor. The resistor, although not required, pre-
vents reflections from corrupting transmitted data.
Note: Z indicates high impedance, 1 = high, and 0 = low. Z, V.11, and V.35 refer to termination modes (Figure 4).
R2
52
R3
127
R1
52
S1
CLOSED
A
B
S2
OPEN
(a) V.11
(b) V.35
(c) Z
A
C
B
A
B
MAX13174E
R2
52
R3
127
R1
52
S1
CLOSED
S2
CLOSED
R2
52
R3
127
R1
52
S1
OPEN
S2
OPEN
CC
MAX13174E
MAX13174E
Figure 4. Termination Modes
Table 1. Termination Mode Select Table
PROTOCOL
DCE/
DTE
M2
M1
M0
R1
R2
R3
R4
R5
R6
V.10/RS-423
0
0
0
0
Z
Z
Z
Z
Z
Z
RS-530A
0
0
0
1
Z
Z
Z
V.11
V.11
V.11
RS-530
0
0
1
0
Z
Z
Z
V.11
V.11
V.11
X.21
0
0
1
1
Z
Z
Z
V.11
V.11
V.11
V.35
0
1
0
0
V.35
V.35
Z
V.35
V.35
V.35
RS-449/V.36
0
1
0
1
Z
Z
Z
V.11
V.11
V.11
V.28/RS-232
0
1
1
0
Z
Z
Z
Z
Z
Z
No Cable
0
1
1
1
V.11
V.11
V.11
V.11
V.11
V.11
V.10/RS-423
1
0
0
0
Z
Z
Z
Z
Z
Z
RS-530A
1
0
0
1
Z
Z
Z
Z
V.11
V.11
RS-530
1
0
1
0
Z
Z
Z
Z
V.11
V.11
X.21
1
0
1
1
Z
Z
Z
Z
V.11
V.11
V.35
1
1
0
0
V.35
V.35
V.35
Z
V.35
V.35
RS-449/V.36
1
1
0
1
Z
Z
Z
Z
V.11
V.11
V.28/RS-232
1
1
1
0
Z
Z
Z
Z
Z
Z
No Cable
1
1
1
1
V.11
V.11
V.11
V.11
V.11
V.11


Similar Part No. - MAX13174ECAG+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX13174E MAXIM-MAX13174E Datasheet
1Mb / 15P
   Fully Assembled and Tested
Rev 0; 1/11
MAX13174EEVKIT++ MAXIM-MAX13174EEVKIT+ Datasheet
1Mb / 15P
   Fully Assembled and Tested
Rev 0; 1/11
More results

Similar Description - MAX13174ECAG+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MXL1344A MAXIM-MXL1344A Datasheet
220Kb / 12P
   5V Multiprotocol, Software-Selectable Cable Terminator
Rev 0; 2/01
MXL1544 MAXIM-MXL1544 Datasheet
364Kb / 20P
   5V Multiprotocol, Software-Selectable Control Transceivers
Rev 0; 4/01
MAX13171E MAXIM-MAX13171E Datasheet
904Kb / 38P
   Multiprotocol, Pin-Selectable Data Interface Chipset
Rev 1; 7/09
logo
Linear Technology
LTC1344 LINER-LTC1344 Datasheet
252Kb / 12P
   Software-Selectable Cable Terminator
LTC1344A LINER-LTC1344A Datasheet
202Kb / 12P
   Software-Selectable Cable Terminator
LTC1344 LINER-LTC1344_15 Datasheet
203Kb / 12P
   Software-Selectable Cable Terminator
LTC1344A LINER-LTC1344A_15 Datasheet
152Kb / 12P
   Software-Selectable Cable Terminator
logo
Maxim Integrated Produc...
MXL1543CAI MAXIM-MXL1543CAI Datasheet
343Kb / 18P
   5V Multiprotocol, 3Tx/3Rx, Software-Selectable Clock/Data Transceivers
Rev 1; 9/01
MXL1543B MAXIM-MXL1543B Datasheet
695Kb / 18P
   5V Multiprotocol, 3Tx/3Rx, Software- Selectable Clock/Data Transceivers
Rev 0; 10/04
logo
Linear Technology
LTC1343 LINER-LTC1343 Datasheet
382Kb / 28P
   Software-Selectable Multiprotocol Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com