Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX11603EEE+ Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX11603EEE+
Description  2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/8-/12-Channel 2-Wire Serial 8-Bit ADCs
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11603EEE+ Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX11603EEE+ Datasheet HTML 1Page - Maxim Integrated Products MAX11603EEE+ Datasheet HTML 2Page - Maxim Integrated Products MAX11603EEE+ Datasheet HTML 3Page - Maxim Integrated Products MAX11603EEE+ Datasheet HTML 4Page - Maxim Integrated Products MAX11603EEE+ Datasheet HTML 5Page - Maxim Integrated Products MAX11603EEE+ Datasheet HTML 6Page - Maxim Integrated Products MAX11603EEE+ Datasheet HTML 7Page - Maxim Integrated Products MAX11603EEE+ Datasheet HTML 8Page - Maxim Integrated Products MAX11603EEE+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
2.7V to 3.6V and 4.5V to 5.5V, Low-Power,
4-/8-/12-Channel 2-Wire Serial 8-Bit ADCs
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VDD = 2.7V to 3.6V (MAX11601/MAX11603/MAX11605), VDD = 4.5V to 5.5V (MAX11600/MAX11602/MAX11604). External reference,
VREF = 2.048V (MAX11601/MAX11603/MAX11605), VREF = 4.096V (MAX11600/MAX11602/MAX11604). External clock, fSCL =
1.7MHz, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Internal clock, SCAN[1:0] = 01
(MAX11600/MAX11601)
76
SCAN[1:0] = 00 CS[3:0] = 0111
(MAX11602/MAX11603)
76
Internal clock, SCAN[1:0] = 00
CS[3:0] = 1011 (MAX11604/MAX11605)
77
Throughput Rate
fSAMPLE
External clock
188
ksps
Track/Hold Acquisition Time
588
ns
Internal Clock Frequency
2.25
MHz
External clock, fast mode
45
Aperture Delay
tAD
External clock, high-speed mode
30
ns
ANALOG INPUT (AIN0–AIN11)
Unipolar
0
VREF
Input Voltage Range, Single
Ended and Differential (Note 6)
Bipolar
±VREF/2
V
Input Multiplexer Leakage Current
On/off-leakage current, VAIN_ = 0 or VDD,
no clock, fSCL = 0
±0.01
±1µA
Input Capacitance
CIN
18
pF
INTERNAL REFERENCE (Note 7)
MAX11601/MAX11603/MAX11605
1.925
2.048
2.171
Reference Voltage
VREF
TA = +25°C
MAX11600/MAX11602/MAX11604
3.850
4.096
4.342
V
Reference Temperature
Coefficient
TCREF
120
ppm/
°C
Reference Short-Circuit Current
10
mA
Reference Source Impedance
(Note 8)
675
Ω
EXTERNAL REFERENCE
Reference Input Voltage Range
VREF
(Note 9)
1.0
VDD
V
REF Input Current
IREF
fSAMPLE = 188ksps
14
30
µA
DIGITAL INPUTS/OUTPUTS (SCL, SDA)
Input High Voltage
VIH
0.7 x VDD
V
Input Low Voltage
VIL
0.3 x VDD
V
Input Hysteresis
VHYST
0.1 x VDD
V
Input Current
IIN
VIN = 0 to VDD
±10
µA
Input Capacitance
CIN
15
pF
Output Low Voltage
VOL
ISINK = 3mA
0.4
V


Similar Part No. - MAX11603EEE+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11603 MAXIM-MAX11603 Datasheet
5Mb / 36P
   EV Kit Daughter Board Powered by the Master Board
Rev 0; 3/10
More results

Similar Description - MAX11603EEE+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1037EKA-T MAXIM-MAX1037EKA-T Datasheet
748Kb / 23P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power 4-/12-Channel 2-Wire Serial 8-Bit ADCs
Rev 4; 5/09
MAX1036 MAXIM-MAX1036_09 Datasheet
292Kb / 23P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel 2-Wire Serial 8-Bit ADCs
Rev 3; 2/09
MAX11612 MAXIM-MAX11612 Datasheet
394Kb / 22P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/8-/12-Channel, 2-Wire Serial, 12-Bit ADCs
Rev 1; 7/09
MAX11606 MAXIM-MAX11606 Datasheet
583Kb / 22P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/8-/12-Channel, 2-Wire Serial 10-Bit ADCs
Rev 1; 7/09
MAX1236 MAXIM-MAX1236_V01 Datasheet
378Kb / 22P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial, 12-Bit ADCs
2010
MAX1239EEE-T MAXIM-MAX1239EEE-T Datasheet
378Kb / 22P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial, 12-Bit ADCs
Rev 7; 5/10
MAX1236 MAXIM-MAX1236_09 Datasheet
228Kb / 22P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial, 12-Bit ADCs
Rev 5; 2/09
MAX1236 MAXIM-MAX1236 Datasheet
407Kb / 22P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial, 12-Bit ADCs
19-2333; Rev 2; 2/03
MAX1136 MAXIM-MAX1136_V01 Datasheet
319Kb / 22P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial 10-Bit ADCs
2010
MAX1136 MAXIM-MAX1136_09 Datasheet
308Kb / 22P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial 10-Bit ADCs
Rev 5; 5/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com