Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX11608EEE+ Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX11608EEE+
Description  2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/8-/12-Channel, 2-Wire Serial 10-Bit ADCs
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11608EEE+ Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX11608EEE+ Datasheet HTML 5Page - Maxim Integrated Products MAX11608EEE+ Datasheet HTML 6Page - Maxim Integrated Products MAX11608EEE+ Datasheet HTML 7Page - Maxim Integrated Products MAX11608EEE+ Datasheet HTML 8Page - Maxim Integrated Products MAX11608EEE+ Datasheet HTML 9Page - Maxim Integrated Products MAX11608EEE+ Datasheet HTML 10Page - Maxim Integrated Products MAX11608EEE+ Datasheet HTML 11Page - Maxim Integrated Products MAX11608EEE+ Datasheet HTML 12Page - Maxim Integrated Products MAX11608EEE+ Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
Detailed Description
The MAX11606–MAX11611 analog-to-digital converters
(ADCs) use successive-approximation conversion tech-
niques and fully differential input track/hold (T/H) cir-
cuitry to capture and convert an analog signal to a
serial 12-bit digital output. The MAX11606/MAX11607
are 4-channel ADCs, the MAX11608/MAX11609 are
8-channel ADCs, and the MAX11610/MAX11611 are
12-channel ADCs. These devices feature a high-speed
2-wire serial interface supporting data rates up to
1.7MHz. Figure 2 shows the simplified internal structure
for the MAX11610/MAX11611.
Power Supply
The MAX11606–MAX11611 operates from a single sup-
ply and consumes 670µA (typ) at sampling rates up to
94.4ksps. The MAX11607/MAX11609/MAX11611 feature
a 2.048V internal reference and the MAX11606/
MAX11608/MAX11610 feature a 4.096V internal refer-
ence. All devices can be configured for use with an
external reference from 1V to VDD.
Analog Input and Track/Hold
The MAX11606–MAX11611 analog-input architecture
contains an analog-input multiplexer (mux), a fully dif-
ferential track-and-hold (T/H) capacitor, T/H switches, a
comparator, and a fully differential switched capacitive
digital-to-analog converter (DAC) (Figure 4).
In single-ended mode, the analog-input multiplexer con-
nects CT/H between the analog input selected by
CS[3:0] (see the
Configuration/Setup Bytes (Write
Cycle) section) and GND (Table 3). In differential mode,
the analog- input multiplexer connects CT/H to the + and
- analog inputs selected by CS[3:0] (Table 4).
During the acquisition interval, the T/H switches are in
the track position and CT/H charges to the analog input
2.7V to 3.6V and 4.5V to 5.5V, Low-Power,
4-/8-/12-Channel, 2-Wire Serial 10-Bit ADCs
_______________________________________________________________________________________
9
ANALOG
INPUT
MUX
AIN1
AIN11/REF
AIN2
AIN3
AIN4
AIN5
AIN6
AIN7
AIN8
AIN9
AIN10
AIN0
SCL
SDA
INPUT SHIFT REGISTER
SETUP REGISTER
CONFIGURATION REGISTER
CONTROL
LOGIC
REFERENCE
4.096V (MAX11610)
2.048V (MAX11611)
INTERNAL
OSCILLATOR
OUTPUT SHIFT
REGISTER
AND RAM
REF
T/H
10-BIT
ADC
VDD
GND
MAX11610
MAX11611
Figure 2. MAX11610/MAX11611 Functional Diagram
VDD
IOL
IOH
VOUT
400pF
SDA
Figure 3. Load Circuit


Similar Part No. - MAX11608EEE+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11608EEE++ MAXIM-MAX11608EEE+ Datasheet
387Kb / 22P
   Low-Power, 4-/8-/12-Channel, I2C, 10-Bit ADCs in Ultra-Small Packages
Rev 3; 2/11
MAX11608EEE++ MAXIM-MAX11608EEE+ Datasheet
964Kb / 22P
   Low-Power, 4-/8-/12-Channel, I2C, 10-Bit ADCs in Ultra-Small Packages
2019
More results

Similar Description - MAX11608EEE+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1136 MAXIM-MAX1136_V01 Datasheet
319Kb / 22P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial 10-Bit ADCs
2010
MAX1037EKA-T MAXIM-MAX1037EKA-T Datasheet
748Kb / 23P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power 4-/12-Channel 2-Wire Serial 8-Bit ADCs
Rev 4; 5/09
MAX1136 MAXIM-MAX1136_09 Datasheet
308Kb / 22P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial 10-Bit ADCs
Rev 5; 5/09
MAX1036 MAXIM-MAX1036_09 Datasheet
292Kb / 23P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel 2-Wire Serial 8-Bit ADCs
Rev 3; 2/09
MAX1136 MAXIM-MAX1136 Datasheet
471Kb / 22P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial 10-Bit ADCs
19-2334; Rev 1; 4/02
MAX11612 MAXIM-MAX11612 Datasheet
394Kb / 22P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/8-/12-Channel, 2-Wire Serial, 12-Bit ADCs
Rev 1; 7/09
MAX11600 MAXIM-MAX11600 Datasheet
642Kb / 23P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/8-/12-Channel 2-Wire Serial 8-Bit ADCs
Rev 1; 7/09
MAX1236 MAXIM-MAX1236_V01 Datasheet
378Kb / 22P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial, 12-Bit ADCs
2010
MAX1239EEE-T MAXIM-MAX1239EEE-T Datasheet
378Kb / 22P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial, 12-Bit ADCs
Rev 7; 5/10
MAX1236 MAXIM-MAX1236_09 Datasheet
228Kb / 22P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial, 12-Bit ADCs
Rev 5; 2/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com