Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX13330 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX13330
Description  Automotive DirectDrive Headphone Amplifiers with Output Protection and Diagnostics
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX13330 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX13330_09 Datasheet HTML 2Page - Maxim Integrated Products MAX13330_09 Datasheet HTML 3Page - Maxim Integrated Products MAX13330_09 Datasheet HTML 4Page - Maxim Integrated Products MAX13330_09 Datasheet HTML 5Page - Maxim Integrated Products MAX13330_09 Datasheet HTML 6Page - Maxim Integrated Products MAX13330_09 Datasheet HTML 7Page - Maxim Integrated Products MAX13330_09 Datasheet HTML 8Page - Maxim Integrated Products MAX13330_09 Datasheet HTML 9Page - Maxim Integrated Products MAX13330_09 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Automotive DirectDrive Headphone Amplifiers
with Output Protection and Diagnostics
6
_______________________________________________________________________________________
CROSSTALK vs. FREQUENCY
FREQUENCY (kHz)
0.1
1
10
-80
-60
-40
-90
-70
-50
-100
0.01
100
VIN = 200mVP-P
RL = 32
Ω
RIGHT TO LEFT
LEFT TO RIGHT
GAIN FLATNESS vs. FREQUENCY
FREQUENCY (kHz)
100
0.1
10
1
3.2
3.4
3.5
3.1
3.3
3.0
0.01
1000
MAX13330
VIN = 100mVP-P
OUTL
OUTR
Typical Operating Characteristics (continued)
(VDD = VCPVDD = 5V, VSGND = VPGND = 0, C1 = C2 = 1µF, RL =
∞, gain = -1.5V/V, THD+N measurement bandwidth = 22Hz to 22kHz,
TA = +25°C, unless otherwise noted.)
POWER-SUPPLY REJECTION RATIO
vs. FREQUENCY
FREQUENCY (kHz)
10
0.1
1
-100
-40
-110
-80
-60
-50
-90
-70
-120
0.01
100
VDD = 5V
OUTR
VDD = 5V
OUTL
VRIPPLE = 100mVP-P
RL = 32
Ω
VDD = 4V
OUTR
VDD = 4V
OUTL
SUPPLY CURRENT vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
5.25
4.75
5.00
4.50
5
7
10
2
1
6
9
4
3
8
0
4.00
4.25
5.50
SUPPLY CURRENT vs. TEMPERATURE
TEMPERATURE (
°C)
075
-25
100
6
10
12
4
2
8
0
-50
50
25
125
OUTPUT FFT
FREQUENCY (kHz)
10
15
RL = 32
Ω
-40
-20
0
-100
-120
-60
-80
-140
05
20
SHUTDOWN CURRENT vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
5.00
4.25
4.75
4.50
4
5
3
2
1
0
4.00
5.25
5.50
EXITING SHUTDOWN TRANSIENT
MAX13330/31 toc26
200
μs/div
OUTL
1V/div
OUTR
1V/div
SHDN
5V/div
SHUTDOWN CURRENT vs. TEMPERATURE
TEMPERATURE (
°C)
075
-25
100
2.0
3.5
4.0
1.5
1.0
3.0
0.5
2.5
0
-50
50
25
125


Similar Part No. - MAX13330_09

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX13330GEE MAXIM-MAX13330GEE Datasheet
393Kb / 15P
   Automotive DirectDrive Headphone Amplifiers with Output Protection and Diagnostics
Rev 3; 7/11
MAX13330GEE/V+T MAXIM-MAX13330GEE/V+T Datasheet
248Kb / 15P
   Automotive DirectDrive Headphone Amplifiers with Output Protection and Diagnostics
Rev 0; 10/08
MAX13330GEE/V+T MAXIM-MAX13330GEE/V+T Datasheet
1Mb / 15P
   Automotive DirectDrive Headphone Amplifiers with Output Protection and Diagnostics
19-4341; Rev 5; 3/21
MAX13330GEET MAXIM-MAX13330GEET Datasheet
393Kb / 15P
   Automotive DirectDrive Headphone Amplifiers with Output Protection and Diagnostics
Rev 3; 7/11
MAX13330GEEV MAXIM-MAX13330GEEV Datasheet
393Kb / 15P
   Automotive DirectDrive Headphone Amplifiers with Output Protection and Diagnostics
Rev 3; 7/11
More results

Similar Description - MAX13330_09

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX13330 MAXIM-MAX13330_V01 Datasheet
1Mb / 15P
   Automotive DirectDrive Headphone Amplifiers with Output Protection and Diagnostics
19-4341; Rev 5; 3/21
MAX13330 MAXIM-MAX13330_11 Datasheet
393Kb / 15P
   Automotive DirectDrive Headphone Amplifiers with Output Protection and Diagnostics
Rev 3; 7/11
MAX13330 MAXIM-MAX13330 Datasheet
248Kb / 15P
   Automotive DirectDrive Headphone Amplifiers with Output Protection and Diagnostics
Rev 0; 10/08
MAX9728AETC-T MAXIM-MAX9728AETC-T Datasheet
309Kb / 19P
   60mW, DirectDrive, Stereo Headphone Amplifiers with Shutdown
Rev 1; 7/09
MAX9750 MAXIM-MAX9750 Datasheet
669Kb / 30P
   2.6W Stereo Audio Power Amplifiers and DirectDrive Headphone Amplifiers
Rev 0; 1/04
MAX9750 MAXIM-MAX9750_V01 Datasheet
481Kb / 30P
   2.6W Stereo Audio Power Amplifiers and DirectDrive Headphone Amplifiers
19-3006; Rev 8; 6/08
MAX9728A MAXIM-MAX9728A Datasheet
287Kb / 19P
   60mW, DirectDrive, Stereo Headphone Amplifiers with Shutdown
Rev 1; 7/09
MAX9728 MAXIM-MAX9728 Datasheet
309Kb / 19P
   60mW, DirectDrive, Stereo Headphone Amplifiers with Shutdown
19-3963; Rev 1; 7/09
MAX9756 MAXIM-MAX9756 Datasheet
790Kb / 31P
   2.3W Stereo Speaker Amplifiers and DirectDrive Headphone Amplifiers with Automatic Level Control
19-3782; Rev 1; 1/06
MAX9856 MAXIM-MAX9856 Datasheet
672Kb / 46P
   Low-Power Audio CODEC with DirectDrive Headphone Amplifiers
Rev 2; 12/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com