Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX11605EEE+ Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX11605EEE+
Description  2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/8-/12-Channel 2-Wire Serial 8-Bit ADCs
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11605EEE+ Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX11605EEE+ Datasheet HTML 7Page - Maxim Integrated Products MAX11605EEE+ Datasheet HTML 8Page - Maxim Integrated Products MAX11605EEE+ Datasheet HTML 9Page - Maxim Integrated Products MAX11605EEE+ Datasheet HTML 10Page - Maxim Integrated Products MAX11605EEE+ Datasheet HTML 11Page - Maxim Integrated Products MAX11605EEE+ Datasheet HTML 12Page - Maxim Integrated Products MAX11605EEE+ Datasheet HTML 13Page - Maxim Integrated Products MAX11605EEE+ Datasheet HTML 14Page - Maxim Integrated Products MAX11605EEE+ Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
Single-Ended/Pseudo-Differential Input
The SGL/DIF bit of the configuration byte configures the
MAX11600–MAX11605 analog input circuitry for single-
ended or pseudo-differential inputs (Table 2). In single-
ended mode (SGL/DIF = 1), the digital conversion results
are the difference between the analog input selected by
CS[3:0] and GND (Table 3). In pseudo-differential mode
(SGL/DIF = 0), the digital conversion results are the differ-
ence between the positive and the negative analog inputs
selected by CS[3:0] (Table 4). The negative analog input
signal must remain stable within ±0.5 LSB (±0.1 LSB for
best results) with respect to GND during a conversion.
Unipolar/Bipolar
When operating in pseudo-differential mode, the BIP/
UNI bit of the setup byte (Table 1) selects unipolar or
bipolar operation. Unipolar mode sets the differential
analog input range from zero to VREF. A negative differ-
ential analog input in unipolar mode causes the digital
output code to be zero. Selecting bipolar mode sets the
differential input range to ±VREF/2, with respect to the
negative input. The digital output code is binary in
unipolar mode and two’s complement binary in bipolar
mode (see the
Transfer Functions section).
In single-ended mode, the MAX11600–MAX11605
always operate in unipolar mode regardless of the
BIP/UNI setting, and the analog inputs are internally ref-
erenced to GND with a full-scale input range from zero
to VREF.
Digital Interface
The MAX11600–MAX11605 feature a 2-wire interface
consisting of a serial-data line (SDA) and a serial-clock
line (SCL). SDA and SCL facilitate bidirectional communi-
cation between the MAX11600–MAX11605 and the mas-
ter at rates up to 1.7MHz. The MAX11600–MAX11605 are
slaves that transmit and receive data. The master (typical-
ly a microcontroller) initiates data transfer on the bus and
generates SCL to permit that transfer.
SDA and SCL must be pulled high. This is typically
done with pullup resistors (500Ω or greater) (see
Typical Operating Circuit). Series resistors (RS) are
optional. They protect the input architecture of the
MAX11600–MAX11605 from high-voltage spikes on the
bus lines and minimize crosstalk and undershoot of the
bus signals.
Bit Transfer
One data bit is transferred during each SCL clock
cycle. Nine clock cycles are required to transfer the
data in or out of the MAX11600–MAX11605. The data
on SDA must remain stable during the high period of
the SCL clock pulse. Changes in SDA while SCL is high
are control signals (see the
START and STOP
Conditions section). Both SDA and SCL idle high when
the bus is not busy.
START and STOP Conditions
The master initiates a transmission with a START condi-
tion (S), a high-to-low transition on SDA with SCL high.
The master terminates a transmission with a STOP
condition (P), a low-to-high transition on SDA, while
2.7V to 3.6V and 4.5V to 5.5V, Low-Power,
4-/8-/12-Channel 2-Wire Serial 8-Bit ADCs
______________________________________________________________________________________
11
BIT 7
(MSB)
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
(LSB)
REG
SEL2
SEL1
SEL0
CLK
BIP/
UNI
RST
X
BIT
NAME
DESCRIPTION
7
REG
Register bit. 1 = setup byte, 0 = configuration byte (Table 2).
6
SEL2
5
SEL1
4
SEL0
Three bits select the reference voltage and the state of AIN_/REF
(MAX11600/MAX11601/MAX11604/MAX11605) or REF (MAX11602/MAX11603) (Table 6).
Default to 000 at power-up.
3
CLK
1 = external clock, 0 = internal clock. Defaulted to zero at power-up.
2
BIP/
UNI
1 = bipolar, 0 = unipolar. Defaulted to zero at power-up (see the Unipolar/Bipolar section).
1
RST
1 = no action, 0 = resets the configuration register to default. Setup register remains unchanged.
0
X
Don’t care; can be set to 1 or 0.
Table 1. Setup Byte Format


Similar Part No. - MAX11605EEE+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11605 MAXIM-MAX11605 Datasheet
5Mb / 36P
   EV Kit Daughter Board Powered by the Master Board
Rev 0; 3/10
More results

Similar Description - MAX11605EEE+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1037EKA-T MAXIM-MAX1037EKA-T Datasheet
748Kb / 23P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power 4-/12-Channel 2-Wire Serial 8-Bit ADCs
Rev 4; 5/09
MAX1036 MAXIM-MAX1036_09 Datasheet
292Kb / 23P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel 2-Wire Serial 8-Bit ADCs
Rev 3; 2/09
MAX11612 MAXIM-MAX11612 Datasheet
394Kb / 22P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/8-/12-Channel, 2-Wire Serial, 12-Bit ADCs
Rev 1; 7/09
MAX11606 MAXIM-MAX11606 Datasheet
583Kb / 22P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/8-/12-Channel, 2-Wire Serial 10-Bit ADCs
Rev 1; 7/09
MAX1236 MAXIM-MAX1236_V01 Datasheet
378Kb / 22P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial, 12-Bit ADCs
2010
MAX1239EEE-T MAXIM-MAX1239EEE-T Datasheet
378Kb / 22P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial, 12-Bit ADCs
Rev 7; 5/10
MAX1236 MAXIM-MAX1236_09 Datasheet
228Kb / 22P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial, 12-Bit ADCs
Rev 5; 2/09
MAX1236 MAXIM-MAX1236 Datasheet
407Kb / 22P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial, 12-Bit ADCs
19-2333; Rev 2; 2/03
MAX1136 MAXIM-MAX1136_V01 Datasheet
319Kb / 22P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial 10-Bit ADCs
2010
MAX1136 MAXIM-MAX1136_09 Datasheet
308Kb / 22P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial 10-Bit ADCs
Rev 5; 5/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com