Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX11616EEE+ Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX11616EEE+
Description  2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/8-/12-Channel, 2-Wire Serial, 12-Bit ADCs
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11616EEE+ Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX11616EEE+ Datasheet HTML 1Page - Maxim Integrated Products MAX11616EEE+ Datasheet HTML 2Page - Maxim Integrated Products MAX11616EEE+ Datasheet HTML 3Page - Maxim Integrated Products MAX11616EEE+ Datasheet HTML 4Page - Maxim Integrated Products MAX11616EEE+ Datasheet HTML 5Page - Maxim Integrated Products MAX11616EEE+ Datasheet HTML 6Page - Maxim Integrated Products MAX11616EEE+ Datasheet HTML 7Page - Maxim Integrated Products MAX11616EEE+ Datasheet HTML 8Page - Maxim Integrated Products MAX11616EEE+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
General Description
The MAX11612–MAX11617 low-power, 12-bit, multi-
channel analog-to-digital converters (ADCs) feature
internal track/hold (T/H), voltage reference, clock, and an
I2C-compatible 2-wire serial interface. These devices
operate from a single supply of 2.7V to 3.6V
(MAX11613/MAX11615/MAX11617) or 4.5V to 5.5V
(MAX11612/MAX11614/MAX11616) and require only
670µA at the maximum sampling rate of 94.4ksps.
Supply current falls below 230µA for sampling rates
under 46ksps. AutoShutdown™ powers down the
devices between conversions, reducing supply current
to less than 1µA at low throughput rates. The
MAX11612/MAX11613 have 4 analog input channels
each, the MAX11614/MAX11615 have 8 analog input
channels each, while the MAX11616/MAX11617 have
12 analog input channels each. The fully differential
analog inputs are software configurable for unipolar or
bipolar, and single-ended or differential operation.
The full-scale analog input range is determined by the
internal reference or by an externally applied reference
voltage ranging from 1V to VDD. The MAX11613/
MAX11615/MAX11617 feature a 2.048V internal refer-
ence and the MAX11612/MAX11614/MAX11616 feature
a 4.096V internal reference.
The MAX11612/MAX11613 are available in an 8-pin
µMAX® package. The MAX11614–MAX11617 are avail-
able in a 16-pin QSOP package. The MAX11612–
MAX11617 are guaranteed over the extended tempera-
ture range (-40°C to +85°C). For pin-compatible 10-bit
parts, refer to the MAX11606–MAX11611 data sheet. For
pin-compatible 8-bit parts, refer to the MAX11600–
MAX11605 data sheet.
Applications
Features
o High-Speed I2C-Compatible Serial Interface
400kHz Fast Mode
1.7MHz High-Speed Mode
o Single-Supply
2.7V to 3.6V (MAX11613/MAX11615/MAX11617)
4.5V to 5.5V (MAX11612/MAX11614/MAX11616)
o Internal Reference
2.048V (MAX11613/MAX11615/MAX11617)
4.096V (MAX11612/MAX11614/MAX11616)
o External Reference: 1V to VDD
o Internal Clock
o 4-Channel Single-Ended or 2-Channel Fully
Differential (MAX11612/MAX11613)
o 8-Channel Single-Ended or 4-Channel Fully
Differential (MAX11614/MAX11615)
o 12-Channel Single-Ended or 6-Channel Fully
Differential (MAX11616/MAX11617)
o Internal FIFO with Channel-Scan Mode
o Low Power
670µA at 94.4ksps
230µA at 40ksps
60µA at 10ksps
6µA at 1ksps
0.5µA in Power-Down Mode
o Software-Configurable Unipolar/Bipolar
o Small Packages
8-Pin µMAX (MAX11612/MAX11613)
16-Pin QSOP (MAX11614–MAX11617)
2.7V to 3.6V and 4.5V to 5.5V, Low-Power,
4-/8-/12-Channel, 2-Wire Serial, 12-Bit ADCs
________________________________________________________________
Maxim Integrated Products
1
Ordering Information
19-4561; Rev 1; 7/09
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
EVALUATION
KIT
AVAILABLE
PART
TEMP RANGE
PIN-
PACKAGE
I2C SLAVE
ADDRESS
MAX11612EUA+
-40°C to +85°C
8 µMAX
0110100
MAX11613EUA+
-40°C to +85°C
8 µMAX
0110100
MAX11614EEE+
-40°C to +85°C
16 QSOP
0110011
MAX11615EEE+
-40°C to +85°C
16 QSOP
0110011
MAX11616EEE+
-40°C to +85°C
16 QSOP
0110101
MAX11617EEE+
-40°C to +85°C
16 QSOP
0110101
Pin Configurations, Typical Operating Circuit, and Selector
Guide appear at end of data sheet.
AutoShutdown is a trademark of Maxim Integrated Products, Inc.
µMAX is a registered trademark of Maxim Integrated Products, Inc.
+
Denotes a lead(Pb)-free/RoHs-compliant package.
Handheld Portable
Applications
Medical Instruments
Battery-Powered Test
Equipment
Solar-Powered Remote
Systems
Received-Signal-Strength
Indicators
System Supervision


Similar Part No. - MAX11616EEE+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11616EEE++ MAXIM-MAX11616EEE+ Datasheet
310Kb / 22P
   Low-Power, 4-/8-/12-Channel, I2C, 12-Bit ADCs in Ultra-Small Packages
Rev 3; 2/11
More results

Similar Description - MAX11616EEE+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1236 MAXIM-MAX1236_V01 Datasheet
378Kb / 22P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial, 12-Bit ADCs
2010
MAX1239EEE-T MAXIM-MAX1239EEE-T Datasheet
378Kb / 22P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial, 12-Bit ADCs
Rev 7; 5/10
MAX1236 MAXIM-MAX1236_09 Datasheet
228Kb / 22P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial, 12-Bit ADCs
Rev 5; 2/09
MAX1236 MAXIM-MAX1236 Datasheet
407Kb / 22P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial, 12-Bit ADCs
19-2333; Rev 2; 2/03
MAX1037EKA-T MAXIM-MAX1037EKA-T Datasheet
748Kb / 23P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power 4-/12-Channel 2-Wire Serial 8-Bit ADCs
Rev 4; 5/09
MAX1036 MAXIM-MAX1036_09 Datasheet
292Kb / 23P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel 2-Wire Serial 8-Bit ADCs
Rev 3; 2/09
MAX11600 MAXIM-MAX11600 Datasheet
642Kb / 23P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/8-/12-Channel 2-Wire Serial 8-Bit ADCs
Rev 1; 7/09
MAX11606 MAXIM-MAX11606 Datasheet
583Kb / 22P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/8-/12-Channel, 2-Wire Serial 10-Bit ADCs
Rev 1; 7/09
MAX1136 MAXIM-MAX1136_V01 Datasheet
319Kb / 22P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial 10-Bit ADCs
2010
MAX1136 MAXIM-MAX1136_09 Datasheet
308Kb / 22P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial 10-Bit ADCs
Rev 5; 5/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com