Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX14523B Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX14523B
Description  250mA to 1.5A, Adjustable Current-Limit Switches
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14523B Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX14523B Datasheet HTML 1Page - Maxim Integrated Products MAX14523B Datasheet HTML 2Page - Maxim Integrated Products MAX14523B Datasheet HTML 3Page - Maxim Integrated Products MAX14523B Datasheet HTML 4Page - Maxim Integrated Products MAX14523B Datasheet HTML 5Page - Maxim Integrated Products MAX14523B Datasheet HTML 6Page - Maxim Integrated Products MAX14523B Datasheet HTML 7Page - Maxim Integrated Products MAX14523B Datasheet HTML 8Page - Maxim Integrated Products MAX14523B Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
250mA to 1.5A, Adjustable
Current-Limit Switches
_______________________________________________________________________________________
3
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
FLAG OUTPUT
FLAG Output Logic-Low Voltage
ISINK = 1mA
0.4
V
FLAG Output Leakage Current
VIN = VFLAG = 5.5V, FLAG deasserted
1
μA
DYNAMIC
Turn-On Time
tSS
Time from ENABLE signal to VOUT = 90%
of VIN = 3.3V, Figure 1
1
ms
Turn-Off Time
tOFF
Time from DISABLE signal to VOUT = 10%
of VIN = 3.3V, RL = 20 , Figure 1
250
μs
Current-Limit Reaction Time
tLIM
VIN = 3.3V, RSETI = 91.78k
to 563.12k ,
output high and then short-circuit applied
3
μs
Blanking Time
tBLANK
(Note 3)
10
14.5
25
ms
Retry Time
tRETRY
MAX14523A/MAX14523AL (Note 3)
320
875
ms
THERMAL PROTECTION
Thermal Shutdown
Low-to-high
+170
°C
Thermal Shutdown Hysteresis
15
°C
ELECTRICAL CHARACTERISTICS (continued)
(VIN = +1.7V to +5.5V, RSETI = 94.2k
Ω, CIN = COUT = 1µF, and TA = TJ = -40°C to +125°C, unless otherwise noted. Typical values
are at VIN = +3.3V, TA = +25°C.) (Note 2)
Note 2: All devices are 100% tested at 125°C. Electrical limits across the full temperature range are guaranteed by design and correlation.
Note 3: Blanking time and retry time are generated by the same oscillator. Therefore, the ratio of
is a constant value of 32.
See Figures 2 and 3.
t
t
RETRY
BLANK
tSS
tOFF
VOUT
10% VIN
90% VIN
ON(ON)*
*( ) THE POLARITY OF THE SIGNAL IS REVERSED FOR THE MAX14523AL ONLY.
Figure 1. Timing Diagram for Measuring Turn-On Time (tSS) and Turn-Off Time (tOFF)


Similar Part No. - MAX14523B

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14523BATA MAXIM-MAX14523BATA Datasheet
349Kb / 11P
   250mA to 1.5A, Adjustable Current-Limit Switches
Rev 1; 1/11
MAX14523BATA++ MAXIM-MAX14523BATA+ Datasheet
788Kb / 11P
   250mA to 1.5A, Adjustable Current-Limit Switches
2019
MAX14523BATA/V+T MAXIM-MAX14523BATA/V+T Datasheet
788Kb / 11P
   250mA to 1.5A, Adjustable Current-Limit Switches
2019
MAX14523BATV MAXIM-MAX14523BATV Datasheet
349Kb / 11P
   250mA to 1.5A, Adjustable Current-Limit Switches
Rev 1; 1/11
More results

Similar Description - MAX14523B

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14523A MAXIM-MAX14523A_11 Datasheet
349Kb / 11P
   250mA to 1.5A, Adjustable Current-Limit Switches
Rev 1; 1/11
MAX14523A MAXIM-MAX14523A_V01 Datasheet
788Kb / 11P
   250mA to 1.5A, Adjustable Current-Limit Switches
2019
MAX14575A MAXIM-MAX14575A Datasheet
1Mb / 11P
   250mA to 2.5A Adjustable Current-Limit Switches
Rev 0; 9/12
MAX14575A MAXIM-MAX14575A_V01 Datasheet
610Kb / 11P
   250mA to 2.5A Adjustable Current-Limit Switches
2015
MAX4789 MAXIM-MAX4789 Datasheet
325Kb / 12P
   200mA/250mA/300mA Current-Limit Switches
Rev 2; 2/05
MAX4789 MAXIM-MAX4789_08 Datasheet
168Kb / 11P
   200mA/250mA/300mA Current-Limit Switches
Rev 3; 10/08
MAX4789 MAXIM-MAX4789_V01 Datasheet
1Mb / 12P
   200mA/250mA/300mA Current-Limit Switches
2019
MAX20314 MAXIM-MAX20314 Datasheet
653Kb / 14P
   500mA to 6A Adjustable Current-Limit Switches
Rev 0; 6/17
MAX20313 MAXIM-MAX20313_V01 Datasheet
715Kb / 14P
   500mA to 6A Adjustable Current-Limit Switches
2019
logo
Global Mixed-mode Techn...
G558 GMT-G558 Datasheet
98Kb / 1P
   Current-Limit Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com