Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VE-B54-CU-BM Datasheet(PDF) 1 Page - Vicor Corporation

Part # VE-B54-CU-BM
Description  Battery Charger Current Source Modules
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

VE-B54-CU-BM Datasheet(HTML) 1 Page - Vicor Corporation

  VE-B54-CU-BM Datasheet HTML 1Page - Vicor Corporation VE-B54-CU-BM Datasheet HTML 2Page - Vicor Corporation VE-B54-CU-BM Datasheet HTML 3Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Vicor Corp. Tel: 800-735-6200, 978-470-2900 Fax: 978-475-6715
BatMod Battery Charger Current Source Modules
Rev. 1.5
Page 1 of 3
Set your site on VICOR at www.vicorpower.com
VI
-
2 6 1
-
E U
-
B M
Parameter
Rating
Notes
Nominal input voltage
48 Vdc, 150 Vdc,
42 – 60 V, 100 – 200 V,
300 Vdc
200 – 400 V
Output current
0 – 14.5 A
12 V battery system
(Refer to safe operating curves on page 2)
0 – 7.25 A
24 V battery system
0 – 3.6 A
48 V battery system
Current control input
1 – 5 V
Zero to max. current
Current monitor output
1 – 5 V
Zero to full load
Voltage control input
0 – 2.5 V
Zero to FS output
Output voltage setpoint
15 V, 30 V, 60 V +/-1%
12 V, 24 V, 48 V
Trimmable +10%, -25%
Output Respectively
Dynamic characteristics
V-Mode: 300 µsec typ.
VNOM for 50 – 100%
I-Mode: 250 µsec typ.
load changes
Dielectric withstand
Input to output
3,000 VRMS
Output to baseplate
500 VRMS
Input to baseplate
1,500 VRMS
Features
RoHS compliant (VE versions)
Programmable output current
Booster versions available
Size: 4.6" x 2.4" x 0.5"
(116,8 x 61,0 x 12,7 mm)
UL, CSA, TÜV
Compatible with all major battery types
Inputs: 48, 150, 300 Vdc
Outputs: 12, 24, 48 Vdc Nominal
Analog current monitor
Analog overvoltage adjust
CE Marked
Product Highlights
The BatMod combines Vicor’s industry standard
package with the flexibility of a power converter
whose output voltage and output current may be
independently set. BatMod’s allow the user to
independently program a constant output current
and a maximum float voltage. The float voltage is
the point at which the BatMod transitions from
constant current to constant voltage. These
features make the BatMod an ideal candidate for
battery charging and other applications which
require a controlled current source.
The BatMod is also available in booster
versions that enable the designer to create systems
capable of multiple kilowatts of
output power.
With its wide range of input options, the BatMod
is compatible with all major
battery types. This new current output
module finds application in systems where easily
programmable current is of primary importance.
Consult factory for availability of input/output volt-
age ranges not shown.
Packaging Options
SlimMods™, high power density, flangeless
packages and FinMods™, featuring integral
finned heatsinks.
SlimMod:
Option suffix: - S
Example:
VX - XXX - XU - BM - S
FinMod:
Option suffix: - F1, - F2, - F3 and - F4
Examples:
VX - XXX - XU -BM -F1, 0.25"H longitudinal fin
VX - XXX - XU -BM -F2, 0.5"H longitudinal fin
VX - XXX - XU -BM -F3, 0.25"H transverse fin
VX - XXX - XU -BM -F4, 0.5"H transverse
fin
Data Sheet
BatMod TM
Battery Charger Current Source Modules
*
Specifications
(typical TBP = 25°C, nominal line, 75% load, unless otherwise specified)
Part Numbering
(typical model: input 300 Vdc, output 12 Vdc at 200 W)
* E = RoHS
Module
2 =Driver
B= Booster
Input Voltage
Nominal
Range
3 = 48 V
42 – 60 V
5 = 150 V 100 – 200 V
6 = 300 V 200 – 400 V
Output Voltage
Nominal
Range
1 = 12 V
11.25 – 16.5 V
3 = 24 V
1
22.5 – 33.0 V
4 = 48 V
45.0 – 66.0 V
1Available in 300 V input only
Product Grade Temperatures (°C)
Grade
Operating
Storage
E =
- 10 to + 85
- 20 to + 100
C =
- 25 to + 85
- 40 to + 100
I
=
- 40 to + 85
- 55 to + 100
M =
- 55 to + 85
- 65 to + 100


Similar Part No. - VE-B54-CU-BM

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
VE-B0X-CW VICOR-VE-B0X-CW Datasheet
762Kb / 5P
   DC-DC Converters 50 to 200 Watts
VE-B0X-CX VICOR-VE-B0X-CX Datasheet
762Kb / 5P
   DC-DC Converters 50 to 200 Watts
VE-B0X-CY VICOR-VE-B0X-CY Datasheet
762Kb / 5P
   DC-DC Converters 50 to 200 Watts
VE-B0X-EW VICOR-VE-B0X-EW Datasheet
762Kb / 5P
   DC-DC Converters 50 to 200 Watts
VE-B0X-EX VICOR-VE-B0X-EX Datasheet
762Kb / 5P
   DC-DC Converters 50 to 200 Watts
More results

Similar Description - VE-B54-CU-BM

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
VI-261-EU-BM VICOR-VI-261-EU-BM Datasheet
84Kb / 2P
   Battery Charger Current Source Modules
BATMOD VICOR-BATMOD Datasheet
84Kb / 2P
   Battery Charger Current Source Modules
BATMOD VICOR-BATMOD Datasheet
247Kb / 3P
   BatMod Battery Charger Current Source Modules
logo
Linear Technology
LT1510 LINER-LT1510 Datasheet
339Kb / 16P
   Constant-Voltage/ Constant-Current Battery Charger
LT1510 LINER-LT1510_15 Datasheet
295Kb / 16P
   Constant-Voltage/ Constant-Current Battery Charger
LT1510-5 LINER-LT1510-5_15 Datasheet
295Kb / 16P
   Constant-Voltage/ Constant-Current Battery Charger
logo
Semtech Corporation
SC1410A SEMTECH-SC1410A Datasheet
173Kb / 9P
   Constant Voltage/Constant Current Battery Charger
logo
Microsemi Corporation
LX2205 MICROSEMI-LX2205 Datasheet
320Kb / 14P
   1A Li-Ion Battery Charger with Power Source Management
logo
Shanghai Consonance Ele...
CN3059 CONSONANCE-CN3059 Datasheet
205Kb / 12P
   Battery Charger
logo
Altech corporation
CB12245A ALTECH-CB12245A Datasheet
785Kb / 2P
   Battery Charger
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com