Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX15029 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX15029
Description  1.425V to 3.6V Input, 500mA Low-Dropout Regulators with BIAS Input
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15029 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX15029 Datasheet HTML 2Page - Maxim Integrated Products MAX15029 Datasheet HTML 3Page - Maxim Integrated Products MAX15029 Datasheet HTML 4Page - Maxim Integrated Products MAX15029 Datasheet HTML 5Page - Maxim Integrated Products MAX15029 Datasheet HTML 6Page - Maxim Integrated Products MAX15029 Datasheet HTML 7Page - Maxim Integrated Products MAX15029 Datasheet HTML 8Page - Maxim Integrated Products MAX15029 Datasheet HTML 9Page - Maxim Integrated Products MAX15029 Datasheet HTML 10Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
1.425V to 3.6V Input, 500mA Low-Dropout
Regulators with BIAS Input
_______________________________________________________________________________________
7
Functional Diagram
INTERNAL
SUPPLY
GENERATOR
BIAS
UVLO
IN
UVLO
CONTROL
LOGIC
P
REF
ERROR
AMPLIFIER
WITH
SOFT-START
OVERTEMPERATURE
PROTECTION
MOS DRIVER
WITH ILIMIT
BIAS
IN
EN
FB
SS
OUT
GND
MAX15030
ONLY
MAX15029
ONLY
REF
MAX15029
MAX15030
Detailed Description
The MAX15029/MAX15030 low-dropout linear regula-
tors operate from input voltages as low as 1.425V and
deliver up to 500mA of continuous output current with a
maximum dropout voltage of only 150mV.
The MAX15030 operates with an input voltage as low
as 1.425V if the bias voltage (VBIAS) of 3V to 5.5V is
available. The power is applied at IN while the control
is provided through BIAS input. The current drawn by
BIAS is negligible when the LDO goes into the shut-
down. This feature is especially useful in automotive
applications where the BIAS input is derived from an
always-on LDO that expects to provide minimal power
during the key-off condition.
The pMOS output stage can be driven from input volt-
ages down to +1.425V without sacrificing stability or
transient performance. The output voltage of all the
regulators is adjustable from 0.5V to VIN and is ±2%
accurate over load and line variations, from -40°C to
+125°C. Since these regulators have a pMOS output
device, supply current is not a significant function of
load or input headroom.


Similar Part No. - MAX15029

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15029 MAXIM-MAX15029 Datasheet
211Kb / 11P
   1.425V to 3.6V Input, 500mA Low-Dropout Regulators with BIAS Input
Rev 3; 1/12
MAX15029AGA/VY++ MAXIM-MAX15029AGA/VY+ Datasheet
782Kb / 12P
   1.425V to 3.6V Input, 500mA Low-Dropout Regulators with BIAS Input
2016
MAX15029ATB++ MAXIM-MAX15029ATB+ Datasheet
319Kb / 11P
   1.425V to 3.6V Input, 500mA Low-Dropout Regulators with BIAS Input
Rev 1; 2/11
MAX15029ATB++ MAXIM-MAX15029ATB+ Datasheet
782Kb / 12P
   1.425V to 3.6V Input, 500mA Low-Dropout Regulators with BIAS Input
2016
MAX15029ATB/V++ MAXIM-MAX15029ATB/V+ Datasheet
319Kb / 11P
   1.425V to 3.6V Input, 500mA Low-Dropout Regulators with BIAS Input
Rev 1; 2/11
More results

Similar Description - MAX15029

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15029 MAXIM-MAX15029_11 Datasheet
319Kb / 11P
   1.425V to 3.6V Input, 500mA Low-Dropout Regulators with BIAS Input
Rev 1; 2/11
MAX15029 MAXIM-MAX15029_V01 Datasheet
782Kb / 12P
   1.425V to 3.6V Input, 500mA Low-Dropout Regulators with BIAS Input
2016
MAX15029 MAXIM-MAX15029_12 Datasheet
211Kb / 11P
   1.425V to 3.6V Input, 500mA Low-Dropout Regulators with BIAS Input
Rev 3; 1/12
MAX15027 MAXIM-MAX15027 Datasheet
347Kb / 10P
   1.425V to 3.6V Input, 1A Low-Dropout Regulators with BIAS Input
Rev 0; 3/09
MAX8516 MAXIM-MAX8516_09 Datasheet
190Kb / 10P
   1.425V to 3.6V Input, 1A, 0.2V Dropout LDO Regulators
19-3188; Rev 2; 9/09
MAX8526 MAXIM-MAX8526_09 Datasheet
191Kb / 10P
   1.425V to 3.6V Input, 2A, 0.2V Dropout LDO Regulators
Rev 2; 8/09
MAX8526 MAXIM-MAX8526 Datasheet
263Kb / 9P
   1.425V to 3.6V Input, 2A, 0.2V Dropout LDO Regulators
Rev 1; 5/05
MAX8516 MAXIM-MAX8516 Datasheet
181Kb / 9P
   1.425V to 3.6V Input, 1A, 0.2V Dropout LDO Regulators
Rev 1; 4/04
MAX8516EUB-T MAXIM-MAX8516EUB-T Datasheet
190Kb / 10P
   1.425V to 3.6V Input, 1A, 0.2V Dropout LDO Regulators
Rev 2; 9/09
logo
Global Mixed-mode Techn...
G936 GMT-G936 Datasheet
230Kb / 8P
   3.6V 500mA/400mA Low Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com