Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX14802CCM+ Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX14802CCM+
Description  Low-Charge Injection, 16-Channel, High-Voltage Analog Switches
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14802CCM+ Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX14802CCM+ Datasheet HTML 1Page - Maxim Integrated Products MAX14802CCM+ Datasheet HTML 2Page - Maxim Integrated Products MAX14802CCM+ Datasheet HTML 3Page - Maxim Integrated Products MAX14802CCM+ Datasheet HTML 4Page - Maxim Integrated Products MAX14802CCM+ Datasheet HTML 5Page - Maxim Integrated Products MAX14802CCM+ Datasheet HTML 6Page - Maxim Integrated Products MAX14802CCM+ Datasheet HTML 7Page - Maxim Integrated Products MAX14802CCM+ Datasheet HTML 8Page - Maxim Integrated Products MAX14802CCM+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Low-Charge Injection, 16-Channel,
High-Voltage Analog Switches
_______________________________________________________________________________________
3
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
ICOM_ = 5mA
26
48
VPP = +40V, VNN = -160V,
VCOM_ = 0
ICOM_ = 200mA
22
32
ICOM_ = 5mA
22
30
VPP = +100V, VNN = -100V,
VCOM_ = 0
ICOM_ = 200mA
18
27
ICOM_ = 5mA
20
30
Small-Signal Switch
On-Resistance
RONS
VPP = +160V, VNN = -40V,
VCOM_ = 0
ICOM_ = 200mA
16
27
Small-Signal Switch
On-Resistance Matching
∆RONS
VPP = +100V, VNN = -100V, VCOM_ = 0,
ICOM_ = 5mA
5%
Large-Signal Switch
On-Resistance
RONL
VCOM_ = VPP - 10V, ICOM_ = 1A
15
Shunt Resistance
RINT
NO_ or COM_ to GND
(MAX14801/MAX14803), switch off
30
40
50
k
Switch-Off Leakage
ICOM_(OFF),
INO_(OFF)
VCOM_, VNO_ = +100V or unconnected
0
2
µA
Switch-Off DC Offset
RL = 100k
-30
+30
mV
Switch-Output Peak
Current (Note 4)
100ns pulse width, 0.1% duty cycle
3
A
Switch-Output COM_
Isolation Diode Current
(Note 4)
300ns pulse width, 2% duty cycle
(MAX14802/MAX14803)
500
mA
SWITCH DYNAMIC CHARACTERISTICS
Turn-On Time
tON
VNO_ = +100V, RL = 10k
Ω,
VNN = -100V
2
3.5
µs
Turn-Off Time
tOFF
VNO_ = +100V, RL = 10k
Ω,
VNN = -100V
2
3.5
µs
Output Switching
Frequency
fSW
Duty cycle = 50%
50
kHz
Maximum VCOM_, VNO_
Slew Rate
dV/dt
(Note 4)
20
V/ns
f = 5MHz, RL = 1k
Ω, CL = 15pF
-50
Off-Isolation
VISO
f = 5MHz, RL = 50
-77
dB
Crosstalk
VCT
f = 5MHz, RL = 50
-80
dB
COM_, NO_ Off-
Capacitance (Note 4)
CCOM_(OFF),
CNO_(OFF)
VCOM_ = 0, VNO_ = 0, f = 1MHz
4
11
18
pF
COM_ On-Capacitance
(Note 4)
CCOM_(ON)
VCOM_ = 0, f = 1MHz
20
36
56
pF
Output-Voltage Spike
(Note 4)
VSPK
RL = 50
-150
+150
mV
Small-Signal Analog
Bandwidth
fBW
VPP = +100V, VNN = -100V, CL = 200pF
20
MHz
ELECTRICAL CHARACTERISTICS (continued)
(VDD = +2.7V to +5.5V, VPP = +40V to VNN + 250V, VNN = -40V to -160V, TA = TMIN to TMAX, unless otherwise noted. Typical values
are at TA = +25°C.) (Note 2)


Similar Part No. - MAX14802CCM+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14802CCM++ MAXIM-MAX14802CCM+ Datasheet
230Kb / 18P
   Low-Charge Injection, 16-Channel, High-Voltage Analog Switches
Rev 1; 9/09
MAX14802CCM++ MAXIM-MAX14802CCM+ Datasheet
871Kb / 20P
   Low-Charge Injection, 16-Channel, High-Voltage Analog Switches
2021
MAX14802CCM++ MAXIM-MAX14802CCM+ Datasheet
857Kb / 20P
   Low-Charge Injection, 16-Channel, High-Voltage Analog Switches
2021
More results

Similar Description - MAX14802CCM+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14800 MAXIM-MAX14800_09 Datasheet
230Kb / 18P
   Low-Charge Injection, 16-Channel, High-Voltage Analog Switches
Rev 1; 9/09
MAX14800 MAXIM-MAX14800_V01 Datasheet
857Kb / 20P
   Low-Charge Injection, 16-Channel, High-Voltage Analog Switches
2021
MAX14802 MAXIM-MAX14802 Datasheet
871Kb / 20P
   Low-Charge Injection, 16-Channel, High-Voltage Analog Switches
2021
MAX4800 MAXIM-MAX4800_09 Datasheet
212Kb / 16P
   Low-Charge Injection, 8-Channel, High-Voltage Analog Switches
Rev 2; 5/09
logo
Supertex, Inc
HV20220 SUTEX-HV20220_13 Datasheet
491Kb / 10P
   Low Charge Injection, 8-Channel, High Voltage Analog Switches
HV220 SUTEX-HV220_07 Datasheet
1,008Kb / 11P
   Low Charge Injection 8-Channel High Voltage Analog Switches
HV220 SUTEX-HV220 Datasheet
914Kb / 12P
   Low Charge Injection 8-Channel High Voltage Analog Switches
logo
Maxim Integrated Produc...
MAX4800 MAXIM-MAX4800 Datasheet
1Mb / 21P
   Low-Charge Injection, 8-Channel, High-Voltage Analog Switches
Rev 1; 3/07
logo
Supertex, Inc
HV2601 SUTEX-HV2601 Datasheet
505Kb / 7P
   Low Charge Injection 16-Channel High Voltage Analog Switch
logo
Microchip Technology
HV2601 MICROCHIP-HV2601_V01 Datasheet
455Kb / 26P
   Low-Charge Injection, 16-Channel, High-Voltage Analog Switch
Revision E (May 2022)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com