Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX15031 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX15031
Description  80V, 300mW Boost Converter and Current Monitor for APD Bias Applications
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15031 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX15031 Datasheet HTML 1Page - Maxim Integrated Products MAX15031 Datasheet HTML 2Page - Maxim Integrated Products MAX15031 Datasheet HTML 3Page - Maxim Integrated Products MAX15031 Datasheet HTML 4Page - Maxim Integrated Products MAX15031 Datasheet HTML 5Page - Maxim Integrated Products MAX15031 Datasheet HTML 6Page - Maxim Integrated Products MAX15031 Datasheet HTML 7Page - Maxim Integrated Products MAX15031 Datasheet HTML 8Page - Maxim Integrated Products MAX15031 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
LIGHT-LOAD SWITCHING
WAVEFORM WITH RC FILTER
MAX15031 toc09
1
μs/div
VBIAS
AC-COUPLED
VLX
50V/div
IL
500mA/div
1mV/div
0mA
0V
IOUT = 0.1mA, VBIAS = 70V
80V, 300mW Boost Converter and Current
Monitor for APD Bias Applications
_______________________________________________________________________________________
5
HEAVY-LOAD SWITCHING
WAVEFORM WITH RC FILTER
MAX15031 toc10
1
μs/div
VBIAS
AC-COUPLED
VLX
50V/div
IL
500mA/div
1mV/div
0mA
0V
IOUT = 4mA, VBIAS = 70V
LINE-TRANSIENT RESPONSE
MAX15031 toc12
100ms/div
VIN
2V/div
3.3V
VOUT
AC-COUPLED
100mV/div
VOUT = 70V
IOUT = 1mA
tRISE = 50
μs
LOAD-TRANSIENT RESPONSE
MAX15031 toc11
100ms/div
VOUT
AC-COUPLED
200mV/div
ILOAD
5mA/div
0mA
VOUT = 70V
VIN = 3.3V
LX LEAKAGE CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
110
95
65 80
-10 5
20 35 50
-25
20
40
60
80
100
120
140
160
180
200
0
-40
125
CURRENT INTO
LX PIN
Typical Operating Characteristics (continued)
(VPWR = VIN = 3.3V, VOUT = 70V, circuit of Figure 3 (Figure 4 for VIN > 5.5V), unless otherwise noted.)
MAXIMUM LOAD CURRENT
vs. INPUT VOLTAGE
INPUT VOLTAGE (V)
10
9
7
8
5
6
4
10
20
30
40
50
60
70
80
90
100
110
0
311
A
B
C
A: VOUT = 30V, B: VOUT = 35V, C: VOUT = 45V,
D: VOUT = 55V, E: VOUT = 60V, F: VOUT = 72V
D
E
F
LOAD REGULATION
LOAD CURRENT (mA)
4
3
2
1
68.2
68.4
68.6
68.8
69.0
69.2
69.4
69.6
69.8
70.0
68.0
05
BIAS CURRENT
vs. BIAS VOLTAGE
BIAS VOLTAGE (V)
70
60
50
40
30
20
10
0.1
1
10
0.01
080
IAPD = 2mA
IAPD = 500nA


Similar Part No. - MAX15031

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15031 MAXIM-MAX15031 Datasheet
379Kb / 16P
   80V, 300mW Boost Converter and Current Monitor for APD Bias Applications
Rev 0; 10/08
MAX15031 MAXIM-MAX15031 Datasheet
133Kb / 5P
   Demonstrates APD Fast Current Limit
Rev 0; 11/08
MAX15031ATE++ MAXIM-MAX15031ATE+ Datasheet
379Kb / 16P
   80V, 300mW Boost Converter and Current Monitor for APD Bias Applications
Rev 0; 10/08
MAX15031EVKIT MAXIM-MAX15031EVKIT Datasheet
133Kb / 5P
   Demonstrates APD Fast Current Limit
Rev 0; 11/08
MAX15031EVKIT++ MAXIM-MAX15031EVKIT+ Datasheet
133Kb / 5P
   Demonstrates APD Fast Current Limit
Rev 0; 11/08
More results

Similar Description - MAX15031

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15061 MAXIM-MAX15061 Datasheet
414Kb / 16P
   80V, 300mW Boost Converter and Current Monitor for APD Bias Applications
Rev 0; 10/09
MAX15031 MAXIM-MAX15031 Datasheet
379Kb / 16P
   80V, 300mW Boost Converter and Current Monitor for APD Bias Applications
Rev 0; 10/08
MAX15059 MAXIM-MAX15059 Datasheet
2Mb / 15P
   76V, 300mW Boost Converter and Current Monitor for APD Bias Applications
Rev 1; 3/10
logo
Taiwan Memory Technolog...
I7990N TMT-I7990N Datasheet
26Kb / 1P
   Boost Converter and Current Monitor for APD
logo
Linear Technology
LT3905 LINER-LT3905 Datasheet
179Kb / 6P
   Boost DC/DC Converter with APD Current Monitor
LT3905 LINER-LT3905_15 Datasheet
257Kb / 18P
   Boost DC/DC Converter with APD Current Monitor
LT3482 LINER-LT3482 Datasheet
196Kb / 12P
   90V Boost DC/DC Converter with APD Current Monitor
LT3482 LINER-LT3482_15 Datasheet
202Kb / 12P
   90V Boost DC/DC Converter with APD Current Monitor
LT3571 LINER-LT3571_15 Datasheet
225Kb / 16P
   75V DC/DC Converter for APD Bias
logo
Monolithic Power System...
MP3430 MPS-MP3430 Datasheet
1,012Kb / 15P
   90V Step-Up Converter with APD Current Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com