Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX15500 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX15500
Description  Industrial Analog Current/Voltage-Output Conditioners
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15500 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX15500 Datasheet HTML 4Page - Maxim Integrated Products MAX15500 Datasheet HTML 5Page - Maxim Integrated Products MAX15500 Datasheet HTML 6Page - Maxim Integrated Products MAX15500 Datasheet HTML 7Page - Maxim Integrated Products MAX15500 Datasheet HTML 8Page - Maxim Integrated Products MAX15500 Datasheet HTML 9Page - Maxim Integrated Products MAX15500 Datasheet HTML 10Page - Maxim Integrated Products MAX15500 Datasheet HTML 11Page - Maxim Integrated Products MAX15500 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
Industrial Analog Current/
Voltage-Output Conditioners
8 ______________________________________________________________________________________
Typical Operating Characteristics
(VAVDD = +24V, VDVDD = +5V, VAVSS = -24V, CLOAD = 1nF, 5% overrange mode, unipolar current output or bipolar voltage-output
mode, VREFIN = +4.096V, TA = +25NC, unless otherwise specified.)
SUPPLY CURRENT vs. TEMPERATURE
TEMPERATURE (NC)
95
80
50 65
-10 5 20 35
-25
-8
-6
-4
-2
0
2
4
6
8
10
10
-40
105
IAVDD
IAVSS
NO LOAD
VOLTAGE-MODE OUTPUT SLEW
RATE vs. TEMPERATURE
TEMPERATURE (NC)
95
80
65
50
35
20
5
-10
-25
0.5
1.0
1.5
2.0
2.5
3.0
0
-40
105
NO LOAD
CURRENT-MODE OUTPUT SLEW
RATE vs. TEMPERATURE
TEMPERATURE (NC)
95
80
65
50
35
20
5
-10
-25
0.5
1.0
1.5
2.0
2.5
3.0
0
-40
105
RLOAD = 750I
CLOAD = 1FF
VOLTAGE-MODE OUTPUT NOISE
vs. FREQUENCY
FREQUENCY (Hz)
1k
100
100
200
300
400
500
600
700
800
900
1000
0
10
10k
VIN = 0V
UNIPOLAR
VOLTAGE
MODE (0 to 5V)
CURRENT-MODE OUTPUT NOISE
vs. FREQUENCY
FREQUENCY (Hz)
1k
100
100
200
300
400
500
600
700
800
900
1000
0
10
10k
VIN = 200mV
UNIPOLAR
CURRENT MODE
(0 to 20mA)
MAX15500 toc06
2V/div
VOUT (AC-COUPLED)
1mV/div
400ns/div
DIGITAL FEEDTHROUGH
SCLK
SCLK = DIN
SCLK = 1MHz
CS = HIGH
VIN = 0.5 x REFIN
VOLTAGE-MODE PSRR
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
30
28
26
10
20
30
40
50
60
70
80
90
100
0
24
32
VIN = 4.096V


Similar Part No. - MAX15500

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15500 MAXIM-MAX15500 Datasheet
3Mb / 28P
   Industrial Analog Current/ Voltage-Output Conditioners
Rev 1; 2/11
MAX15500 MAXIM-MAX15500 Datasheet
710Kb / 15P
   USB-PC Connection (Cable Included)
Rev 0; 8/09
MAX15500GTJ++ MAXIM-MAX15500GTJ+ Datasheet
3Mb / 28P
   Industrial Analog Current/ Voltage-Output Conditioners
Rev 1; 2/11
MAX15500 MAXIM-MAX15500_11 Datasheet
3Mb / 28P
   Industrial Analog Current/ Voltage-Output Conditioners
Rev 1; 2/11
More results

Similar Description - MAX15500

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15500 MAXIM-MAX15500_11 Datasheet
3Mb / 28P
   Industrial Analog Current/ Voltage-Output Conditioners
Rev 1; 2/11
logo
Texas Instruments
XTR300 TI1-XTR300 Datasheet
1Mb / 38P
[Old version datasheet]   Industrial Analog Current/Voltage OUTPUT DRIVER
logo
Burr-Brown (TI)
XTR300 BURR-BROWN-XTR300 Datasheet
621Kb / 27P
   Industrial Analog Current/Voltage OUTPUT DRIVER
logo
Texas Instruments
XTR305 TI1-XTR305 Datasheet
838Kb / 39P
[Old version datasheet]   Industrial Analog Current or Voltage Output Driver
logo
Analog Devices
AD5748 AD-AD5748_14 Datasheet
749Kb / 32P
   Industrial Current/Voltage Output Driver
AD5750 AD-AD5750_12 Datasheet
695Kb / 36P
   Industrial Current/Voltage Output Driver
REV. D
logo
WAGO Kontakttechnik Gmb...
750-564 WAGO-750-564 Datasheet
527Kb / 10P
   4-channel analog output; Voltage/Current
logo
Grayhill, Inc
73G-OV5 GRAYHILL-73G-OV5 Datasheet
114Kb / 2P
   Analog Voltage and Current Output Modules
logo
Analog Devices
AD5750 AD-AD5750 Datasheet
256Kb / 25P
   Industrial Current/Voltage Output Driver, Programmable Ranges
Rev. PrC
logo
Maxim Integrated Produc...
MAX5661 MAXIM-MAX5661 Datasheet
4Mb / 40P
   Single 16-Bit DAC with Current and Voltage Outputs for Industrial Analog Output Modules
Rev 1; 5/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com