Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX16016 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX16016
Description  Low-Power 關P Supervisory Circuits with Battery-Backup Circuit and Chip-Enable Gating
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16016 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX16016 Datasheet HTML 1Page - Maxim Integrated Products MAX16016 Datasheet HTML 2Page - Maxim Integrated Products MAX16016 Datasheet HTML 3Page - Maxim Integrated Products MAX16016 Datasheet HTML 4Page - Maxim Integrated Products MAX16016 Datasheet HTML 5Page - Maxim Integrated Products MAX16016 Datasheet HTML 6Page - Maxim Integrated Products MAX16016 Datasheet HTML 7Page - Maxim Integrated Products MAX16016 Datasheet HTML 8Page - Maxim Integrated Products MAX16016 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
Low-Power µP Supervisory Circuits with
Battery-Backup Circuit and Chip-Enable Gating
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VCC = 1.53V to 5.5V, VBATT = 3V, TA = -40°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
RESET OUTPUT (RESET,
RESET)
Reset Threshold
VTH
(see Table 1)
V
VCC Falling to Reset Delay
tRD
VCC falling at 10V/ms
20
µs
Reset Timeout Period
tRP
145
215
285
ms
VCC
≥ 3.3V, ISINK = 3.2mA, RESET asserted
0.3
VCC
≥ 1.6V, ISINK = 1mA, RESET asserted
0.3
RESET Output Low Voltage
VOL
VCC
≥ 1.2V, ISINK = 100µA, RESET asserted
0.3
V
RESET Output High Voltage
(Push-Pull Output)
VOH
VCC = 1.1 x VTH, ISOURCE = 100µA,
RESET deasserted
VOUT
- 0.3
V
RESET Output Leakage Current
(Open-Drain Output)
VRESET = 5.5V, RESET deasserted
1
µA
VCC
≥ 3.3V, ISINK = 3.2mA, RESET
deasserted
0.3
RESET Output Low Voltage
VOL
VCC
≥ 1.8V, ISINK = 1.0mA, RESET
deasserted
0.3
V
RESET Output High Voltage
(Push-Pull Output)
VOH
VCC = 0.9 x VTH, ISOURCE = 100µA,
RESET asserted
VOUT
- 0.3
V
RESET Output Leakage Current
(Open-Drain Output)
VRESET = 5.5V, RESET asserted
1
µA
POWER-FAIL COMPARATOR
PFI, Input Threshold
VPFT
VIN falling, 1.6V ≤ VCC ≤ 5.5V
0.572
0.590
0.611
V
PFI, Hysteresis
VPFT-HYS
30
mV
PFI Input Current
VCC = 5.5V
-1
+1
µA
VCC
≥ 1.6V, ISINK = 1mA, output asserted
0.3
PFO Output Low Voltage
VOL
VCC
≥ 1.2V, ISINK = 100µA, output asserted
0.3
V
PFO Output Voltage
High (Push-Pull Output)
VOH
VCC = 1.1 x VTH, ISOURCE = 100µA, output
asserted
VOUT
- 0.3
V
PFO, Leakage Current
(Open-Drain Output)
VPFO = 5.5V, output deasserted
1
µA
PFO, Delay Time
VPFT + 100mV to VPFT - 100mV
20
µs
MANUAL RESET (
MR)
Input Low Voltage
VIL
0.3 x VCC
V
Input High Voltage
VIH
0.7 x VCC
V
Pullup Resistance
20
30
k
Glitch Immunity
VCC = 3.3V
100
ns
MR to Reset Delay
120
ns


Similar Part No. - MAX16016

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16016 MAXIM-MAX16016 Datasheet
214Kb / 21P
   Low-Power 關P Supervisory Circuits with Battery-Backup Circuit and Chip-Enable Gating
Rev 2; 10/08
MAX16016 MAXIM-MAX16016 Datasheet
262Kb / 21P
   Low-Power μP Supervisory Circuits with Battery-Backup Circuit and Chip-Enable Gating
Rev 5; 4/11
MAX16016 MAXIM-MAX16016 Datasheet
464Kb / 21P
   Low-Power uP Supervisory Circuits with Battery-Backup Circuit and Chip-Enable Gating
Rev 6; 11/11
MAX16016 MAXIM-MAX16016_11 Datasheet
262Kb / 21P
   Low-Power μP Supervisory Circuits with Battery-Backup Circuit and Chip-Enable Gating
Rev 5; 4/11
MAX16016_1111 MAXIM-MAX16016_1111 Datasheet
464Kb / 21P
   Low-Power uP Supervisory Circuits with Battery-Backup Circuit and Chip-Enable Gating
Rev 6; 11/11
More results

Similar Description - MAX16016

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16016 MAXIM-MAX16016 Datasheet
214Kb / 21P
   Low-Power 關P Supervisory Circuits with Battery-Backup Circuit and Chip-Enable Gating
Rev 2; 10/08
MAX6365 MAXIM-MAX6365 Datasheet
221Kb / 15P
   SOT23, Low-Power 關P Supervisory Circuits with Battery Backup and Chip-Enable Gating
Rev 1; 6/01
MAX16016 MAXIM-MAX16016_11 Datasheet
262Kb / 21P
   Low-Power μP Supervisory Circuits with Battery-Backup Circuit and Chip-Enable Gating
Rev 5; 4/11
MAX16016_1111 MAXIM-MAX16016_1111 Datasheet
464Kb / 21P
   Low-Power uP Supervisory Circuits with Battery-Backup Circuit and Chip-Enable Gating
Rev 6; 11/11
MAX6365 MAXIM-MAX6365_11 Datasheet
175Kb / 15P
   SOT23, Low-Power μP Supervisory Circuits with Battery Backup and Chip-Enable Gating
Rev 5; 10/11
MAX6365 MAXIM-MAX6365_09 Datasheet
248Kb / 15P
   SOT23, Low-Power μP Supervisory Circuits with Battery Backup and Chip-Enable Gating
Rev 4; 5/09
MAX6361 MAXIM-MAX6361 Datasheet
104Kb / 8P
   SOT23, Low-Power 關P Supervisory Circuits with Battery Backup
Rev 0; 1/00
MAX703 MAXIM-MAX703 Datasheet
351Kb / 8P
   Low-Cost 關P Supervisory Circuits with Battery Backup
Rev 1; 4/94
MAX6361 MAXIM-MAX6361_05 Datasheet
178Kb / 12P
   SOT23, Low-Power μP Supervisory Circuits with Battery Backup
Rev 3; 11/05
MAX6361 MAXIM-MAX6361_11 Datasheet
124Kb / 11P
   SOT23, Low-Power μP Supervisory Circuits with Battery Backup
Rev 4; 10/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com