Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX16016 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX16016
Description  Low-Power 關P Supervisory Circuits with Battery-Backup Circuit and Chip-Enable Gating
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16016 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX16016 Datasheet HTML 1Page - Maxim Integrated Products MAX16016 Datasheet HTML 2Page - Maxim Integrated Products MAX16016 Datasheet HTML 3Page - Maxim Integrated Products MAX16016 Datasheet HTML 4Page - Maxim Integrated Products MAX16016 Datasheet HTML 5Page - Maxim Integrated Products MAX16016 Datasheet HTML 6Page - Maxim Integrated Products MAX16016 Datasheet HTML 7Page - Maxim Integrated Products MAX16016 Datasheet HTML 8Page - Maxim Integrated Products MAX16016 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
Low-Power µP Supervisory Circuits with
Battery-Backup Circuit and Chip-Enable Gating
_______________________________________________________________________________________
5
Note 2: All devices are 100% production tested at TA = +25°C and TA = +85°C. Limits to -40°C are guaranteed by design.
Note 3: VBATT can be 0V anytime, or VCC can go down to 0V if VBATT is active (except at startup).
Note 4: Use external current-limit resistor to limit current to 20mA (max).
Note 5: CEIN/CEOUT resistance is tested with VCC = 5V and VCEIN = 0V or 5V.
Note 6: WDI is internally serviced within the watchdog period if WDI is left unconnected.
Note 7: The WDI input current is specified as the average input current when the WDI input is driven high or low. The WDI input is
designed for a three-stated output device with a 10µA maximum leakage current and capable of driving a maximum capaci-
tive load of 200pF. The three-state device must be able to source and sink at least 200µA when active.
ELECTRICAL CHARACTERISTICS (continued)
(VCC = 1.53V to 5.5V, VBATT = 3V, TA = -40°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
LOW LINE (
LL)
Low Line to Reset Threshold
Voltage
VCC falling
(see Table 2)
mV
VCC Falling to LL Delay
VCC falling at 10V/ms
20
µs
VCC
≥ 1.6V, ISINK = 1mA, LL asserted
0.3
LL Output Low Voltage
VOL
VCC
≥ 1.2V, ISINK = 100µA, LL asserted
0.3
V
LL Output High Voltage (Push-
Pull Output)
VOH
VCC = 0.9 x VTH_LL, ISOURCE = 100µA,
LL deasserted
VOUT -
0.3
V
Output Leakage Current
VLL = 5.5V, LL deasserted
1
µA
BATTERY-OK INDICATOR (BATTOK, BATT_TEST)
BATTOK Threshold
Inferred internally from BATT
2.508
2.6
2.673
V
BATTOK Output Voltage Low
VOL
VCC = 1.1 x VTH, ISINK = 1mA, reset
asserted
0.3
V
BATTOK Output High Voltage
VOH
VCC = 1.1 x VTH, ISOURCE = 100µA,
BATTOK asserted
VOUT -
0.3
V
BATTOK Output Leakage
Current
VBATTOK = 5.5V, deasserted
1
µA
BATT_TEST Output Low Voltage
VCC = 1.1 x VTH, ISINK = 1mA
0.3
V
Table 1a. Reset Threshold Ranges
(MAX16016)
RESET THRESHOLD RANGES (V)
SUFFIX
MIN
TYP
MAX
L
4.508
4.63
4.906
M
4.264
4.38
4.635
T
2.991
3.08
3.239
S
2.845
2.93
3.080
R
2.549
2.63
2.755
Z
2.243
2.32
2.425
Y
2.117
2.19
2.288
W
1.603
1.67
1.733
V
1.514
1.575
1.639
Table 1b. Reset Threshold Ranges
(MAX16020/MAX16021)
RESET THRESHOLD RANGES (V)
SUFFIX
MIN
TYP
MAX
L
4.520
4.684
4.852
M
4.275
4.428
4.585
T
3.010
3.100
3.190
S
2.862
2.946
3.034
R
2.568
2.640
2.716
Z
2.260
2.323
2.390
Y
2.133
2.192
2.255
W
1.616
1.661
1.710
V
1.528
1.571
1.618


Similar Part No. - MAX16016

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16016 MAXIM-MAX16016 Datasheet
214Kb / 21P
   Low-Power 關P Supervisory Circuits with Battery-Backup Circuit and Chip-Enable Gating
Rev 2; 10/08
MAX16016 MAXIM-MAX16016 Datasheet
262Kb / 21P
   Low-Power μP Supervisory Circuits with Battery-Backup Circuit and Chip-Enable Gating
Rev 5; 4/11
MAX16016 MAXIM-MAX16016 Datasheet
464Kb / 21P
   Low-Power uP Supervisory Circuits with Battery-Backup Circuit and Chip-Enable Gating
Rev 6; 11/11
MAX16016 MAXIM-MAX16016_11 Datasheet
262Kb / 21P
   Low-Power μP Supervisory Circuits with Battery-Backup Circuit and Chip-Enable Gating
Rev 5; 4/11
MAX16016_1111 MAXIM-MAX16016_1111 Datasheet
464Kb / 21P
   Low-Power uP Supervisory Circuits with Battery-Backup Circuit and Chip-Enable Gating
Rev 6; 11/11
More results

Similar Description - MAX16016

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16016 MAXIM-MAX16016 Datasheet
214Kb / 21P
   Low-Power 關P Supervisory Circuits with Battery-Backup Circuit and Chip-Enable Gating
Rev 2; 10/08
MAX6365 MAXIM-MAX6365 Datasheet
221Kb / 15P
   SOT23, Low-Power 關P Supervisory Circuits with Battery Backup and Chip-Enable Gating
Rev 1; 6/01
MAX16016 MAXIM-MAX16016_11 Datasheet
262Kb / 21P
   Low-Power μP Supervisory Circuits with Battery-Backup Circuit and Chip-Enable Gating
Rev 5; 4/11
MAX16016_1111 MAXIM-MAX16016_1111 Datasheet
464Kb / 21P
   Low-Power uP Supervisory Circuits with Battery-Backup Circuit and Chip-Enable Gating
Rev 6; 11/11
MAX6365 MAXIM-MAX6365_11 Datasheet
175Kb / 15P
   SOT23, Low-Power μP Supervisory Circuits with Battery Backup and Chip-Enable Gating
Rev 5; 10/11
MAX6365 MAXIM-MAX6365_09 Datasheet
248Kb / 15P
   SOT23, Low-Power μP Supervisory Circuits with Battery Backup and Chip-Enable Gating
Rev 4; 5/09
MAX6361 MAXIM-MAX6361 Datasheet
104Kb / 8P
   SOT23, Low-Power 關P Supervisory Circuits with Battery Backup
Rev 0; 1/00
MAX703 MAXIM-MAX703 Datasheet
351Kb / 8P
   Low-Cost 關P Supervisory Circuits with Battery Backup
Rev 1; 4/94
MAX6361 MAXIM-MAX6361_05 Datasheet
178Kb / 12P
   SOT23, Low-Power μP Supervisory Circuits with Battery Backup
Rev 3; 11/05
MAX6361 MAXIM-MAX6361_11 Datasheet
124Kb / 11P
   SOT23, Low-Power μP Supervisory Circuits with Battery Backup
Rev 4; 10/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com