Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX16004 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX16004
Description  Low-Voltage, Quad-/Hex-/Octal-Voltage 關P Supervisors
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16004 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX16004 Datasheet HTML 5Page - Maxim Integrated Products MAX16004 Datasheet HTML 6Page - Maxim Integrated Products MAX16004 Datasheet HTML 7Page - Maxim Integrated Products MAX16004 Datasheet HTML 8Page - Maxim Integrated Products MAX16004 Datasheet HTML 9Page - Maxim Integrated Products MAX16004 Datasheet HTML 10Page - Maxim Integrated Products MAX16004 Datasheet HTML 11Page - Maxim Integrated Products MAX16004 Datasheet HTML 12Page - Maxim Integrated Products MAX16004 Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
Low-Voltage, Quad-/Hex-/Octal-Voltage
µP Supervisors
_______________________________________________________________________________________
9
PIN
NAME
FUNCTION
16
20
2
16
TOL
Threshold Tolerance Input. Connect TOL to GND to select 5% threshold tolerance.
Connect TOL to VCC to select 10% threshold tolerance.
4
6
4
WDI
Watchdog Timer Input.
MAX16004: If WDI remains low or high for longer than the watchdog timeout period,
RESET is asserted and the timer is cleared. The timer also clears whenever a reset is
asserted or a rising or falling edge on WDI is detected. The watchdog timer enters a
startup period that allows 54s for the first transition to occur before a reset. Leave WDI
unconnected to disable the watchdog timer.
MAX16005: If WDI remains low or high for longer than the watchdog timeout period,
WDO is asserted. The timer clears whenever a rising or falling edge on WDI is detected.
Leave WDI unconnected to disable the watchdog timer. The MAX16005 does not have a
startup period.
MAX16004/MAX16005: The WDI floating-state detector uses a small 100nA current.
Therefore, do not connect WDI to anything that will source or sink more than 50nA. Note
that the leakage current specification for most three-state drivers exceeds 50nA.
—10
11
9
MR
Active-Low Manual Reset Input. Pull MR low to assert RESET low. RESET remains low for
the reset timeout period after MR is deasserted. MR is pulled up to VCC through a 20k
resistor.
11
12
10
SRT
Set Reset Timeout Input. Connect a capacitor from SRT to GND to set the reset timeout
period. The reset timeout period can be calculated as follows:
Reset Timeout (s) = 2.06 x 106 (
Ω) x CSRT (F). For the internal timeout period of 140ms
(min), connect SRT to VCC.
—16
14
12
RESET
Active-Low Reset Output. RESET asserts low when any of the monitored voltages falls
below its respective threshold or MR is asserted. RESET remains asserted for the reset
timeout period after all monitored voltages exceed their respective thresholds and MR is
deasserted. This open-drain output has a 30µA internal pullup.
9
7
REF
Reference Output. The reference output voltage of 1.23V can source up to 40µA.
10
8
WDO
Active-Low Watchdog Output. WDO asserts and stays low whenever any of the IN_ inputs
fall below their respective thresholds. WDO deasserts without a timeout delay when all
the IN_ inputs rise above their thresholds. When all the IN_ inputs rise above their
thresholds, WDO asserts low whenever the watchdog timer times out. WDO deasserts
after a valid WDI transition or if MR is pulled low. The watchdog timer begins counting
after the reset timeout period once MR goes high. Pull MARGIN low to deassert WDO.
——
EP
Exposed Pad. EP is internally connected to GND. Connect EP to the ground plane to
provide a low thermal resistance path from the IC junction to the PCB. Do not use as the
electrical connection to GND.
Pin Description (MAX16003/MAX16004/MAX16005) (continued)


Similar Part No. - MAX16004

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16004 MAXIM-MAX16004_12 Datasheet
311Kb / 26P
   Low-Voltage, Quad-/Hex-/Octal-Voltage μP Supervisors
Rev 6; 8/12
More results

Similar Description - MAX16004

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16000 MAXIM-MAX16000_12 Datasheet
311Kb / 26P
   Low-Voltage, Quad-/Hex-/Octal-Voltage μP Supervisors
Rev 6; 8/12
MAX16060 MAXIM-MAX16060 Datasheet
218Kb / 18P
   1% Accurate, Quad-/Hex-/Octal-Voltage uP Supervisors
19-4099; Rev 0; 4/08
MAX16134 MAXIM-MAX16134 Datasheet
661Kb / 23P
   Low-Voltage, Precision, Single/Dual/Triple/Quad-Voltage 關P Supervisors
Rev 0; 11/16
logo
Texas Instruments
TPS386000-Q1 TI1-TPS386000-Q1_16 Datasheet
1Mb / 34P
[Old version datasheet]   Quad Supply Voltage Supervisors
logo
Maxim Integrated Produc...
MAX6892 MAXIM-MAX6892 Datasheet
298Kb / 19P
   Pin-Selectable, Octal/Hex/Quad, Power-Supply Sequencers/Supervisors
Rev 0; 2/05
MAX6892 MAXIM-MAX6892_10 Datasheet
178Kb / 19P
   Pin-Selectable, Octal/Hex/Quad, Power-Supply Sequencers/Supervisors
Rev 2; 9/10
MAX6889 MAXIM-MAX6889 Datasheet
261Kb / 40P
   EEPROM-Programmable, Octal/Hex/Quad, Power-Supply Sequencers/Supervisors
Rev 1; 9/08
MAX6821 MAXIM-MAX6821_V01 Datasheet
1Mb / 9P
   Low-Voltage SOT23 關P Supervisors with Manual Reset and Watchdog Timer
2014
MAX6821 MAXIM-MAX6821 Datasheet
167Kb / 9P
   Low-Voltage SOT23 關P Supervisors with Manual Reset and Watchdog Timer
Rev 1; 1/01
MAX6826 MAXIM-MAX6826 Datasheet
205Kb / 12P
   Dual Ultra-Low-Voltage SOT23 關P Supervisors with Manual Reset and Watchdog Timer
Rev 1; 1/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com