Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX16046ETN+ Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX16046ETN+
Description  12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16046ETN+ Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX16046ETN+ Datasheet HTML 1Page - Maxim Integrated Products MAX16046ETN+ Datasheet HTML 2Page - Maxim Integrated Products MAX16046ETN+ Datasheet HTML 3Page - Maxim Integrated Products MAX16046ETN+ Datasheet HTML 4Page - Maxim Integrated Products MAX16046ETN+ Datasheet HTML 5Page - Maxim Integrated Products MAX16046ETN+ Datasheet HTML 6Page - Maxim Integrated Products MAX16046ETN+ Datasheet HTML 7Page - Maxim Integrated Products MAX16046ETN+ Datasheet HTML 8Page - Maxim Integrated Products MAX16046ETN+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 70 page
background image
ELECTRICAL CHARACTERISTICS (continued)
(VCC = 3V to 14V, TA = -40°C to +85°C, unless otherwise specified. Typical values are at VCC = 3.3V, TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
TA = +25°C
1.1660
1.2016
1.2060
IDACOUT = ±50µA, mid
code, DACOUT_ range
set to ‘11’
TA = -40°C to
+85°C
1.1900
1.2016
1.2130
TA = +25°C
0.897
0.901
0.905
IDACOUT = ±50µA, mid
code, DACOUT_ range
set to ‘10’
TA = -40°C to
+85°C
0.890
0.901
0.912
TA = +25°C
0.597
0.601
0.605
DAC Center Code Absolute
Accuracy
DACACC
IDACOUT = ±50µA, mid
code, DACOUT_ range
set to ‘01’
TA = -40°C to
+85°C
0.592
0.601
0.612
V
Gain Error
Any range
-0.8
+0.8
%
DAC Output Sink Capability
DACSINK
Sinking current, IDACOUTMAX = 0.5mA
+8
mV
DAC Output Source Capability
DACSOURCE Sourcing current, IDACOUTMAX = -0.5mA
-8
mV
DAC Output Switch Leakage
DACOUT_ switch off
-150
+150
nA
DAC Output Capacitive Load
(Note 5)
50
pF
DAC Output Settling Time
50
µs
DC
60
DAC Power-Supply Rejection
Ratio
DACPSRR
100mV step in 20ns with 50pF load
40
dB
DAC Differential Nonlinearity
DACDNL
DACOUT_ code from 07h to F8h,
any range
-0.6
+0.6
LSB
DAC Integral Nonlinearity
DACINL
DACOUT_ code from 07h to F8h,
any range
-0.9
+0.9
LSB
OUTPUTS (EN_OUT_,
RESET, GPIO_)
Output-Voltage Low
VOL
ISINK = 2mA
0.4
V
Output-Voltage High (Push-Pull)
ISOURCE =100µA
2.4
V
1
GPIO1–GPIO4, VGPIO_ = 3.3V
1
Output Leakage (Open Drain)
IOUT_LKG
GPIO1–GPIO4, VGPIO_ = 5.0V
22
µA
EN_OUT_ Overdrive (Charge
Pump) (EN_OUT1 to EN_OUT6
Only) Volts above VMON_
VOV
IGATE_ = 0.5µA
4.6
5.1
5.6
V
EN_OUT_ Pullup Current (Charge
Pump)
ICHG_UP
During power-up/power-down,
VGATE_ = 1V
4.5
6
µA
EN_OUT_ Pulldown Current
(Charge Pump)
ICHG_DOWN
During power-up/power-down,
VGATE_ = 5V
10
µA
INPUTS (A0, GPIO_)
Logic-Input Low Voltage
VIL
0.8
V
Logic-Input High Voltage
VIH
2.0
V
SMBUS INTERFACE
Logic-Input Low Voltage
VIL
Input voltage falling
0.8
V
Logic-Input High Voltage
VIH
Input voltage rising
2.0
V
12-Channel/8-Channel EEPROM-Programmable
System Managers with Nonvolatile Fault Registers
_______________________________________________________________________________________
5


Similar Part No. - MAX16046ETN+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16046ETN++ MAXIM-MAX16046ETN+ Datasheet
545Kb / 68P
   12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 10/07
More results

Similar Description - MAX16046ETN+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16046 MAXIM-MAX16046 Datasheet
545Kb / 68P
   12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 10/07
MAX16046A MAXIM-MAX16046A Datasheet
1Mb / 71P
   12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 4/10
MAX16047 MAXIM-MAX16047_09 Datasheet
422Kb / 61P
   12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 3; 3/09
MAX16047 MAXIM-MAX16047 Datasheet
516Kb / 62P
   12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 11/07
MAX16047A MAXIM-MAX16047A Datasheet
1,015Kb / 61P
   12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 4/10
MAX16065 MAXIM-MAX16065 Datasheet
2Mb / 61P
   12-Channel/8-Channel, Flash-Configurable System Managers with Nonvolatile Fault Registers
Rev 0; 7/09
MAX16070 MAXIM-MAX16070 Datasheet
2Mb / 52P
   12-Channel/8-Channel, Flash-Configurable System Monitors with Nonvolatile Fault Registers
Rev 3; 8/11
MAX16067 MAXIM-MAX16067 Datasheet
2Mb / 47P
   6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Rev 0; 10/09
MAX16067 MAXIM-MAX16067_10 Datasheet
2Mb / 48P
   6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Rev 1; 2/10
MAX16068 MAXIM-MAX16068 Datasheet
1Mb / 40P
   6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Rev 0; 10/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com