Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX16066 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX16066
Description  12-Channel/8-Channel, Flash-Configurable System Managers with Nonvolatile Fault Registers
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16066 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX16066 Datasheet HTML 1Page - Maxim Integrated Products MAX16066 Datasheet HTML 2Page - Maxim Integrated Products MAX16066 Datasheet HTML 3Page - Maxim Integrated Products MAX16066 Datasheet HTML 4Page - Maxim Integrated Products MAX16066 Datasheet HTML 5Page - Maxim Integrated Products MAX16066 Datasheet HTML 6Page - Maxim Integrated Products MAX16066 Datasheet HTML 7Page - Maxim Integrated Products MAX16066 Datasheet HTML 8Page - Maxim Integrated Products MAX16066 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 61 page
background image
12-Channel/8-Channel, Flash-Configurable System
Managers with Nonvolatile Fault Registers
_______________________________________________________________________________________ 3
ELECTRICAL CHARACTERISTICS (continued)
(VCC = 2.8V to 14V, TA = -40NC to +85NC, unless otherwise specified. Typical values are at ABP = DBP = VCC = 3.3V, TA = +25NC.)
(Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
ADC DC ACCURACY
Resolution
10
Bits
Gain Error
ADCGAIN
TA = +25°C
0.35
%
TA = -40°C to +85°C
0.70
Offset Error
ADCOFF
1
LSB
Integral Nonlinearity
ADCINL
1
LSB
Differential Nonlinearity
ADCDNL
1
LSB
ADC Total Monitoring Cycle Time
tCYCLE
No MON_ fault detected
40
50
μs
ADC IN_ Ranges
1 LSB = 5.43mV
5.56
V
1 LSB = 2.72mV
2.78
1 LSB = 1.36mV
1.39
CURRENT SENSE
CSP Input-Voltage Range
VCSP
3
14
V
Input Bias Current
ICSP
14
25
μA
ICSM
VCSP = VCSM
3
5
CSP Total Unadjusted Error
CSPERR
(Note 4)
2
%FSR
Overcurrent Differential
Threshold
OVCTH
VCSP -
VCSM
Gain = 48
21.5
25
30.5
mV
Gain = 24
46
51
56
Gain = 12
94
101
108
Gain = 6
190
202
210
VSENSE Fault Threshold
Hysteresis
OVCHYS
0.5
% OVCTH
Secondary Overcurrent Threshold
Timeout
OVCDEL
r73h[6:5] = ‘00’
0
ms
r73h[6:5] = ‘01’
3
4
5
r73h[6:5] = ‘10’
12
16
20
r73h[6:5] = ‘11’
50
64
60
VSENSE Ranges
Gain = 6
232
mV
Gain = 12
116
Gain = 24
58
Gain = 48
29
ADC Current Measurement
Accuracy
VSENSE = 150mV (gain = 6 only)
-2.5
Q
0.2
+2.5
%
VSENSE = 50mV, gain = 12
-4
Q
0.2
+4
VSENSE = 25mV, gain = 24
Q
0.5
VSENSE = 10mV, gain = 48
Q
1
Gain Accuracy
VSENSE = 20mV to 100mV, VCSP = 5V,
gain = 6
-1.5
+1.5
%
Common-Mode Rejection Ratio
CMRRSNS VCSP > 4V
80
dB
Power-Supply Rejection Ratio
PSRRSNS
80
dB


Similar Part No. - MAX16066

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1606 MAXIM-MAX1606 Datasheet
302Kb / 10P
   28V Internal Switch LCD Bias Supply with True Shutdown
19-1744; Rev 0; 7/00
MAX1606 MAXIM-MAX1606 Datasheet
664Kb / 10P
   28V Internal Switch LCD Bias Supply with True Shutdown
2004
MAX16060 MAXIM-MAX16060 Datasheet
218Kb / 18P
   1% Accurate, Quad-/Hex-/Octal-Voltage uP Supervisors
19-4099; Rev 0; 4/08
MAX16060_TE++ MAXIM-MAX16060_TE+ Datasheet
218Kb / 18P
   1% Accurate, Quad-/Hex-/Octal-Voltage uP Supervisors
19-4099; Rev 0; 4/08
MAX16061_TP++ MAXIM-MAX16061_TP+ Datasheet
218Kb / 18P
   1% Accurate, Quad-/Hex-/Octal-Voltage uP Supervisors
19-4099; Rev 0; 4/08
More results

Similar Description - MAX16066

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16070 MAXIM-MAX16070 Datasheet
2Mb / 52P
   12-Channel/8-Channel, Flash-Configurable System Monitors with Nonvolatile Fault Registers
Rev 3; 8/11
MAX16046 MAXIM-MAX16046 Datasheet
545Kb / 68P
   12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 10/07
MAX16046A MAXIM-MAX16046A Datasheet
1Mb / 71P
   12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 4/10
MAX16046 MAXIM-MAX16046_09 Datasheet
481Kb / 70P
   12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 4; 3/09
MAX16047 MAXIM-MAX16047_09 Datasheet
422Kb / 61P
   12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 3; 3/09
MAX16047 MAXIM-MAX16047 Datasheet
516Kb / 62P
   12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 11/07
MAX16047A MAXIM-MAX16047A Datasheet
1,015Kb / 61P
   12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 4/10
MAX16067 MAXIM-MAX16067 Datasheet
2Mb / 47P
   6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Rev 0; 10/09
MAX16067 MAXIM-MAX16067_10 Datasheet
2Mb / 48P
   6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Rev 1; 2/10
MAX16068 MAXIM-MAX16068 Datasheet
1Mb / 40P
   6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Rev 0; 10/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com