Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX16057ATT__+T Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX16057ATT__+T
Description  125nA Supervisory Circuits with Capacitor- Adjustable Reset and Watchdog Timeouts
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16057ATT__+T Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX16057ATT__+T Datasheet HTML 3Page - Maxim Integrated Products MAX16057ATT__+T Datasheet HTML 4Page - Maxim Integrated Products MAX16057ATT__+T Datasheet HTML 5Page - Maxim Integrated Products MAX16057ATT__+T Datasheet HTML 6Page - Maxim Integrated Products MAX16057ATT__+T Datasheet HTML 7Page - Maxim Integrated Products MAX16057ATT__+T Datasheet HTML 8Page - Maxim Integrated Products MAX16057ATT__+T Datasheet HTML 9Page - Maxim Integrated Products MAX16057ATT__+T Datasheet HTML 10Page - Maxim Integrated Products MAX16057ATT__+T Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
125nA Supervisory Circuits with Capacitor-
Adjustable Reset and Watchdog Timeouts
_______________________________________________________________________________________
7
Detailed Description
The MAX16056–MAX16059 are ultra-low-current 125nA
(typ) µP supervisory circuits that monitor a single sys-
tem supply voltage. These devices assert an active-low
reset signal whenever the VCC supply voltage drops
below the factory-trimmed reset threshold, manual
reset is pulled low, or the watchdog timer runs out
(MAX16056/MAX16058). The reset output remains
asserted for an adjustable reset timeout period after
VCC rises above the reset threshold. The reset and
watchdog delay periods are adjustable using external
capacitors.
RESET Output
The MAX16056–MAX16059 µP supervisory circuits assert
a reset to prevent code-execution errors during power-
up, power-down, and brownout conditions. The reset
output is guaranteed to be valid for VCC down to 1.1V.
When VCC falls below the reset threshold, the RESET
output asserts low. Once VCC exceeds the reset thresh-
old plus the hysteresis, an internal timer keeps the reset
output asserted for the capacitor-adjusted reset timeout
period (tRP), then after this interval the reset output
deasserts (see Figure 1). The reset function features
immunity to power-supply voltage transients.
Manual-Reset Input (
MR)
Many µP-based products require manual-reset capabil-
ity, allowing the operator, a test technician, or external
logic circuitry to initiate a reset. The MAX16056–
MAX16059 feature an MR input. A logic-low on MR
asserts a reset. RESET remains asserted while MR is
low and for the timeout period, tRP, after MR returns
high. Connect MR to VCC if unused. MR can be driven
with CMOS logic levels or with open-drain/collector out-
puts (with a pullup resistor). Connect a normally open
momentary switch from MR to GND and a resistor from
MR to VCC to implement a manual-reset function; exter-
nal debounce circuitry is not required. If MR is driven
by long cables or the device is used in a noisy environ-
ment, connect a 0.1µF capacitor from MR to GND to
provide additional noise immunity.
Watchdog Timer
The MAX16056/MAX16058’s watchdog timer circuitry
monitors the µP’s activity. If the µP does not toggle
(high-to-low) the watchdog input (WDI) within the
capacitor-adjustable watchdog timeout period (tWD),
RESET asserts for the reset timeout period (tRP). The
internal watchdog timer is cleared by: 1) any event that
asserts RESET, by 2) a falling transition at WDI (that
can detect pulses as short as 150ns) or by 3) a transi-
tion (high-to-low or low-to-high) at WDS. While reset is
asserted, the watchdog timer remains cleared and
does not count. As soon as reset deasserts, the watch-
dog timer resumes counting.
There are two modes of watchdog operation, normal
mode and extended mode. In normal mode (Figure 2),
the watchdog timeout period is determined by the
value of the capacitor connected between SWT and
ground. In extended mode (Figure 3), the watchdog
timeout period is multiplied by 128. For example, in
extended mode, a 0.33µF capacitor gives a watchdog
timeout period of 212s (see Table 2). To disable the
watchdog timer function, connect SWT to ground.
When VCC ramps above VTH + VHYST, the value of the
external SWT capacitor is sampled after RESET goes
high. When sampling is finished, the capacitor value is
stored in the device and is used to set watchdog time-
out. If RESET goes low before sampling is finished, the
device interrupts sampling, and sampling is restarted
when RESET goes high again.
If the external SWT capacitor is less than 470pF, the
sampling result sets the watchdog timeout to zero. This
causes the watchdog to assert RESET continuously
after sampling is finished. If a PCB manufacturing
defect caused the connection to CSWT to be broken,
the capacitance is very low and RESET is continuously
asserted. If the external SWT capacitor is greater than
5600pF, the sampling result sets the watchdog timeout
to be infinite, disabling the watchdog function.


Similar Part No. - MAX16057ATT__+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16057ATT__+T MAXIM-MAX16057ATT__+T Datasheet
695Kb / 17P
   125nA nanoPower Supervisory Circuits with Capacitor-Adjustable Reset and Watchdog Timeouts
2021
More results

Similar Description - MAX16057ATT__+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16056 MAXIM-MAX16056_13 Datasheet
749Kb / 17P
   125nA Supervisory Circuits with Capacitor- Adjustable Reset and Watchdog Timeouts
Rev 2; 4/13
MAX16056 MAXIM-MAX16056_V01 Datasheet
695Kb / 17P
   125nA nanoPower Supervisory Circuits with Capacitor-Adjustable Reset and Watchdog Timeouts
2021
MAX6301 MAXIM-MAX6301 Datasheet
102Kb / 12P
   5V, Low-Power uP Supervisory Circuits with Adjustable Reset/Watchdog
19-1078; Rev 0; 6/96
logo
ams AG
AS1916 AMSCO-AS1916 Datasheet
401Kb / 13P
   Microprocessor Supervisory Circuits with Manual Reset and Watchdog
AS1916 AMSCO-AS1916_04 Datasheet
832Kb / 15P
   Microprocessor Supervisory Circuits with Manual Reset and Watchdog
logo
Maxim Integrated Produc...
MAX6747KA46-T MAXIM-MAX6747KA46-T Datasheet
176Kb / 14P
   μP Reset Circuits with Capacitor-Adjustable Reset/Watchdog Timeout Delay
Rev 6; 4/11
MAX6746 MAXIM-MAX6746_10 Datasheet
159Kb / 14P
   uP Reset Circuits with Capacitor-Adjustable Reset/Watchdog Timeout Delay
Rev 4; 9/10
MAX6746 MAXIM-MAX6746_11 Datasheet
176Kb / 14P
   μP Reset Circuits with Capacitor-Adjustable Reset/Watchdog Timeout Delay
Rev 6; 4/11
MAX6301 MAXIM-MAX6301_10 Datasheet
160Kb / 12P
   5V, Low-Power μP Supervisory Circuits with Adjustable Reset/Watchdog
Rev 4; 9/10
MAX6753KA29-T MAXIM-MAX6753KA29-T Datasheet
176Kb / 14P
   μP Reset Circuits with Capacitor-Adjustable Reset/Watchdog Timeout Delay
Rev 6; 4/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com