Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX16834ATP+ Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX16834ATP+
Description  High-Power LED Driver with Integrated High-Side LED Current Sense and PWM Dimming MOSFET Driver
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16834ATP+ Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX16834ATP+ Datasheet HTML 1Page - Maxim Integrated Products MAX16834ATP+ Datasheet HTML 2Page - Maxim Integrated Products MAX16834ATP+ Datasheet HTML 3Page - Maxim Integrated Products MAX16834ATP+ Datasheet HTML 4Page - Maxim Integrated Products MAX16834ATP+ Datasheet HTML 5Page - Maxim Integrated Products MAX16834ATP+ Datasheet HTML 6Page - Maxim Integrated Products MAX16834ATP+ Datasheet HTML 7Page - Maxim Integrated Products MAX16834ATP+ Datasheet HTML 8Page - Maxim Integrated Products MAX16834ATP+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
High-Power LED Driver with Integrated High-Side LED
Current Sense and PWM Dimming MOSFET Driver
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VIN = VHV = 12V, VUVEN = 5V, VLV = VPWMDIM = SGND, CVCC = 4.7µF, CLCV = 100nF, CREF = 100nF, RSENSE+ = 0.1Ω,
RRT = 10kΩ, TA = TJ = -40°C to +125°C, unless otherwise noted. Typical values are at TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Note 1: Package thermal resistances were obtained using the method described in JEDEC specification JESD51-7, using a four-
layer board. For detailed information on package thermal considerations, refer to www.maxim-ic.com/thermal-tutorial.
IN, HV, LV to SGND................................................-0.3V to +30V
OVP+, SENSE+, DIMOUT, CLV to SGND ..............-0.3V to +30V
SENSE+ to LV........................................................-0.3V to +0.3V
HV, IN to LV ............................................................-0.3V to +30V
OVP+, CLV, DIMOUT to LV ......................................-0.3V to +6V
PGND to SGND .....................................................-0.3V to +0.3V
VCC to SGND..........................................................-0.3V to +12V
NDRV to PGND...........................................-0.3V to (VCC + 0.3V)
All Other Pins to SGND.............................................-0.3V to +6V
NDRV Continuous Current................................................±50mA
DIMOUT Continuous Current..............................................±2mA
VCC Short-Circuit Current to SGND Duration ...........................1s
Continuous Power Dissipation (TA = +70°C)
20-Pin TQFN (4mm x 4mm)
(derate 25.6mW/°C* above +70°C) ............................2051mW
20-Pin TSSOP-EP (derate 26.5mW/°C above +70°C) ....2122mW
Junction-to-Ambient Thermal Resistance (
θJA) (Note 1)
20-Pin TQFN 4mm x 4mm .................................................39°C/W
20-Pin TSSOP..................................................................37.7°C/W
Junction-to-Case Thermal Resistance (
θJC) (Note 1)
20-Pin TQFN 4mm x 4mm ...............................................6°C/W
20-Pin TSSOP..................................................................2°C/W
Operating Temperature Range .........................-40°C to +125°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
*
As per JEDEC51 standard (multilayer board).
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input Voltage Range
VIN
4.75
28
V
Quiescent Supply Current
IQ
Excluding ILED
610
mA
Shutdown Supply Current
ISHDN
VUVEN = 0
30
60
µA
INTERNAL LINEAR REGULATOR (VCC)
Output Voltage
VCC
0
≤ ICC ≤ 50mA, 9.5V ≤ VIN ≤ 28V
6.3
7
7.7
V
Dropout Voltage
VDO
ICC = 35mA (Note 2)
0.65
1
V
Short-Circuit Current
VCC = 0, VIN = 12V
80
300
mA
LINEAR REGULATOR (CLV)
Output Voltage
(VCLV - VLV)
0
≤ ICLV ≤ 2mA, 6V ≤ VHV ≤ 28V,
6V
≤ V(HV-LV) ≤ 22V
4.7
5
5.3
V
Dropout Voltage
VDO
ICLV = 2mA, 0
≤ VLV ≤ 23.3V (Note 3)
0.5
V
Short-Circuit Current
VCLV = 12V, VIN = 12V, VHV = 24V
2.2
10
mA
REFERENCE VOLTAGE (REF)
Output Voltage
VREF
0
≤ IREF ≤ 1mA, 4.75V ≤ VIN ≤ 28V
3.625
3.70
3.775
V
REF Short-Circuit Current
VREF = 0
30
mA
UNDERVOLTAGE LOCKOUT/ENABLE INPUT (UVEN)
UVEN On Threshold Voltage
VUVEN_THUP
1.395
1.435
1.475
V
UVEN Threshold Voltage
Hysteresis
200
mV
Input Leakage Current
ILEAK
VUVEN = 0
I1I
µA
PWMDIM
PWMDIM On Threshold Voltage
VPWMDIM
1.395
1.435
1.475
V
PWMDIM Threshold Voltage
Hysteresis
200
mV


Similar Part No. - MAX16834ATP+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16834ATP++ MAXIM-MAX16834ATP+ Datasheet
204Kb / 23P
   High-Power LED Driver with Integrated High-Side LED Current Sense and PWM Dimming MOSFET Driver
Rev 3; 1/10
More results

Similar Description - MAX16834ATP+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16834 MAXIM-MAX16834_10 Datasheet
204Kb / 23P
   High-Power LED Driver with Integrated High-Side LED Current Sense and PWM Dimming MOSFET Driver
Rev 3; 1/10
MAX16834 MAXIM-MAX16834_15 Datasheet
233Kb / 23P
   High-Power LED Driver with Integrated High-Side LED Current Sense and PWM Dimming MOSFET Driver
Rev 5; 1/15
logo
SamHop Microelectronics...
SM8205 SAMHOP-SM8205 Datasheet
437Kb / 13P
   High-Power LED Driver with Integrated PWM Dimming MOSFET Driver
logo
M.S. Kennedy Corporatio...
SM8205 MSK-SM8205 Datasheet
437Kb / 13P
   High-Power LED Driver with Integrated PWM Dimming MOSFET Driver
logo
Micrel Semiconductor
MIC3202 MICREL-MIC3202 Datasheet
853Kb / 19P
   High-Brightness LED Driver with Integrated MOSFET and High-Side Current Sense
MIC3201 MICREL-MIC3201 Datasheet
521Kb / 16P
   High Brightness LED Driver with High-Side Current Sense
logo
Maxim Integrated Produc...
MAX16812 MAXIM-MAX16812 Datasheet
352Kb / 21P
   Integrated High-Voltage LED Driver with Analog and PWM Dimming Control
Rev 0; 7/07
logo
Micrel Semiconductor
MIC3201 MICREL-MIC3201_11 Datasheet
698Kb / 16P
   High Brightness LED Driver with High-Side Current Sense
logo
Texas Instruments
TPS92515AHV-Q1 TI1-TPS92515AHV-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   2-A, Buck LED Driver with Integrated N-channel FET, High-Side Current Sense, and Shunt FET PWM Dimming Capability
TPS92515 TI1-TPS92515 Datasheet
1Mb / 39P
[Old version datasheet]   2-A, Buck LED Driver with Integrated N-channel FET,High-Side Current Sense, and Shunt FET PWM Dimming Capability
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com