Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V375A12T400BF2 Datasheet(PDF) 5 Page - Vicor Corporation

Part # V375A12T400BF2
Description  375V Input Maxi Family DC-DC Converter Module
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

V375A12T400BF2 Datasheet(HTML) 5 Page - Vicor Corporation

  V375A12T400BF2 Datasheet HTML 1Page - Vicor Corporation V375A12T400BF2 Datasheet HTML 2Page - Vicor Corporation V375A12T400BF2 Datasheet HTML 3Page - Vicor Corporation V375A12T400BF2 Datasheet HTML 4Page - Vicor Corporation V375A12T400BF2 Datasheet HTML 5Page - Vicor Corporation V375A12T400BF2 Datasheet HTML 6Page - Vicor Corporation V375A12T400BF2 Datasheet HTML 7Page - Vicor Corporation V375A12T400BF2 Datasheet HTML 8Page - Vicor Corporation V375A12T400BF2 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Vicor Corp. Tel: 800-735-6200, 978-470-2900 Fax: 978-475-6715
375V Maxi Family
Rev. 8.6
Page 5 of 15
Set your site on VICOR at vicorpower.com
Parameter
Min
Typ
Max
Unit
Notes
Efficiency
82
83.3
%
Nominal input; full load; 25°C
Ripple and noise
80
100
mV
p-p; Nominal input; full load; 20 MHz bandwith
Output OVP setpoint
6.03
6.25
6.47
Volts
25°C; recycle input voltage to restart (>100 ms off)
Dissipation, standby
8.8
10.2
Watts
No load
Load regulation
±0.02
±0.2
%
No load to full load; nominal input
Load current
0
60
Amps
Current limit
61.2
69
81
Amps
Output voltage 95% of nominal
Short circuit current
42
69
81
Amps
Output voltage <250 mV
5 Vout, 300 W (e.g. V375A5C300BL)
MODULE SPECIFIC OPERATING SPECIFICATIONS (CONT.)
Parameter
Min
Typ
Max
Unit
Notes
Efficiency
81.5
86
%
Nominal input; full load; 25°C
Ripple and noise
320
400
mV
p-p; Nominal input; full load; 20 MHz bandwith
Output OVP setpoint
13.7
14.3
14.9
Volts
25°C; recycle input voltage to restart (>100 ms off)
Dissipation, standby
8.7
13
Watts
No load
Load regulation
±0.02
±0.2
%
No load to full load; nominal input
Load current
0
50
Amps
Current limit
51
57.5
67.5
Amps
Output voltage 95% of nominal
Short circuit current
35
57.5
67.5
Amps
Output voltage <250 mV
12 Vout, 600 W (e.g. V375A12C600BL)
Parameter
Min
Typ
Max
Unit
Notes
Efficiency
82
83.1
%
Nominal input; full load; 25°C
Ripple and noise
220
275
mV
p-p; Nominal input; full load; 20 MHz bandwith
Output OVP setpoint
9.36
9.7
10.1
Volts
25°C; recycle input voltage to restart (>100 ms off)
Dissipation, standby
9.3
10.8
Watts
No load
Load regulation
±0.02
±0.2
%
No load to full load; nominal input
Output Current
0
37.5
Amps
Current limit
38.2
43.1
50.7
Amps
Output voltage 95% of nominal
Short circuit current
26.2
43.1
50.7
Amps
Output voltage <250 mV
8 Vout, 300 W (e.g. V375A8C300BL)
Parameter
Min
Typ
Max
Unit
Notes
Efficiency
81.6
82.8
%
Nominal input; full load; 25°C
Ripple and noise
288
360
mV
p-p; Nominal input; full load; 20MHz bandwith
Output OVP setpoint
9.55
9.9
10.3
Volts
25°C; recycle input voltage to restart (>100 ms off)
Dissipation, standby
17.9
19
Watts
No load
Load regulation
±0.02
±0.2
%
No load to full load; nominal input
Load current
0
50
Amps
Current limit
51
57.5
67.5
Amps
Output voltage 95% of nominal
Short circuit current
35
57.5
67.5
Amps
Output voltage <250 mV
8 Vout, 400 W (e.g. V375A8C400BL)


Similar Part No. - V375A12T400BF2

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V375A12T150A VICOR-V375A12T150A Datasheet
175Kb / 8P
   375Vin / 24Vout / 150Watts DC-DC Converter Module
V375A12T150A VICOR-V375A12T150A Datasheet
172Kb / 8P
   375Vin / 5Vout / 100Watts DC-DC Converter Module
V375A12T150A VICOR-V375A12T150A Datasheet
180Kb / 8P
   375Vin / 2Vout / 50Watts DC-DC Converter Module
V375A12T150B VICOR-V375A12T150B Datasheet
142Kb / 8P
   375Vin / 12Vout / 150Watts DC-DC Converter Module
V375A12T200A VICOR-V375A12T200A Datasheet
183Kb / 8P
   375Vin / 5Vout / 200Watts DC-DC Converter Module
More results

Similar Description - V375A12T400BF2

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V375C12T150BL2 VICOR-V375C12T150BL2 Datasheet
507Kb / 13P
   375V Input Micro Family DC-DC Converter Module
V375B12T300BL2 VICOR-V375B12T300BL2 Datasheet
588Kb / 13P
   375V Input Mini Family DC-DC Converter Module
V300A12T500BL2 VICOR-V300A12T500BL2 Datasheet
592Kb / 13P
   300V Input Maxi Family DC-DC Converter Module
V48A12T500BL2 VICOR-V48A12T500BL2 Datasheet
590Kb / 11P
   48V Input Maxi Family DC-DC Converter Module
V150A24C500BL VICOR-V150A24C500BL Datasheet
596Kb / 13P
   150V Input Maxi Family DC-DC Converter Module
V24A5E200BL2 VICOR-V24A5E200BL2 Datasheet
591Kb / 13P
   24V Input Maxi Family DC-DC Converter Module
V72A24C400BL VICOR-V72A24C400BL Datasheet
586Kb / 11P
   72V Input Maxi Family DC-DC Converter Module
V28A12T200BL2 VICOR-V28A12T200BL2 Datasheet
575Kb / 10P
   28V Wide Input Maxi Family DC-DC Converter Module
V110A24C400BL VICOR-V110A24C400BL Datasheet
590Kb / 13P
   110V Input Maxi Family DC-DC Converter Module Features
V24A24M400BG VICOR-V24A24M400BG Datasheet
784Kb / 13P
   Maxi Family 24 V Input DC-DC Converter Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com