Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P048F048T24AL Datasheet(PDF) 1 Page - Vicor Corporation

Part # P048F048T24AL
Description  PRM Regulator and VTM Current Multiplier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

P048F048T24AL Datasheet(HTML) 1 Page - Vicor Corporation

  P048F048T24AL Datasheet HTML 1Page - Vicor Corporation P048F048T24AL Datasheet HTML 2Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
vicorpower.com
800-735-6200
Rev. 1.7
9/2009
Page 1 of 2
–Out
+Out
–Out
+Out
PC VC TM
–In
+In
S
NRTL
CUS
RoHS
U.S. PATS. LISTED ON PACKING MATERIALS & DATASHEETS
VICOR CORP.
MADE IN USA
Sine Amplitude Converter (VTM)
ZVS buck-boost regulator (PRM)
Regulation 0.2% (Remote Sense)
Small footprint: 1.1 in2 or 0.55 in2
High efficiency up to 97%
Low profile 0.265”
Power Density > 1000 W/in3
VI ChipTM PRMTM Regulator
and VTMTM Current Multiplier
Product Description
The PRM is a very efficient non-isolated regulator capable of both boosting and bucking a wide range input voltage and provides a
regulated, adjustable output voltage or “Factorized Bus”. PRMs can be used stand-alone as non-isolated voltage regulators or
combined with VTMs for a complete isolated, DC-DC solution with higher efficiency and power density. The VTM provides
point-of-load, fixed ratio voltage transformation with extremely fast transient response and isolation to 2,250 Vdc.
38 – 55 V
12 V, 25 A
36 – 75 V
+12 V, 10 A
–12 V, 8 A
32,5
1.28
22,0
0.87
Typical Applications
6,73
0.265
mm
in
VTM Model
Input Voltage
Output Voltage
Output
Number*
Range
Range
Current Max.
Temp.
Package
(V)
(V)
(A)
Grade
V048F015T100
26 – 55
0.81 – 1.72
100
T
Full
VIV0102THJ
26 – 55
0.81 – 1.72
50
T
Half
V048F020T080
26 – 55
1.08 – 2.29
80
T
Full
VIV0103THJ
26 – 55
1.08 – 2.29
40
T
Half
V048F030T070
26 – 55
1.63 – 3.44
70
T
Full
V048F040T050
26 – 55
2.17 – 4.58
50
T
Full
VIV0104THJ
26 – 55
2.17 – 4.58
25
T
Half
V048F060T040
26 – 55
3.25 – 6.88
40
T
Full
VIV0105THJ
26 – 48
3.25 – 6.88
20
T
Half
V048F080T030
26 – 55
4.33 – 9.17
30
T
Full
V048F096T025
26 – 55
6.40 – 11.00
25
T
Full
V048F120T025
26 – 55
6.50 – 13.75
25
T
Full
VIV0101THJ
26 – 55
6.50 – 13.75
10
T
Half
V048F160T015
26 – 55
8.67 – 18.33
15
T
Full
V048F240T012
26 – 55
14.00 – 26.50
12
T
Full
V048F320T009
26 – 55
17.33 – 36.67
9
T
Full
V048F480T006
26 – 55
26.00 – 55.00
6
T
Full
PRM Model
Input Voltage
Ouput Voltage
Output
Output
Temp.
Number*
Nom.
Range
Range
Power Max.
Current Max.
Grade
Package
(V)
(V)
(V)
(W)
(A)
P024F048T12AL
24
18 - 36
26 - 55
120
2.5
T
Full
P036F048T12AL
36
18 - 60
26 - 55
120
2.5
T
Full
P045F048T17AL
45
38 – 55
26 – 55
170
3.5
T
Full
P045F048T32AL
45
38 - 55
26 – 55
320
6.67
T
Full
P048F048T12AL
48
36 – 75
26 – 55
120
2.5
T
Full
P048F048T24AL
48
36 - 75
26 – 55
240
5.0
T
Full
Figure 1 — Typical applications
22,0
0.87
16,5
0.65
*Full size models also available in through-hole and M grade.
Half–Chip
Full–Chip


Similar Part No. - P048F048T24AL

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
P048F048T24AL VICOR-P048F048T24AL Datasheet
408Kb / 14P
   VI Chip - PRM-AL Pre-Regulator Module
P048F048T24AL VICOR-P048F048T24AL Datasheet
544Kb / 15P
   VI Chip - PRM-AL Pre-regulator Module
P048F048T24AL VICOR-P048F048T24AL Datasheet
1Mb / 14P
   PRM Regulator
logo
Powerbox
P048F048T24AL POWERBOX-P048F048T24AL Datasheet
744Kb / 1P
   120-240W DC/DC PRE-REGULATOR MODULE PRELIMINARY
logo
Vicor Corporation
P048F048T24AL VICOR-P048F048T24AL_1 Datasheet
1Mb / 14P
   PRM Regulator
More results

Similar Description - P048F048T24AL

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PR024A480T012FP VICOR-PR024A480T012FP_1 Datasheet
287Kb / 2P
   PRM??Regulator and VTM??Current Multiplier Modules
MT036A011M100FP VICOR-MT036A011M100FP Datasheet
287Kb / 2P
   MIL-COTS PRM??Regulator and VTM??Current Multiplier Modules
V048F480T006 VICOR-V048F480T006 Datasheet
1Mb / 11P
   VTM Current Multiplier
V048F080T030 VICOR-V048F080T030 Datasheet
773Kb / 11P
   VTM Current Multiplier
VTD48EF120T025A00 VICOR-VTD48EF120T025A00 Datasheet
2Mb / 18P
   VTM Current Multiplier
VT048A160T015FP VICOR-VT048A160T015FP Datasheet
881Kb / 11P
   VTM??Current Multiplier
V048F015T100 VICOR-V048F015T100 Datasheet
1,013Kb / 11P
   VTM Current Multiplier
V048F030T070 VICOR-V048F030T070 Datasheet
892Kb / 11P
   VTM Current Multiplier
V048F120T025 VICOR-V048F120T025 Datasheet
1,022Kb / 11P
   VTM Current Multiplier
VT048A240T012FP VICOR-VT048A240T012FP Datasheet
747Kb / 11P
   VTM??Current Multiplier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com