Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX16998DAUA+ Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX16998DAUA+
Description  High-Voltage Watchdog Timers with Adjustable Timeout Delay
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16998DAUA+ Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX16998DAUA+ Datasheet HTML 5Page - Maxim Integrated Products MAX16998DAUA+ Datasheet HTML 6Page - Maxim Integrated Products MAX16998DAUA+ Datasheet HTML 7Page - Maxim Integrated Products MAX16998DAUA+ Datasheet HTML 8Page - Maxim Integrated Products MAX16998DAUA+ Datasheet HTML 9Page - Maxim Integrated Products MAX16998DAUA+ Datasheet HTML 10Page - Maxim Integrated Products MAX16998DAUA+ Datasheet HTML 11Page - Maxim Integrated Products MAX16998DAUA+ Datasheet HTML 12Page - Maxim Integrated Products MAX16998DAUA+ Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
High-Voltage Watchdog Timers with
Adjustable Timeout Delay
_______________________________________________________________________________________
9
Detailed Description
The MAX16997/MAX16998 are µP supervisory circuits
for high-input-voltage and low-quiescent-current appli-
cations. These devices improve system reliability by
monitoring the sub-system for software code execution
errors. The MAX16997A/MAX16998A/B/D detect down-
stream circuit failures, and provide switchover to
redundant circuitry. These devices provide complete
adjustability for reset and watchdog functions.
The MAX16998A/B/D generate two output signals,
RESET and ENABLE, that depend on the voltage level
at RESETIN and the signal at WDI. RESET asserts
whenever RESETIN drops below the selected reset
threshold voltage. RESET remains low for the reset
timeout period after all reset conditions are deasserted,
and then goes high. RESET also asserts for a period of
tRESET whenever a WDI fault occurs. The MAX16997A
generates one output signal (ENABLE) based on the
voltage level at EN and the signal at WDI.
The MAX16997A/MAX16998A provide watchdog time-
out adjustability with an external capacitor. The
MAX16998A asserts RESET when two consecutive WDI
falling edges do not occur within the watchdog timeout
period. This device also asserts ENABLE if three con-
secutive watchdog timeout periods have elapsed with-
out a falling edge at WDI. ENABLE remains low until
three consecutive good WDI falling edges occur.
ENABLE does not assert if the voltage at RESETIN (EN)
is below its threshold. For the MAX16997A, the watch-
dog timer starts timing if the voltage at EN is higher
than a preset threshold level. Each time the voltage at
EN rises from below to above the preset threshold volt-
age, the initial watchdog timeout period is 8 times the
normal watchdog timeout period (tWP). Other than
described above, the MAX16997A behaves the same
as the MAX16998A.
The MAX16998B/MAX16998D contain a window watch-
dog timer that looks for activity outside an expected
window of operation. The window size is factory-set to
50% (MAX16998B) or 75% (MAX16998D) of the adjust-
ed watchdog timeout period.
Reset Output (
RESET) (MAX16998A/B/D)
The reset output is typically connected to the reset
input of the µC to start or restart it in a known state. The
MAX16998A/B/D provide an active-low open-drain
reset logic to prevent code execution errors.
For the MAX16998A/B/D, RESET asserts whenever
RESETIN drops below the selected reset threshold volt-
age (VPON). RESET remains low for the reset timeout
period after RESETIN exceeds the selected threshold
voltage, and then goes high.
The MAX16998A asserts RESET for a period of tRESET
when two consecutive WDI falling edges do not occur
within the adjusted watchdog timeout period. The
MAX16998B/D also assert RESET for a period of tRESET
when a WDI falling edge does not occur within the
open window period.
Anytime reset asserts, the watchdog timer clears. At
the end of the reset timeout period, RESET goes high,
and the watchdog timer is restarted from zero (see the
Selecting the Watchdog Timeout Capacitor section).
Enable Output (
ENABLE)
If the µC fails to operate correctly (e.g., the software
execution is stuck in a loop), WDI does not trigger any
more and RESET pulls low, resetting the µC. If the µC
does not work properly in the next loop either, the
device asserts RESET again. After three watchdog
timeout periods elapse with no falling edges at WDI,
ENABLE asserts and flags a backup circuit that can
take over the operation.
ENABLE remains low until three consecutive WDI
falling edges with periods shorter than the watchdog
timeout occur. ENABLE does not assert if the voltage at
RESETIN (EN) is below its threshold. These devices are
guaranteed to be in correct ENABLE output logic state
when VIN remains greater than 1.1V.
Power-On/Power-Off Sequence
Figure 5 shows the power-up and power-down
sequence
for
RESET and ENABLE for the
MAX16998A/B/D.
On power-up, once VIN reaches 1.1V, RESET goes
logic-low. As RESETIN rises, RESET remains low. When
RESETIN rises above VPON, the reset timer starts and
RESET remains low. When the reset timeout period
ends, RESET goes high.
On power-down, once RESETIN goes below VPON,
RESET goes low and remains low until VIN drops below
1.1V. Figure 6 shows the detailed power-up sequence
for the MAX16998A/B/D.


Similar Part No. - MAX16998DAUA+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16990 MAXIM-MAX16990 Datasheet
1Mb / 19P
   Boost/SEPIC Controllers
Rev 3; 7/13
MAX16990 MAXIM-MAX16990 Datasheet
462Kb / 10P
   3V to 36V, 10A DC power supply
Rev 0; 9/13
MAX16990ATCC MAXIM-MAX16990ATCC Datasheet
1Mb / 21P
   36V, 2.5MHz Automotive Boost SEPIC Controllers
Rev 6; 8/15
MAX16990ATCC/V++ MAXIM-MAX16990ATCC/V+ Datasheet
1Mb / 21P
   36V, 2.5MHz Automotive Boost/ SEPIC Controllers
2021
MAX16990ATCD MAXIM-MAX16990ATCD Datasheet
1Mb / 21P
   36V, 2.5MHz Automotive Boost SEPIC Controllers
Rev 6; 8/15
More results

Similar Description - MAX16998DAUA+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6746 MAXIM-MAX6746_11 Datasheet
176Kb / 14P
   μP Reset Circuits with Capacitor-Adjustable Reset/Watchdog Timeout Delay
Rev 6; 4/11
MAX6747KA46-T MAXIM-MAX6747KA46-T Datasheet
176Kb / 14P
   μP Reset Circuits with Capacitor-Adjustable Reset/Watchdog Timeout Delay
Rev 6; 4/11
MAX6746 MAXIM-MAX6746_10 Datasheet
159Kb / 14P
   uP Reset Circuits with Capacitor-Adjustable Reset/Watchdog Timeout Delay
Rev 4; 9/10
MAX6753KA29-T MAXIM-MAX6753KA29-T Datasheet
176Kb / 14P
   μP Reset Circuits with Capacitor-Adjustable Reset/Watchdog Timeout Delay
Rev 6; 4/11
MAX6746 MAXIM-MAX6746 Datasheet
214Kb / 14P
   UP Reset Circuits with Capacitor-Adjustable Reset/Watchdog Timeout Delay
19-2530; Rev 2; 8/03
logo
Torex Semiconductor
XC6130 TOREX-XC6130 Datasheet
501Kb / 30P
   Watchdog Timeout Period Externally Adjustable Voltage Detector
logo
Maxim Integrated Produc...
MAX6746 MAXIM-MAX6746_V01 Datasheet
1Mb / 16P
   關P Reset Circuits with Capacitor-Adjustable Reset/Watchdog Timeout Delay
2019
logo
Torex Semiconductor
XD6130 TOREX-XD6130 Datasheet
1Mb / 30P
   Watchdog Timeout Period Externally Adjustable Voltage Detector
logo
SG Micro Corp
SGM804 SGMICRO-SGM804 Datasheet
264Kb / 11P
   Capacitor-Adjustable Reset Timeout Delay
SGM800 SGMICRO-SGM800 Datasheet
280Kb / 11P
   Capacitor-Adjustable Reset Timeout Delay
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com