Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX17017 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX17017
Description  Quad-Output Controller for Low-Power Architecture
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17017 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX17017 Datasheet HTML 1Page - Maxim Integrated Products MAX17017 Datasheet HTML 2Page - Maxim Integrated Products MAX17017 Datasheet HTML 3Page - Maxim Integrated Products MAX17017 Datasheet HTML 4Page - Maxim Integrated Products MAX17017 Datasheet HTML 5Page - Maxim Integrated Products MAX17017 Datasheet HTML 6Page - Maxim Integrated Products MAX17017 Datasheet HTML 7Page - Maxim Integrated Products MAX17017 Datasheet HTML 8Page - Maxim Integrated Products MAX17017 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
Quad-Output Controller for
Low-Power Architecture
_______________________________________________________________________________________
5
ELECTRICAL CHARACTERISTICS (continued)
(Circuit of Figure 1 (step-down), VINLDO = 12V, VINA = VINBC = VDD = VCC = VBYP = VCSPA = VCSNA = 5V, VIND = 1.8V, VSHDN =
VONA = VONB = VONC = VOND = 5V, IREF = ILDO5 = IOUTD = no load, FREQ = GND, UP/DN = VCC, TA = 0°C to +85°C, unless other-
wise noted. Typical values are at TA = +25°C.) (Note 1)
TA = 0°C to +85°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
REGULATOR B (Internal 3A Step-Down Converter)
FBB Regulation Voltage
ILXB = 0% duty cycle (Note 2)
0.747
0.755
0.762
V
FBB Regulation Voltage (Overload)
VFBB
ILXB = 0 to 2.5A, 0% duty cycle (Note 2)
0.720
0.762
V
FBB Load Regulation
ΔVFBB/ΔILXB ILXB = 0 to 2.5A
-5
mV/A
FBB Line Regulation
0 to 100% duty cycle
7
8
10
mV
FBB Input Current
IFBB
TA = +25°C
-100
-5
+100
nA
High-side n-channel
75
150
Internal MOSFET On-Resistance
Low-side n-channel
40
80
m
Ω
LXB Peak Current Limit
IPKB
3.0
3.45
4.0
A
LXB Idle-Mode Trip Level
IIDLEB
0.8
A
LXB Zero-Crossing Trip Level
IZXB
100
mA
LXB Leakage Current
ILXB
ONB = GND, VLXB = GND or 5V;
VINBC = 5V at TA = +25°C
-20
+20
μA
REGULATOR C (Internal 5A Step-Down Converter)
FBC Regulation Voltage
ILXC = 0A, 0% duty cycle (Note 2)
0.747
0.755
0.762
V
FBC Regulation Voltage (Overload)
VFBC
ILXC = 0 to 4A, 0% duty cycle (Note 2)
0.710
0.762
V
FBC Load Regulation
ΔVFBC/ΔILXC ILXC = 0 to 4A
-7
mV/A
FBC Line Regulation
0 to 100% duty cycle
12
14
16
mV
FBC Input Current
IFBC
TA = +25°C
-100
-5
+100
nA
High-side n-channel
50
100
Internal MOSFET On-Resistance
Low-side n-channel
25
40
m
Ω
LXC Peak Current Limit
IPKC
5.0
5.75
6.5
A
LXC Idle-Mode Trip Level
IIDLEC
1.2
A
LXC Zero-Crossing Trip Level
IZXC
100
mA
LXC Leakage Current
ILXC
ONC = GND, VLXC = GND or 5V;
VINBC = 5V at TA = +25°C
-20
+20
μA
REGULATOR D (Source/Sink Linear Regulator and VTTR Buffer)
IND Input Voltage Range
VIND
1
2.8
V
IND Supply Current
OND = VCC
10
50
μA
IND Shutdown Current
OND = GND, TA = +25°C
10
μA
REFIND Input Range
0.5
1.5
V
REFIND Input Bias Current
VREFIND = 0 to 1.5V, TA = +25°C
-100
+100
nA
OUTD Output Voltage Range
VOUTD
0.5
1.5
V
VFBD with respect to VREFIND, OUTD =
FBD, IOUTD = +50μA (source load)
-10
0
FBD Output Accuracy
VFBD
VFBD with respect to VREFIND,
OUTD = FBD, IOUTD = -50μA (sink load)
0
+10
mV
FBD Load Regulation
IOUTD = ±1A
-17
-13
mV/A


Similar Part No. - MAX17017

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17010 MAXIM-MAX17010 Datasheet
283Kb / 17P
   Internal-Switch Boost Regulator with Integrated High-Voltage Level Shifter and Op Amp
Rev 0; 3/07
MAX17010 MAXIM-MAX17010 Datasheet
182Kb / 10P
   Eight 30V to -10V High-Voltage Level-Shifting Buffers
Rev 0; 7/07
MAX17010ETL++ MAXIM-MAX17010ETL+ Datasheet
283Kb / 17P
   Internal-Switch Boost Regulator with Integrated High-Voltage Level Shifter and Op Amp
Rev 0; 3/07
MAX17010EVKIT MAXIM-MAX17010EVKIT Datasheet
182Kb / 10P
   Eight 30V to -10V High-Voltage Level-Shifting Buffers
Rev 0; 7/07
MAX17010EVKIT++ MAXIM-MAX17010EVKIT+ Datasheet
182Kb / 10P
   Eight 30V to -10V High-Voltage Level-Shifting Buffers
Rev 0; 7/07
More results

Similar Description - MAX17017

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-4000 AVAGO-ADNS-4000 Datasheet
272Kb / 30P
   Low Power Architecture
logo
Intersil Corporation
ISL62386 INTERSIL-ISL62386 Datasheet
445Kb / 20P
   High-Efficiency, Quad Output System Power Supply Controller for Notebook Computers
logo
Renesas Technology Corp
ISL62386 RENESAS-ISL62386 Datasheet
929Kb / 20P
   High-Efficiency, Quad Output System Power Supply Controller for Notebook Computers
logo
Maxim Integrated Produc...
MAX5935 MAXIM-MAX5935 Datasheet
706Kb / 10P
   Quad Network Power Controller for Power-Over-LAN
19-3412; Rev 3; 5/07
MAX5945 MAXIM-MAX5945 Datasheet
572Kb / 44P
   Quad Network Power Controller for Power-Over-LAN
Rev 1; 9/05
logo
Xilinx, Inc
DS105 XILINX-DS105 Datasheet
106Kb / 4P
   Low-power segmented routing architecture
logo
National Semiconductor ...
LMV242 NSC-LMV242 Datasheet
560Kb / 16P
   Dual Output, Quad-Band GSM/GPRS Power Amplifier Controller
logo
Semtech Corporation
SC1402 SEMTECH-SC1402 Datasheet
270Kb / 18P
   Multi-Output, Low-Noise Power Supply Controller for Notebook Computers
logo
Intersil Corporation
ISL62381 INTERSIL-ISL62381 Datasheet
472Kb / 23P
   High-Efficiency, Quad or Triple-Output System Power Supply Controller for Notebook Computers
logo
Renesas Technology Corp
ISL62381 RENESAS-ISL62381 Datasheet
1Mb / 24P
   High-Efficiency, Quad or Triple-Output System Power Supply Controller for Notebook Computers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com