Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX17083 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX17083
Description  Low-Voltage, Internal Switch, Step-Down Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17083 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX17083 Datasheet HTML 2Page - Maxim Integrated Products MAX17083 Datasheet HTML 3Page - Maxim Integrated Products MAX17083 Datasheet HTML 4Page - Maxim Integrated Products MAX17083 Datasheet HTML 5Page - Maxim Integrated Products MAX17083 Datasheet HTML 6Page - Maxim Integrated Products MAX17083 Datasheet HTML 7Page - Maxim Integrated Products MAX17083 Datasheet HTML 8Page - Maxim Integrated Products MAX17083 Datasheet HTML 9Page - Maxim Integrated Products MAX17083 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Low-Voltage, Internal Switch,
Step-Down Regulator
6
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(Circuit of Figure 1, VIN = 5V, VOUT = 1.1V, FREQ = open. TA = +25°C, unless otherwise noted.)
REGULATOR SHUTDOWN WAVEFORM
MAX17083 toc08
100
μs/div
IL
OUT
POK
EN
LX
EN: 5V/div
OUT: 1V/div
POK: 2V/div
RLOAD = 0.55
Ω
IL: 2A/div
LX: 5V/div
REGULATOR LOAD TRANSIENT
MAX17083 toc09
20
μs/div
IL
OUT
IOUT
LX
EN = high, VIN = VBIAS = 5V,
VOUT = 1.1V, 750kHz,
LOAD TRANSIENT IS FROM 1A TO 4A
LX: 5V/div
IL: 2A/div
IOUT: 2A/div
OUTPUT VOLTAGE DISTRIBUTION
SET = GND (FB = 0.754V)
OUTPUT VOLTAGE (V)
30
35
40
25
20
15
10
5
0
TA = +85
°C
TA = +25
°C
SAMPLE SIZE = 100
LOAD REGULATION DISTRIBUTION
LOAD REGULATION (mV/A)
30
35
40
25
20
15
10
5
0
TA = +85
°C
TA = +25
°C
SAMPLE SIZE = 100
PEAK CURRENT-LIMIT DISTRIBUTION
PEAK CURRENT LIMIT (A)
25
20
15
10
5
0
TA = +85
°C
TA = +25
°C
SAMPLE SIZE = 100


Similar Part No. - MAX17083

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17083 MAXIM-MAX17083 Datasheet
186Kb / 7P
   5A Output Current
Rev 0; 5/09
MAX17083EVKIT MAXIM-MAX17083EVKIT Datasheet
186Kb / 7P
   5A Output Current
Rev 0; 5/09
MAX17083EVKIT++ MAXIM-MAX17083EVKIT+ Datasheet
186Kb / 7P
   5A Output Current
Rev 0; 5/09
More results

Similar Description - MAX17083

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1515 MAXIM-MAX1515 Datasheet
489Kb / 24P
   Low-Voltage, Internal Switch, Step-Down/DDR Regulator
Rev 1; 3/06
MAX8723 MAXIM-MAX8723 Datasheet
41Kb / 1P
   Low-Cost, Internal-Switch, Step-Down Regulator for LCD Displays
Rev 0; 3/06
MAX1536 MAXIM-MAX1536 Datasheet
369Kb / 19P
   3.6A, 1.4MHz, Low-Voltage, Internal-Switch Step-Down Regulator with Dynamic Output Voltage Control
Rev 1; 8/05
MAX8566 MAXIM-MAX8566 Datasheet
285Kb / 21P
   High-Efficiency, 10A, PWM Internal-Switch Step-Down Regulator
Rev 0; 6/05
MAX8566 MAXIM-MAX8566_09 Datasheet
288Kb / 20P
   High-Efficiency, 10A, PWM Internal-Switch Step-Down Regulator
Rev 1; 2/09
MAX1623 MAXIM-MAX1623_V01 Datasheet
242Kb / 12P
   3A, Low-Voltage, Step-Down Regulator with Synchronous Rectification and Internal Switches
2002
MAX1623 MAXIM-MAX1623 Datasheet
164Kb / 12P
   3A, Low-Voltage, Step-Down Regulator with Synchronous Rectification and Internal Switches
19-1436; Rev 1; 9/99
MAX1644EAE-T MAXIM-MAX1644EAE-T Datasheet
170Kb / 11P
   2A, Low-Voltage, Step-Down Regulator with Synchronous Rectification and Internal Switches
Rev 3; 8/05
MAX1644 MAXIM-MAX1644_V01 Datasheet
170Kb / 11P
   2A, Low-Voltage, Step-Down Regulator with Synchronous Rectification and Internal Switches
2005
MAX15035 MAXIM-MAX15035 Datasheet
575Kb / 27P
   15A Step-Down Regulator with Internal Switches
Rev 2; 10/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com