Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V375B12T200BG2 Datasheet(PDF) 4 Page - Vicor Corporation

Part # V375B12T200BG2
Description  375V Input Mini Family DC-DC Converter Module
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

V375B12T200BG2 Datasheet(HTML) 4 Page - Vicor Corporation

  V375B12T200BG2 Datasheet HTML 1Page - Vicor Corporation V375B12T200BG2 Datasheet HTML 2Page - Vicor Corporation V375B12T200BG2 Datasheet HTML 3Page - Vicor Corporation V375B12T200BG2 Datasheet HTML 4Page - Vicor Corporation V375B12T200BG2 Datasheet HTML 5Page - Vicor Corporation V375B12T200BG2 Datasheet HTML 6Page - Vicor Corporation V375B12T200BG2 Datasheet HTML 7Page - Vicor Corporation V375B12T200BG2 Datasheet HTML 8Page - Vicor Corporation V375B12T200BG2 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Vicor Corp. Tel: 800-735-6200, 978-470-2900 Fax: 978-475-6715
375V Mini Family
Rev. 8.4
Page 4 of 13
Set your site on VICOR at vicorpower.com
Parameter
Min
Typ
Max
Unit
Notes
Efficiency
73.6
74.6
%
Nominal input; full load; 25°C
Ripple and noise
100
125
mV
p-p; Nominal input; full load; 20 MHz bandwith
Output OVP setpoint
2.7
2.8
2.9
Volts
25°C; recycle input voltage to restart (>100 ms off)
Dissipation, standby
5.1
5.3
Watts
No load
Load regulation
±0.02
±0.3
%
No load to full load; nominal input
Load current
0
50
Amps
Current limit
51
57.5
70
Amps
Output voltage 95% of nominal
Short circuit current
35
57.5
70
Amps
Output voltage <250 mV
MODULE SPECIFIC OPERATING SPECIFICATIONS
2 Vout, 100 W (e.g. V375B2C100BL)
Parameter
Min
Typ
Max
Unit
Notes
Efficiency
77.9
79.2
%
Nominal input; full load; 25°C
Ripple and noise
108
135
mV
p-p; Nominal input; full load; 20 MHz bandwith
Output OVP setpoint
4.14
4.3
4.46
Volts
25°C; recycle input voltage to restart (>100 ms off)
Dissipation, standby
3.8
5.5
Watts
No load
Load regulation
±0.02
±0.2
%
No load to full load; nominal input
Load current
0
30.3
Amps
Current limit
30.9
34.8
41
Amps
Output voltage 95% of nominal
Short circuit current
17.4
34.8
41
Amps
Output voltage <250 mV
3.3 Vout, 100 W (e.g. V375B3V3C100BL)
Parameter
Min
Typ
Max
Unit
Notes
Efficiency
77.5
79
%
Nominal input; full load; 25°C
Ripple and noise
100
125
mV
p-p; Nominal input; full load; 20 MHz bandwith
Output OVP setpoint
4.14
4.3
4.46
Volts
25°C; recycle input voltage to restart (>100 ms off)
Dissipation, standby
5.1
7.7
Watts
No load
Load regulation
±0.02
±0.2
%
No load to full load; nominal input
Load current
0
45.45
Amps
Current limit
45.5
53.8
63.7
Amps
Output voltage 95% of nominal
Short circuit current
31.8
54.5
63.7
Amps
Output voltage <250 mV
3.3 Vout, 150 W (e.g. V375B3V3C150BL)
Parameter
Min
Typ
Max
Unit
Notes
Efficiency
82
83.4
%
Nominal input; full load; 25°C
Ripple and noise
120
150
mV
p-p; Nominal input; full load; 20 MHz bandwith
Output OVP setpoint
6.03
6.25
6.47
Volts
25°C; recycle input voltage to restart (>100 ms off)
Dissipation, standby
5.5
6.5
Watts
No load
Load regulation
±0.02
±0.2
%
No load to full load; nominal input
Load current
0
30
Amps
Current limit
30.6
34.5
40.5
Amps
Output voltage 95% of nominal
Short circuit current
21
34.5
40.5
Amps
Output voltage <250 mV
5 Vout, 150 W (e.g. V375B5C150BL)
Parameter
Min
Typ
Max
Unit
Notes
Efficiency
82
83
%
Nominal input; full load; 25°C
Ripple and noise
110
138
mV
p-p; Nominal input; full load; 20 MHz bandwith
Output OVP setpoint
6.03
6.25
6.47
Volts
25°C; recycle input voltage to restart (>100 ms off)
Dissipation, standby
5.4
8.1
Watts
No load
Load regulation
±0.02
±0.2
%
No load to full load; nominal input
Load current
0
40
Amps
Current limit
40.8
46
52
Amps
Output voltage 95% of nominal
Short circuit current
28
46
52
Amps
Output voltage <250 mV
5 Vout, 200 W (e.g. V375B5C200BL)


Similar Part No. - V375B12T200BG2

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V375B12T200A VICOR-V375B12T200A Datasheet
183Kb / 8P
   375Vin / 5Vout / 200Watts DC-DC Converter Module
More results

Similar Description - V375B12T200BG2

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V375C12T150BL2 VICOR-V375C12T150BL2 Datasheet
507Kb / 13P
   375V Input Micro Family DC-DC Converter Module
V375A12T600BL2 VICOR-V375A12T600BL2 Datasheet
596Kb / 15P
   375V Input Maxi Family DC-DC Converter Module
V48B12T250BL2 VICOR-V48B12T250BL2 Datasheet
583Kb / 11P
   48V Input Mini Family DC-DC Converter Module
V72B24C250BL VICOR-V72B24C250BL Datasheet
598Kb / 11P
   72V Input Mini Family DC-DC Converter Module
V150B24C250BL VICOR-V150B24C250BL Datasheet
600Kb / 13P
   150V Input Mini Family DC-DC Converter Module
V300B12T250BL2 VICOR-V300B12T250BL2 Datasheet
588Kb / 13P
   300V Input Mini Family DC-DC Converter Module
V110B24C200BL VICOR-V110B24C200BL Datasheet
600Kb / 13P
   110V Input Mini Family DC-DC Converter Module
V24B12T200BL2 VICOR-V24B12T200BL2 Datasheet
575Kb / 13P
   24V Input Mini Family DC-DC Converter Module
V48B15C250A VICOR-V48B15C250A Datasheet
329Kb / 8P
   48V Input Mini Family DC-DC Converter Module
V28B28C150BL VICOR-V28B28C150BL Datasheet
769Kb / 11P
   Mini Family 28V Wide Input DC-DC Converter Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com